Part Number Hot Search : 
B0565 HD7485P TA25A 42S16 TKV20A 10140 08151 10140
Product Description
Full Text Search
 

To Download 0029110032 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0029110032 Active
spox 2.50mm (.098") Pitch SPOXTM Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting Ears, 3 Circuits
Documents: 3D Model Drawing (PDF) Product Specification PS-5102-003 (PDF)
Product Specification PS-51191-003 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
Agency Certification
CSA TUV UL LR19980 R72090224 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Overview Product Name Crimp Housings 5240 spox SPOXTM
Physical
Circuits (maximum) Flammability Gender Glow-Wire Compliant Lock to Mating Part Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating 3 94V-0 Male No Yes 1 Bag No, Yes 0.098 In 2.50 mm No -40C to +105C
Search Parts in this Series 5240Series Mates With 51191 Housing
Material Info
Old Part Number 5240-03
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing SPK-5240-001 PS-5102-003, PS-51191-003 SD-5240-001
Use With 5241
This document was generated on 06/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0029110032

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X