Part Number Hot Search : 
MSM63182 C2310 1EZ12 28600 TDA7385 ASI10 PC0802 SD103
Product Description
Full Text Search
 

To Download 0022023123 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0022023123 Active
2.54mm (.100") Vertical, Non-ZIF, Low Profile Receptacle, 12 Circuits
Agency Certification
UL E29179
General
Product Family Series Overview Product Name FFC/FPC Connectors 5229 ffc_fpc_throughhole N/A
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Contact Position Entry Angle Flammability Mated Height (in) Mated Height (mm) Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire/Cable Type 12 N/A Vertical 94V-0 0.256 In 6.50 mm 1 Vertical 0.142 In 3.60 mm None Tray 0.100 In 2.54 mm No No No -40C to +105C Through Hole FFC/FPC
Search Parts in this Series 5229Series
Electrical
Current - Maximum per Contact Voltage - Maximum 0.5A, 1A 200V
Material Info
Old Part Number 5229-12CPB
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing SPK-5229-001 PS-5229-001, PS-5229-002, PS-5229-005, PS-5229-006, PS-5229-007 SD-5229-NCPB
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0022023123

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X