|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/20/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: Documents: 3D Model Drawing (PDF) 0015921500 Active 1.27mm (.050") Pitch EBBITM 50D Receptacle, Vertical, 100 Circuits Product Specification PS-71660 (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA UL LR19980 E29179 image - Reference only Series General Product Family Series Application Product Name PCB Receptacles 71660 Board-to-Board EBBITM Physical Circuits (Loaded) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Temperature Range - Operating Termination Interface: Style 100 Black 2,000 94V-0 No Yes Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Vertical 0.110 In 2.79 mm Yes Yes 0.062 In 1.60 mm Tray 0.050 In 1.27 mm 30 0.75 10 0.25 Yes -40C to +105C Through Hole EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 71660Series Mates With 71661 Electrical Current - Maximum per Contact Voltage - Maximum 1A 30V Solder Process Data Lead-free Process Capability Process Temperature max. C SMC & Wave Capable (TH only) 260 Material Info Old Part Number A-71660-1400 Reference - Drawing Numbers Product Specification Sales Drawing PS-71660 SDA-71660-1***, SDA-71660-1**** This document was generated on 04/20/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0015921500 |