Part Number Hot Search : 
HCT00 215630P MB100 C03GV HV7131R PI6C2302 VB922 102M6
Product Description
Full Text Search
 

To Download WSLP1206R0100DEA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WSLP1206
Vishay Dale
Power Metal Strip(R) Resistors, Very High Power (1 W) Low Value (down to 0.001 ), Surface Mount
FEATURES
* Very high power to foot print size ratio (1 W in 1206 package) * Ideal for all types of current sensing and pulse applications including switching and linear power supplies, instruments, power amplifiers and shunts * Proprietary processing technique produces extremely low resistance values (down to 0.001 ) * All welded construction * Solid metal Nickel-Chrome or Manganese-Copper alloy resistive element with low TCR (< 20 ppm/C) * Very low inductance 0.5 nH to 5 nH * Excellent frequency response to 50 MHz * Low thermal EMF (< 3 V/C) * Compliant to RoHS directive 2002/95/EC
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL MODEL POWER RATING P70 C W 1.0 RESISTANCE RANGE 0.5 % 0.01 to 0.05 1.0 % 0.001 to 0.05 WEIGHT (typical) g/1000 pieces 16.2
WSLP1206
TECHNICAL SPECIFICATIONS
PARAMETER Temperature Coefficient Operating Temperature Range Maximum Working Voltage Note * Part Marking: Value UNIT ppm/C C V WSLP 1206 275 for 1 m to 2.9 m, 150 for 3 m to 4.9 m 110 for 5 m to 6.9 m, 75 for 7 m to 50 m - 65 to + 170 (P x R)1/2
GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBERING: WSLP1206R0100FEA
W
S
L
P
1
2
0
6
R
0
1
0
0
F
E
A
SPECIAL Reserved for future specials
GLOBAL MODEL WSLP1206
RESISTANCE VALUE L = m* R = Decimal 4L000 = 0.004 R0100 = 0.01 * use "L" for resistance values < 0.01
TOLERANCE CODE D = 0.5 % F = 1.0 %
PACKAGING CODE EA = Lead (Pb)-free, tape/reel EK = Lead (Pb)-free, bulk
** Please see document "Vishay Material Category Policy": www.vishay.com/doc?99902 www.vishay.com 10 For technical questions, contact: ww2bresistors@vishay.com Document Number: 30122 Revision: 26-Mar-09
WSLP1206
Power Metal Strip(R) Resistors, Very High Power (1 W) Low Value (down to 0.001 ), Surface Mount
DIMENSIONS
H l W T L a b
Vishay Dale
MODEL
RESISTANCE RANGE () 0.001 to 0.0019
DIMENSIONS in inches [millimeters] L 0.126 0.010 [3.2 0.254] 0.126 0.010 [3.2 0.254] 0.126 0.010 [3.2 0.254] W 0.063 0.010 [1.6 0.254] 0.063 0.010 [1.6 0.254] 0.063 0.010 [1.6 0.254] H 0.025 0.010 [0.635 0.254] 0.025 0.010 [0.635 0.254] 0.025 0.010 [0.635 0.254] T 0.041 0.010 [1.04 0.254] 0.025 0.010 [0.635 0.254] 0.020 0.010 [0.508 0.254]
WSLP1206
0.002 to 0.0059 0.006 to 0.050 RESISTANCE RANGE () 0.001 to 0.05
Rated Power in %
120
MODEL WSLP1206
SOLDER PAD DIMENSIONS in inches [millimeters] a 0.062 [1.57] b 0.070 [1.78] l 0.030 [0.76]
100 80
60
40 20
0 - 65 - 50
- 25
0
25
50
75
100
125
150
170
Derating
PERFORMANCE
TEST Thermal Shock Low Temperature Operation High Temperature Exposure Bias Humidity Mechanical Shock Vibration Load Life Resistance to Solder Heat Moisture Resistance - 65 C for 45 min 1000 h at + 170 C + 85 C, 85 % RH, 10 % Bias, 1000 h 100 g's for 6 ms, 5 pulses
70 Ambient Temperature in C
CONDITIONS OF TEST - 55 C to + 150 C, 1000 cycles, 15 min at each extreme
TEST LIMITS (0.5 % + 0.0005 ) R (0.5 % + 0.0005 ) R (1.0 % + 0.0005 ) R (0.5 % + 0.0005 ) R (0.5 % + 0.0005 ) R (0.5 % + 0.0005 ) R (1.0 % + 0.0005 ) R (0.5 % + 0.0005 ) R (0.5 % + 0.0005 ) R
Frequency varied 10 Hz to 2000 Hz in 1 min, 3 directions, 12 h 1000 h at 70 C, 1.5 h "ON", 0.5 h "OFF" + 260 C Solder, 10 s to 12 s dwell, 25 mm/s emergence MIL-STD-202, Method 106, 0 % power, 7b not required
PACKAGING
MODEL WSLP1206 REEL TAPE WIDTH 8 mm/Embossed Plastic DIAMETER 178 mm/7" PIECES/REEL 4000 CODE EA
Note * Embossed Carrier Tape per EIA-481-2 Document Number: 30122 Revision: 26-Mar-09 For technical questions, contact: ww2bresistors@vishay.com www.vishay.com 11
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of WSLP1206R0100DEA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X