Part Number Hot Search : 
JANTX1N WM2625 1N4982D 60204 CS8430 SP707EU 030000 6204A12
Product Description
Full Text Search
 

To Download VEM8GT3-38880-25-30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
8 pin DIL industry-standard, hermetically-sealed package Wide frequency range: 1.25MHz to 156.0MHz Supply voltage 2.8, 3.0, 3.3 or 5.0 Volts Frequency stability from 1ppm over -30 to +75C RoHS compliant
EM8GT Series TCXO
HCMOS, 8 pin DIL, MHz Range
EM8GT - OUTLINES AND DIMENSIONS DESCRIPTION EM8GT series TCXOs are packaged in the industry-standard 8 pin DIL package. With squarewave (CMOS) output, tolerances are available from 1.0ppm over -30 to +75C. The part has a 0.01mF decoupling capacitor built in. SPECIFICATION Product Series Code TCXO: VCTCXO: Frequency Range: Output Waveform: Initial Calibration Tolerance: Standard Frequencies: EM8GT VEM8GT 1.25MHz to 156.0MHz Squarewave, HCMOS <1.0ppm at +252C 10.0, 12.8, 13.0, 14.4, 15.36, 16.384, 19.2, 19.440, 19.68, 25.0, 20.0, 27.0, 38.880, 40.0, 77.760, 125.0, 155.520 (Partial list) See table 1.0 ppm max. first year 0.3 ppm max. 5% change 0.3 ppm max. 10% change 1.0ppm max. for one reflow (Measured after 24 hours) 3ppm minimum +2.8, +3.0, +3.3 or +5.0V (See table) Logic High: 90% Vdd min. Logic Low: 10% Vdd max. 10ns max. 50%10% standard, 50%5% option 5ms typical, 10ms max. See table below 15pF -55~+125C
Operating Temperature Range: Frequency Stability vs. Ageing: vs. Voltage Change: vs. Load Change: vs. Reflow (SMD type): Mechanical Frequency Tuning: Supply Voltage: Output Logic Levels: Rise and Fall Times: Duty Cycle: Start-up Time: Current Consumption: Output Load: Storage Temperature:
INPUT VOLTAGE & CURRENT CONSUMPTION
Input Voltage/ Frequency 8.192MHz 10.0MHz 77.760MHz 155.520MHz +2.8V 2mA 3mA 14mA 26mA +3.0 +3.3V 2mA 4mA 17mA 35mA +5.0 V 5mA 7mA 32mA 50mA
SSB PHASE NOISE at 25C FREQUENCY STABILITY
Frequency Stability (ppm) 0 ~ +50 -10 ~ +60 Temperature Range (C) -20 ~ +70 -30 ~ +75 -40 ~ +85 P 0.5 ASK x x x x 1.0 P P x x x 1.5 P P P x x 2.0 P P P P x 2.5 P P P PP P Part = EM8GT33 Offset at 10.0Mhz (dBc/Hz) at 155.250Mhz (dBc/Hz) 10Hz -115 -72 100Hz -135 -110 1kHz -148 -125 10kHz -152 -132 100kHz -155 -125
PART NUMBERING SCHEDULE Example:
= available, x = not available, ASK = call Technical Sales
EM8GT33-38.880-2.5/-30+75
VEM8GT VOLTAGE CONTROL SPECIFICATION Control Voltage: Standard = +1.51.0Volts for all input voltages. (Contact technical sales if +2.52.0 Volts is required.) Frequency Deviation: 6.0 ppm min. (Vcon = +4.5V1.0V) Slope Polarity: Positive (increase of control voltage increases output frequency.) Input Impedance: 50k minimum Modulation Bandwidth: 20kHz minimum Linearity: 10% maximum
Series Description TCXO = EM8GT VCTCXO = VEM8GT Supply Voltage 28 = 2.8VDC 3 = 3.0VDC 33 = 3.3 VDC 5 = 5.0 VDC Frequency (MHz) Stability over OTR (ppm) Operating Temperature Range (OTR) (C) Lower and upper limits.
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of VEM8GT3-38880-25-30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X