Part Number Hot Search : 
10A00 10MHZ F1100 SKY77404 SP805TCP A3010 698115KB UM810BP
Product Description
Full Text Search
 

To Download TPSPA-1040C-101M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
TPSPA High Saturation Power Inductors
SMT High Saturation Power Inductors
Token Power Inductor Enhances Low DCR High Saturation Current With Up To 1MHz High Frequency
Preview Token Electronics has added two new ranges of low-profile wirewound chip inductors, TPSME3010 and TPSME3015, for use in DC-DC converter applications to increase flexibility of maximum height measurements with extended electrical characteristics. The new TPSME series is designed to provide a good balance of height and performance within chip power inductor offering. The TPSME3010 Series was developed to have a low profile height of 1.0mm. The TPSME3015 Series was developed to have a medium range maximum height of 1.5mm. This two TPSME family enables flexibility and efficiency. Both winding chip coils the TPSME3010 series and TPSME3015 series of inductors offer low DC resistance and large rated current. This is vital for DC-DC converter applications as it prevents energy dissipation from the chip inductor, improving the converter's overall efficiency. The new ranges deliver a good size/performance ratio with low DC resistances of 0.065ohm (TPSME3010) and 0.040ohm (TPSME3015). Their low-profile 1212 size packaging is designed to save space, measuring 3 x 3 x 1mm (TPSME3010) or 3 x 3 x 1.5mm (TPSME3015). A wide range of inductances is also available: 1.0H to 47H for the TPSME3010 series and 1.0H to 100H for the TPSME3015 series. The parts come with high rated currents, up to 2.35A, and feature magnetic shielding as standard. Operating temperature range is -40C to +105C. Custom parts are available on request. Token will also produce devices outside these specifications to meet specific customer requirements,please contact our sales for more information. Features : - Low Profile: 3.0mm ~ 6.5mm. - Low DCR, SMT Power Inductor. - High Frequency (up to 1MHz). - For Large Current Use: 10 amp ~ 60 amp. Applications : - Inductor for general purpose use. - DC-DC converter or VRM applications. - Thin type on-board power supply module for exchanger. - Notebook, Laptop Computer, Graphic Card, VGA Module.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
01 of 09
TOKEN
TPSPA High Saturation Power Inductors
Dimensions & Configurations
A
D
C E
B
Type TPSPA0603 TPSPA0603A TPSPA1040 TPSPA1040A TPSPA1040B TPSPA1040C TPSPA1235 TPSPA1240 TPSPA1250 TPSPA1265
A 6.8max 6.8max 10.5 0.5 10.5 0.5 10.5 0.5 10.5 0.5 12.8 0.5 12.8 0.5 12.8 0.5 12.8 0.5
B 7.1 0.3 7.1 0.3 11.5 1.0 11.5 1.0 11.5 1.0 11.5 1.0 13.2 1.0 13.2 1.0 13.2 1.0 13.2 1.0
C 3.0 max. 3.0 max. 4.0 max. 4.0 max. 4.0 max. 4.0 max. 3.5 max. 4.0 max. 5.0 max. 6.5 max.
D 3.0 0.3 3.0 0.3 3.0 ref. 2.5 ref. 3.0 ref. 3.0 ref. 3.8 ref. 3.8 ref. 3.8 ref. 3.8 ref.
E 1.6 0.3 1.6 0.3 2.3 ref. 2.3 ref. 2.3 ref. 2.3 ref. 2.5 ref. 2.5 ref. 2.5 ref. 2.5 ref.
(TPSPA0603) Electrical Characteristics Part Number TPSPA-0603-R10M TPSPA-0603-R15M TPSPA-0603-R20M TPSPA-0603-R22M TPSPA-0603-R33M TPSPA-0603-R47M TPSPA-0603-R68M TPSPA-0603-R82M TPSPA-0603-1R0M TPSPA-0603-1R5M TPSPA-0603-2R2M TPSPA-0603-3R3M TPSPA-0603-4R7M TPSPA-0603-6R8M TPSPA-0603-8R2M TPSPA-0603-100M L0 Inductance (H) 20% @0A 0.10 0.15 0.20 0.22 0.33 0.47 0.68 0.82 1.0 1.5 2.2 3.3 4.7 6.8 8.2 10.0 DCR (m) (Typical) (Max) 1.5 1.7 1.9 2.5 2.4 3.0 2.5 2.8 3.5 3.9 4.0 4.2 5.0 5.5 6.7 8.0 9 10.0 14 15.0 18 20.0 28 30.0 37 40.0 54 60.0 64 68.0 102 105.0 Heat Rating Current Idc (Amp) Typical 32.5 26 24 23 20 17.5 15.5 13 11 9 8 6 5.5 4.5 4 3 Saturation Current Isat (Amp) Typical 60 52 41 40 30 26 25 24 22 18 14 13.5 10 8 7.5 7
Note: All test Data is referenced to 25C ambient. Typical Heat Rating DC Current would cause an approximately T of 40C. Typical Saturation DC Current would cause Lo to drop approximately 20%. Operating Temperature Range: -25C to +125C.
02 of 09
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Part Number TPSPA-0603A-1R0M TPSPA-0603A-1R5M TPSPA-0603A-2R2M TPSPA-0603A-3R3M TPSPA-0603A-4R7M TPSPA-0603A-6R8M TPSPA-0603A-8R2M TPSPA-0603A-100M TPSPA-0603A-220M
TPSPA High Saturation Power Inductors
L0 Inductance (H) 20% @0A 1.0 1.5 2.2 3.3 4.7 6.8 8.2 10.0 22.0 DCR (m) (Typical) (Max) 7.6 8.0 11.7 12.5 15.7 16.5 24.8 26.0 31.8 33.4 44.6 46.8 52.3 54.9 67.8 71.2 128.9 135.0 Heat Rating Current Idc (Amp) Typical 12.5 10.5 9.0 7.0 6.0 5.5 5.0 4.0 2.9 Saturation Current Isat (Amp) Typical 9.5 8.0 7.0 6.5 4.0 4.0 4.0 3.5 2.5
(TPSPA0603A) Electrical Characteristics
Note: All test Data is referenced to 25C ambient. Typical Heat Rating DC Current would cause an approximately T of 40C. Typical Saturation DC Current would cause Lo to drop approximately 20%. Operating Temperature Range: -25C to +125C.
(TPSPA1040) Electrical Characteristics Part Numbers TPSPA-1040-R19M TPSPA-1040-R24M TPSPA-1040-R36M TPSPA-1040-R47M TPSPA-1040-R56M TPSPA-1040-R68M TPSPA-1040-R78M TPSPA-1040-1R0M TPSPA-1040-1R8M TPSPA-1040-2R0M L0 Inductance (H) 20% @0A 0.19 0.24 0.36 0.47 0.56 0.68 0.78 1.0 1.8 2.0 DCR (m) (Typical) (Max) 0.50 0.60 0.70 0.80 0.85 0.95 1.20 1.40 1.25 1.35 1.60 1.80 1.60 1.70 2.20 2.50 4.50 5.00 5.20 5.80 Heat Rating Current Idc (Amp) Typical 44 38 35 32 30 25 25 20 15 14 Saturation Current Isat (Amp) Typical 44 38 35 32 30 30 25 20 15 14
Note: All test Data is referenced to 25C ambient. Typical Heat Rating DC Current would cause an approximately T of 40C. Typical Saturation DC Current would cause Lo to drop approximately 20%. Operating Temperature Range: -25C to +125C.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
03 of 09
TOKEN
Part Numbers TPSPA-1040B-R19M TPSPA-1040B-R36M TPSPA-1040B-R56M TPSPA-1040B-1R0M TPSPA-1040B-1R5M TPSPA-1040B-2R2M TPSPA-1040B-3R3M TPSPA-1040B-4R7M TPSPA-1040B-5R6M TPSPA-1040B-6R8M TPSPA-1040B-8R2M TPSPA-1040B-100M
TPSPA High Saturation Power Inductors
L0 Inductance (H) 20% @0A 0.19 0.36 0.56 1.0 1.5 2.2 3.3 4.7 5.6 6.8 8.2 10 DCR (m) (Typical) (Max) 0.875 0.95 1.30 1.40 1.70 1.80 3.70 4.10 5.30 5.80 8.20 9.00 10.80 11.80 15.00 16.50 17.60 19.30 21.20 23.30 31.00 34.00 33.20 36.50 Heat Rating Current Idc (Amp) Typical 40 31.5 27.5 17.5 15 12 10 9.5 8.5 8.0 7.0 6.8 Saturation Current Isat (Amp) Typical 90 60 49 36 27.5 25.5 18.6 17 16 13.5 12.5 12
(TPSPA1040B) Electrical Characteristics
Note: All test Data is referenced to 25C ambient. Typical Heat Rating DC Current would cause an approximately T of 40C. Typical Saturation DC Current would cause Lo to drop approximately 20%. Operating Temperature Range: -25C to +125C.
(TPSPA1040C) Electrical Characteristics Part Numbers TPSPA-1040C-R19M TPSPA-1040C-R24M TPSPA-1040C-R36M TPSPA-1040C-R47M TPSPA-1040C-R56M TPSPA-1040C-R78M TPSPA-1040C-1R0M TPSPA-1040C-1R8M TPSPA-1040C-2R0M TPSPA-1040C-4R7M TPSPA-1040C-6R8M TPSPA-1040C-100M TPSPA-1040C-150M TPSPA-1040C-220M TPSPA-1040C-330M TPSPA-1040C-470M TPSPA-1040C-101M L0 Inductance (H) 20% @0A 0.19 0.24 0.36 0.47 0.56 0.78 1.0 1.8 2.0 4.7 6.8 10 15 22 33 47 100 DCR (m) (Typical) (Max) 0.70 0.80 0.85 0.95 1.05 1.15 1.53 1.68 1.60 1.80 1.80 1.90 2.30 2.50 4.50 5.00 5.20 5.80 12.90 14.20 17.50 19.30 27.80 30.50 40.90 45.00 60.40 66.00 87.50 94.50 132.0 145.0 249.0 270.0 Heat Rating Current Idc (Amp) Typical 40.0 33 32 30 32 27 25 17 16 9.5 9.0 7.5 6.25 5.0 4.4 4.0 3.00 Saturation Current Isat (Amp) Typical 46 44 30 30 22 22 20 16 14 7.6 7.5 7.1 6.0 4.5 4.0 3.0 2.25
Note: All test Data is referenced to 25C ambient. Typical Heat Rating DC Current would cause an approximately T of 40C. Typical Saturation DC Current would cause Lo to drop approximately 20%. Operating Temperature Range: -25C to +125C.
04 of 09
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Part Numbers TPSPA-1235-R10M TPSPA-1235-R15M TPSPA-1235-R22M TPSPA-1235-R33M TPSPA-1235-R47M TPSPA-1235-R60M TPSPA-1235-R68M TPSPA-1235-R82M TPSPA-1235-1R0M TPSPA-1235-1R5M TPSPA-1235-1R8M TPSPA-1235-2R2M TPSPA-1235-3R3M TPSPA-1235-4R7M TPSPA-1235-5R6M TPSPA-1235-6R8M TPSPA-1235-8R2M TPSPA-1235-100M
TPSPA High Saturation Power Inductors
L0 Inductance (H) 20% @0A 0.10 0.15 0.22 0.33 0.47 0.60 0.68 0.82 1.0 1.5 1.8 2.2 3.3 4.7 5.6 6.8 8.2 10 DCR (m) (Typical) (Max) 0.8 0.96 1.0 1.2 1.1 1.3 1.3 1.5 1.6 2.0 1.8 2.2 2.3 2.5 2.6 3.0 3.3 3.5 5.1 5.5 6.5 7.0 7.2 8.0 11.0 12.0 14.3 15.0 17.1 18.0 19.8 22.0 24.8 28.0 30.4 34.0 Heat Rating Current Idc (Amp) Typical 43 41 38.5 36.5 32 29 28 25 24 19 16.5 16 12 10 9.5 9 8.5 7 Saturation Current Isat (Amp) Typical 84 75 65 62 55 51 49 44 40 35 30 29 27 24 19 18 16 14
(TPSPA1235) Electrical Characteristics
Note: All test Data is referenced to 25C ambient. Typical Heat Rating DC Current would cause an approximately T of 40C. Typical Saturation DC Current would cause Lo to drop approximately 20%. Operating Temperature Range: -25C to +125C.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
05 of 09
TOKEN
Part Numbers TPSPA-1240-R10M TPSPA-1240-R22M TPSPA-1240-R33M TPSPA-1240-R47M TPSPA-1240-R60M TPSPA-1240-R68M TPSPA-1240-R82M TPSPA-1240-0R9M TPSPA-1240-1R0M TPSPA-1240-1R2M TPSPA-1240-1R5M TPSPA-1240-1R8M TPSPA-1240-2R2M TPSPA-1240-3R3M TPSPA-1240-4R7M
TPSPA High Saturation Power Inductors
(TPSPA1240) Electrical Characteristics L0 Inductance (H) 20% @0A 0.10 0.22 s0.33 0.47 0.60 0.68 0.82 0.9 1.0 1.2 1.5 1.8 2.2 3.3 4.7 DCR (m) (Typical) (Max) 0.90 1.10 1.20 1.40 1.30 1.50 1.40 1.90 2.00 2.30 2.10 2.50 2.70 3.10 3.00 3.50 3.00 3.70 3.00 3.70 5.50 6.00 6.40 7.60 6.40 7.60 7.50 8.40 10.50 12.00 Heat Rating Current Idc (Amp) Typical 43 41 38 32 30 28 25 24 24 20 19 16 16 14 11 Saturation Current Isat (Amp) Typical 75 70 60 55 50 46 44 40 38 25 30 26 22 20 15
Note: All test Data is referenced to 25C ambient. Typical Heat Rating DC Current would cause an approximately T of 40C. Typical Saturation DC Current would cause Lo to drop approximately 20%. Operating Temperature Range: -25C to +125C.
06 of 09
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Part Numbers TPSPA-1250-R10M TPSPA-1250-R22M TPSPA-1250-R33M TPSPA-1250-R47M TPSPA-1250-R56M TPSPA-1250-R68M TPSPA-1250-R82M TPSPA-1250-1R0M TPSPA-1250-1R2M TPSPA-1250-1R5M TPSPA-1250-1R8M TPSPA-1250-2R2M TPSPA-1250-3R3M TPSPA-1250-4R7M TPSPA-1250-5R6M TPSPA-1250-6R8M TPSPA-1250-7R8M TPSPA-1250-8R2M TPSPA-1250-100M
TPSPA High Saturation Power Inductors
(TPSPA1250) Electrical Characteristics L0 Inductance (H) 20% @0A 0.10 0.22 0.33 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 3.3 4.7 5.6 6.8 7.8 8.2 10 DCR (m) (Typical) (Max) 0.53 0.60 0.64 0.80 0.85 1.10 1.10 1.30 1.30 1.50 1.50 1.70 2.00 2.30 2.10 2.50 2.80 3.50 3.40 4.10 4.20 4.90 4.60 5.50 7.70 9.20 12.8 15.0 14.0 16.5 15.4 18.5 17.2 20.5 18.9 22.5 21.4 25.5 Heat Rating Current Idc (Amp) Typical 55 51 42 38 36 34 31 29 25 23 19 20 15 12 11.5 11 10 9.5 9 Saturation Current Isat (Amp) Typical 118 110 80 65 55 54 53 50 49 48 40 32 32 27 22 21 18 18 16
Note: All test Data is referenced to 25C ambient. Typical Heat Rating DC Current would cause an approximately T of 40C. Typical Saturation DC Current would cause Lo to drop approximately 20%. Operating Temperature Range: -25C to +125C.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
07 of 09
TOKEN
TPSPA High Saturation Power Inductors
(TPSPA1265) Electrical Characteristics L0 Inductance (H) 20% @0A 0.10 0.15 0.22 0.30 0.33 0.40 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 3.3 4.7 5.6 6.8 8.2 10 DCR (m) (Typical) (Max) 0.47 0.50 0.53 0.60 0.63 0.70 0.70 0.80 0.83 0.90 0.90 1.00 1.00 1.20 1.20 1.40 1.40 1.60 1.60 1.90 1.70 2.00 2.10 2.50 2.50 3.00 2.80 3.20 3.50 4.20 5.70 6.80 9.30 11.2 9.30 10.0 13.1 14.0 14.5 15.5 15.8 16.8 Heat Rating Current Idc (Amp) Typical 60 55 53 48 46 44 41 37 35 33 32 30 27 24 22 18 13.5 13.5 11.5 10.5 10 Saturation Current Isat (Amp) Typical 120 118 112 72 65 64 63 62 60 50 49 48 45 41 40 35 30 26.5 16.5 16.0 15.5
Part Numbers TPSPA-1265-R10M TPSPA-1265-R15M TPSPA-1265-R22M TPSPA-1265-R30M TPSPA-1265-R33M TPSPA-1265-R40M TPSPA-1265-R47M TPSPA-1265-R56M TPSPA-1265-R68M TPSPA-1265-R82M TPSPA-1265-1R0M TPSPA-1265-1R2M TPSPA-1265-1R5M TPSPA-1265-1R8M TPSPA-1265-2R2M TPSPA-1265-3R3M TPSPA-1265-4R7M TPSPA-1265-5R6M TPSPA-1265-6R8M TPSPA-1265-8R2M TPSPA-1265-100M
Note: All test Data is referenced to 25C ambient. Typical Heat Rating DC Current would cause an approximately T of 40C. Typical Saturation DC Current would cause Lo to drop approximately 20%. Operating Temperature Range: -25C to +125C.
08 of 09
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Reel Quantity Reel Q'ty(Pcs) 2,000
TPSPA High Saturation Power Inductors
Size m/m 180O
5Reel / Box Q'ty(Pcs) Size m/m 10,000 182x182x80
Q'ty(Pcs) 60,000
6Box / Carton Size m/m 540x210x205
How to Order
TPSPA Part Number: TPSPA Size (LxM)(mm)
Code Size
1265
R10 Inductance
Code
M
Inductance
0603 0603A 1040 1040A 1040B 1040C 1235 1240 1250 1265
6.8x7.1 6.8x7.1 10.5x11.5 10.5x11.5 10.5x11.5 10.5x11.5 12.8x13.2 12.8x13.2 12.8x13.2 12.8x13.2
R10 1R0 Tolerance
Code
0.10H 1.00H
Tolerance
M
20%
Back to 1st Page - SMT Power High Saturation Inductors (TPSPA)
Version 2010
http://www.token.com.tw/ rfq token.com.tw
09 of 09


▲Up To Search▲   

 
Price & Availability of TPSPA-1040C-101M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X