Part Number Hot Search : 
2470K JANTX2N G1436Y MBR840D T1P140S 738BT3 RH0053H MX7503JN
Product Description
Full Text Search
 

To Download TBA12-11EGWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
Part Number: TBA12-11EGWA High Efficiency Red Green
Features
1.2 INCH MATRIX HEIGHT. DOT SIZE 3mm. LOW CURRENT OPERATION. HIGH CONTRAST AND LIGHT OUTPUT. COMPATIBLE WITH ASCII AND EBCDIC CODES. COLUMN CATHODE AND COLUMN ANODE AVAILABLE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE DOT. RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAD2433 APPROVED: WYNEC
REV NO: V.7 CHECKED: Joe Lee
DATE: JUN/07/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1332000238
Selection Guide
Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. High Efficiency Red (GaAsP/GaP) TBA12-11EGWA Green (GaP)
Note: 1. Luminous intensity/ luminous Flux: +/-15%.
Description
Typ. 12000 Column Anode 19000
3000 WHITE DIFFUSED 4700
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device High Efficiency Red Green High Efficiency Red Green High Efficiency Red Green High Efficiency Red Green High Efficiency Red Green High Efficiency Red Green Typ. 627 565 625 568 45 30 15 15 2.0 2.2 2.5 2.5 10 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
High Efficiency Red 75 30 160 5
Green 62.5 25 140
Units mW mA mA V
-40C To +85C 260C For 3-5 Seconds
SPEC NO: DSAD2433 APPROVED: WYNEC
REV NO: V.7 CHECKED: Joe Lee
DATE: JUN/07/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1332000238
TBA12-11EGWA High Efficiency Red
SPEC NO: DSAD2433 APPROVED: WYNEC
REV NO: V.7 CHECKED: Joe Lee
DATE: JUN/07/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1332000238
Green
SPEC NO: DSAD2433 APPROVED: WYNEC
REV NO: V.7 CHECKED: Joe Lee
DATE: JUN/07/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1332000238
PACKING & LABEL SPECIFICATIONS
TBA12-11EGWA
SPEC NO: DSAD2433 APPROVED: WYNEC
REV NO: V.7 CHECKED: Joe Lee
DATE: JUN/07/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1332000238


▲Up To Search▲   

 
Price & Availability of TBA12-11EGWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X