Part Number Hot Search : 
TDA7382 AO4451 3E276K OM5233ST V131MC01 1D16UM 3055L MBR20200
Product Description
Full Text Search
 

To Download SPI15N60CFD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPI15N60CFD
CoolMOSTM Power Transistor
Features * Intrinsic fast-recovery body diode * Extremely low reverse recovery charge * Ultra low gate charge * Extreme dv /dt rated * High peak current capability * Qualified according to JEDEC1) for target applications CoolMOS CFD designed for: * Softswitching PWM Stages * LCD & CRT TV Type Type SPI15N60CFD SPP15N60CFD Package Package PG-TO262 PG-TO220 Marking Marking 15N60CFD 15N60CFD
Product Summary V DS @ Tjmax R DS(on),max ID 650 V
0.330 13.4 PG-TO262 A
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C T C=100 C Pulsed drain current2) Avalanche energy, single pulse Avalanche energy, repetitive2),3) Avalanche current, repetitive2),3) Drain source voltage slope Reverse diode dv /dt Maximum diode commutation speed Gate source voltage I D,pulse E AS E AR I AR dv /dt dv /dt di /dt V GS P tot T j, T stg M3 & 3.5 screws I D=13.4 A, V DS=480 V, T j=125 C I S=13.4 A, V DS=480 V, T j=125 C static AC (f >1 Hz) Power dissipation Operating and storage temperature Mounting torque T C=25 C T C=25 C I D=6.7 A, V DD=50 V I D=13.4 A, V DD=50 V Value 13.4 8.4 33 460 0.8 13.4 80 40 600 20 30 156 -55 ... 150 60 W C Ncm A V/ns V/ns A/s V mJ Unit A
Rev. 1.0
page 1
2007-01-29
SPI15N60CFD
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case Thermal resistance, junction ambient Soldering temperature, wave soldering only allowed at leads R thJC R thJA leaded 1.6 mm (0.063 in.) from case for 10 s 0.8 62 K/W Values typ. max. Unit
T sold
-
-
260
C
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Avalanche breakdown voltage Gate threshold voltage V (BR)DSS V GS=0 V, I D=250 A V (BR)DS V GS(th) V GS=0 V, I D=13.4 A V DS=V GS, I D=750 A V DS=600 V, V GS=0 V, T j=25 C V DS=600 V, V GS=0 V, T j=150 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=10 V, I D=9.4 A, T j=25 C V GS=10 V, I D=9.4 A, T j=150 C Gate resistance Transconductance RG g fs f =1 MHz, open drain |V DS|>2|I D|R DS(on)max, I D=9.4 A 600 3 700 4 5 V
Zero gate voltage drain current
I DSS
-
1.4
-
A
-
1200 0.28
100 0.33 nA
-
0.78 1.3 8
S
Rev. 1.0
page 2
2007-01-29
SPI15N60CFD
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Effective output capacitance, energy related4) Effective output capacitance, time related5) Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage
1)
Values typ. max.
Unit
C iss C oss C rss V GS=0 V, V DS=25 V, f =1 MHz
-
1820 520 21
-
pF
C o(er) V GS=0 V, V DS=0 V to 480 V C o(tr) t d(on) tr t d(off) tf V DD=400 V, V GS=10 V, I D=13.4 A, R G=3.6
-
61
-
-
110 43 24 47 5
ns
Q gs Q gd Qg V plateau V DD=480 V, I D=13.4 A, V GS=0 to 10 V
-
11 38 63 7.3
84 -
nC
V
J-STD20 and JESD22 Pulse width t p limited by T j,max Repetitive avalanche causes additional power losses that can be calculated as P AV=E AR*f. C o(er) is a fixed capacitance that gives the same stored energy as C oss while V DS is rising from 0 to 80% V DSS. C o(tr) is a fixed capacitance that gives the same charging time as C oss while V DS is rising from 0 to 80% V DSS.
2)
3)
4)
5)
Rev. 1.0
page 3
2007-01-29
SPI15N60CFD
Parameter Symbol Conditions min. Reverse Diode Diode continuous forward current Diode pulse current 2) Diode forward voltage Reverse recovery time Reverse recovery charge Peak reverse recovery current Peak rate of fall of reverse recovery current IS I S,pulse V SD t rr Q rr I rrm di rr / dt T j=25 C V R=480 V, I F=I S, di F/dt =100 A/s T C=25 C V GS=0 V, I F=I S, T j=25 C 1.0 147 1 12 1200 13.4 33 1.2 V ns C A A/s A Values typ. max. Unit
Rev. 1.0
page 4
2007-01-29
SPI15N60CFD
1 Power dissipation P tot=f(T C) 2 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
160 102
limited by on-state resistance 1 s
140
120 10
1
10 s
100
100 s
P tot [W]
80
I D [A]
DC 10 ms
1 ms
60 100 40
20 10-1 0 40 80 120 160 100 101 102 103
0
T C [C]
V DS [V]
3 Max. transient thermal impedance I D=f(V DS); T j=25 C parameter: D=t p/T
100
4 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
35
20 V 10 V
30
0.5
25
0.2 8V
Z thJC [K/W]
20 10
-1
0.1 0.05 0.02 0.01 single pulse
I D [A]
15
7V
10
6.5 V
5
6V 5.5 V
10
-2
0 10-4 10-3 10-2 10-1 0 5 10
5V
10-5
15
20
t p [s]
V DS [V]
Rev. 1.0
page 5
2007-01-29
SPI15N60CFD
5 Typ. output characteristics I D=f(V DS); T j=150 C parameter: V GS
20
20 V 10 V 8V
6 Typ. drain-source on-state resistance R DS(on)=f(I D); T j=150 C parameter: V GS
2 1.8 1.6
15 1.4
7V
10
6.5 V
R DS(on) []
1.2 1 0.8 0.6 0.4 0.2 0
6.5 V
I D [A]
5V
5.5 V
6V
7V 10 V 20 V
6V
5
5.5 V 5V
0 0 5 10 15 20
0
2
4
6
8
10
12
V DS [V]
I D [A]
7 Drain-source on-state resistance R DS(on)=f(T j); I D=9.4 A; V GS=10 V
8 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
1
50
0.8
40
25 C
R DS(on) []
0.6
30
I D [A]
150 C
0.4
98 % typ
20
0.2
10
0 -60 -20 20 60 100 140 180
0 0 2 4 6 8 10 12
T j [C]
V GS [V]
Rev. 1.0
page 6
2007-01-29
SPI15N60CFD
9 Typ. gate charge V GS=f(Q gate); I D=13.4 A pulsed parameter: V DD
10
120 V
10 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
102
8
480 V
101 6
150 C
25 C
150 C, 98%
V GS [V]
I F [A]
25 C, 98%
4 100
2
0 0 20 40 60 80
10-1 0 0.5 1 1.5 2
Q gate [nC]
V SD [V]
11 Avalanche SOA I AR=f(t AR) parameter: T j(start)
14
12 Avalanche energy E AS=f(T j); I D=6.7 A; V DD=50 V
480
12
420
10
360
300
E AS [mJ]
103 104
I AV [A]
8
240
6
125 C
25 C
180 4 120 2
60
0 10-3 10-2 10-1 100 101 102
0 25 75 125 175
t AR [s]
T j [C]
Rev. 1.0
page 7
2007-01-29
SPI15N60CFD
13 Drain-source breakdown voltage V BR(DSS)=f(T j) 14 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
700
104
Ciss
660
103
V BR(DSS) [V]
C [pF]
620
102
Coss
Crss
580
101
540 -60 -20 20 60 100 140 180
100 0 100 200 300 400 500
T j [C]
V DS [V]
15 Typ. C oss stored energy E oss= f(V DS)
16 Typ. reverse recovery charge Q rr=f(T j);parameter: I D =13.4 A
12
2
10 1.8
8
E oss [J]
1.6 6
Q rr [C]
1.4 1.2 1 0 100 200 300 400 500 600 25 50 75 100 125
4
2
0
V DS [V]
T j [C]
Rev. 1.0
page 8
2007-01-29
SPI15N60CFD
17 Typ. reverse recovery charge Q rr=f(I S); parameter: di/ dt =100 A/s 18 Typ. reverse recovery charge Q rr=f(di /dt ); parameter: I D=13.4 A
2 1.8 1.6 1.4
125 C
3
2.5
125 C
2 1.2
Q rr [C]
1
25 C
Q rr [C]
1.5
25 C
0.8 0.6 0.4 0.5 0.2 0 3 5 7 9 11 13 0 100 200 300 400 500 1
I S [A]
d i/d t [A/s]
Rev. 1.0
page 9
2007-01-29
SPI15N60CFD
Definition of diode switching characteristics
Rev. 1.0
page 10
2007-01-29
SPI15N60CFD
PG-TO-262-3-1
Dimensions in mm/ inches
Rev. 1.0
page 11
2007-01-29
SPI15N60CFD
Published by Infineon Technologies AG 81726 Munchen, Germany (c) Infineon Technologies AG 2006.
Attention please! The information given in this data sheet shall in no event be regarded as a guarantee of conditions o characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies non-infringement of intellectual property rights of any third party Information For further information on technology, delivery terms and conditions and prices please contact your neares Infineon Technologies Office (www.infineon.com ). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.0
page 12
2007-01-29


▲Up To Search▲   

 
Price & Availability of SPI15N60CFD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X