Part Number Hot Search : 
8109B IDT5V SMB20 ICL7101 R0909D TZ56E PT28C020 EH4B1
Product Description
Full Text Search
 

To Download SL1027P1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SL1027P
DUAL PREAMPLIFIER WITH ALC
Description
* The SL1027P is a monolithic integrated circuit consisting of two independent preamplifier with two built-in ALC, and it has quick stabilization during power supply input.
Features
* * * * * * * High voltage gain Excellent channel separation Low noise Direct motor drive obtained through SEPP output stage. Good ALC channel balance Operating supply voltage range : VCC = 5V ~13V Load resistance : RL > 680
Application
* Stereo radio cassettes
Ordering Information
Type NO.
SL1027P
Marking
SL1027
Package Code
DIP14
Outline Dimensions
unit : mm
KSI-W021-001
1
SL1027P
Absolute Maximum Ratings
Characteristics
Supply Voltage Power Dissipation Operating Temperature Storage Temperature (Ta = 25C)
Symbol
Vcc PD Topr Tstg
Rating
14 600 - 25 ~ + 75 - 40 ~ + 125
Unit
V mW
Electrical Characteristics
(Unless otherwise specified, Ta=25 , VCC=5V, f=1KHz, RL = 10K (PLAY), RL = 680 (REC))
Characteristics
Quiescent Supply Current Open-loop Voltage Gain Closed-loop Voltage Gain Maximum Output Voltage Total Harmonic Distortion Input Resistance Equivalent Input Noise Voltage Channel Separation ALC Channel Balance ALC Width ALC Distortion
Symbol
ICCQ GVO GV VOM THD RIN VNI CHSEP ACB AW AD
Test Condition
PLAY REC THD = 1%, PLAY VO = 0.5V, PLAY B.P.F = 20Hz ~ 20KHz Rg = 2.2, PLAY Rg=2.2 VO= 0dBm,PLAY VIN=-20dBm,REC. VIN=-60dBm,REC. VIN=-20dBm,REC.
Min.
0.9 21 40 35 -
Typ.
4.5 85 40 58 1.2 0.1 30 1 50 0 45 0.5
Max.
10 1 2 2 2
Unit
mA dB dB dB V % K uV dB dB dB %
KSI-W021-001
2
SL1027P
Block Diagram
A MP 2 Ou tpu t 13 NF 2 & A MP 2 (-)I n p u t 11 A MP 2 + Bi a s Cir c u i t A LC2 A MP 2 (+)I n p u t 10 A LC 2 Ou tpu t 9 In pu t Bi a s V oltage 8
V CC 14
NULL 12
+ A LC1 A MP 1 1 G ND 2 A MP 1 O u tpu t 3 NULL 4 NF 1 & A MP 1 (-)I n p u t 5 A MP 1 (+)I n p u t 6 A LC1 Ou tpu t 7 A LC In pu t
Test Circuit
680 + 470u F SW2 2.2K S W 1.2 220u F 9 8
1 2
10K1 b C 20~20KHz B.P . SW6 A V c c (5V ) + SW4
2
56 S W 3 0.033u F 4.7K 10u F + 51K 22u F + 14 13 12 11
+ 47u F 10
+
220u F
SL1027 SL1027P
1 2 3 51K 22u F 56 4 + 5 + 4.7u F 2.2K 6 7
C
20~20KHz B.P . SW6
b
+ 10u F SW4
1 2
4.7K 0.033u F
SW2
1
SG
2
10K
680 S W 5 680 4.7u F + + S W 5 680 4.7u F
+ 470u F + 4.7u F
S W 1.1
300K
KSI-W021-001
3
SL1027P
Test Method
MeasureSwitch Position Symment bol SW 1 SW 2 SW 3 SW 4 SW 5 SW 6 Location
ICCQ GVO GV VOM THD 2 1 1 1 1 SW1-1 12 SW1-2 21 2 1 OFF ON OFF OFF OFF OFF OFF ON ON ON 1 1 1 1 1 OFF OFF OFF OFF OFF OFF OFF OFF OFF OFF a, b a, b b b
Test Method
Read ammeter GVO = 20log(VO / VIN ) [dB] GV = 20log(VO / VIN ) [dB] Measure output voltage(VO) at THD=1% Measure distortion factor at VO=0.5V Measure crosstalk of amp 1,2 at output voltage VO = 0dBm Convert output noise voltage at 1KHz gain when Rg = 2.2K Input voltage range from when input voltage VIN =-60dBm until output voltage VO goes up 3dB Output voltage VO level difference of amp 1,2 when input voltage VIN = -20dBm is applied. Measure distortion factor when input voltage VIN = -20dBm is applied.
CHSEP
OFF
ON
1
OFF
OFF
b
VNI AW
OFF OFF
ON OFF
1 2
OFF ON
ON OFF
c b
ACB AD
1 1
OFF OFF
OFF OFF
2 2
ON ON
OFF OFF
b b
Information of Operating
1. ALC Circuit The ALC circuit is consist of Q1, Q2 and some external components. The output level of amplifier is rectified by external circuits and this rectified DC level is applied to the ALC input terminal(Pin 7).
V cc 6 7 Q1 Q2 1 4 + + + 5 + A MP 2
S ignal In pu t
KSI-W021-001
4
SL1027P
2. Closed-loop Gain (f=1kHz) * Closed loop voltage gain GV=20log(Z1/Z3) (dB) * Playback amplifier gain GV=20log(R1/R3) (dB) in low frequency GV=20log(Z1/Z3) (dB) in high frequency * Recording amplifier gian GV=20log(R1/R3) (dB) 3. Oscillation When the closed-loop gain of amplifier is lowered, oscillation with occur. So the circuit should be compensated by connecting of 10pF between pin 3 and pin 2, and 0.03 in series with 10 to the load end.
C1 Z3 R3 R2 C2 RL 4 + Z2 R1 + Z1 2 10u F
10p F 3 S ignal In pu t 10u F + 5 + A MP 51 4 1000p F 20u F 56 + 0.033u F 47K 10 0.033uF 2 10u F +
RL
KSI-W021-001
5
SL1027P
Typical Performance Characteristics
G VO - f 100 (dB) (dB) 100 Gv 80 F LA T 60 60 40 V c c =5V R L=10K CN F =470u F 20 2 3 5 100 2 3 5 1K Voltage Gain G NA B 40 20 V c c =5V R g =600 0 2 3 5 100 2 3 5 1K 80 GV - f
VO
Voltage Gain G
V
23
5 10K 2 3 5
100K
2 3 5 10K 2 3 5 100K
F r e q u e n c y f (Hz )
F r e q u e n c y f (Hz ) I C C Q -V c c (mA) 100 14 12 10 8 6 4 2 0 R g =0 R L=10K
T HD,G v o -V c c R L=10K 10 Total Harmonic Distortion THD (%) 8 6 4 2 R L=10K 0 2 4 6 8 10 12 S u p p l y V o l t a g e V c c (V ) T HD-V o 2 V c c =5V R L=10K G v =40d B/1KHz 14 680 T HD Gvo 680 f =1KHz V o =0d B CN F =470u F
60 40
VO
(dB) Voltage Gain G
Quiescent Current I
CCQ
80
0
2
4
6
8
10
12
14
16
S u p p l y V o l t a g e V c c (V ) A D,V o -V f =1KHz R L=680 5V ALC Distortion AD(%) Vo V c c =4V 6V
IN
5 3 2 ALC Output Vo(V) 1.0 7 5 3 2 1.0 7 5 1KHz 0.1 2 3 5 7 1.0 2 3 3 2 -80 -70 -60 -50 -40 In pu t V ol t a ge V 6V -30 -20
I N (V
1.0 Total Harmonic Distortion THD (%) 7 5
3 100Hz 2 10KHz 0.1 7 5
3 2 V c c =4V 5V 0.1 7 5
-10
O u t p u t V o l t a g e V o (V )
)
KSI-W021-001
6
P 2.2K MIC R 3.3K + 680 4.7uF
10K
Application Circuit
Head
0.033uF 56 22uF + 4.7uF + + 220uF 10uF 51K +
4.7K
1000pF
SP
P
PWR (R) AMP
R
Vcc 9 8 14 13 12 11 10
200
Tuner(R) +
DBL1027 SL1027P SL1027
P 2.2K R 6 7
100uF
Tuner(L) 1 2 3 4 5
KSI-W021-001
+ + 51K 22uF + 4.7uF 10uF 0.033uF 4.7K 56 1000pF + + 3.3K 1uF 680 4.7uF 47uF
P
MIC
PWR (L) AMP
R
10K
SP
Head
Meter 300K Bias OSC
+
SL1027P
7
SL1027P
These AUK products are intended for usage in general electronic equipments(Office and communication equipment, measuring equipment, domestic electrification, etc.). Please make sure that you consult with us before you use these AUK products in equipments which require high quality and/or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, traffic signal, combustion central, all types of safety device, etc.). AUK cannot accept liability to any damage which may occur in case these AUK products were used in the mentioned equipments without prior consultation with AUK.
KSI-W021-001
8


▲Up To Search▲   

 
Price & Availability of SL1027P1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X