Part Number Hot Search : 
4100B 16C60 BCX51 3189EE BA5417 PCA95 PCA95 COLOR
Product Description
Full Text Search
 

To Download SIL30E-12W3V3-VJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Embedded Power for Business-Critical Continuity
SIL30E Series
12 Vin Single Output
Total Power: 99W Input Voltage: 8-14VDC # of Outputs: Single
Rev.7.28.09_40 SIL30ESeries 1 of 5
Special Features
* 30Acurrentrating * Inputvoltagerange:8Vdcto 14 Vdc * Outputvoltagerange:0.8Vdc to3.63Vdc * Ultrahighefficiency:93%@ 12Vinand3.3Vout * Extremelylowinternalpower dissipation * Minimalthermaldesign concerns * Designedinreliability: MTBFof9,200,000hoursper TelcordiaSR-332 * Idealsolutionwhereboard spaceisatapremiumortighter cardpitchisrequired * AvailableRoHScompliant * 2YearWarranty
ElectricalSpecifications
Output
Voltageadjustability: Setpointaccuracy: Lineregulation: Loadregulation: Totalerrorband: Minumumload: Overshoot/undershoot: Rippleandnoise: Temperaturecoefficient: Transientresponse: Slewrate: Remotesense: Vout=1.5V =0.5A/s 5Hzto20MHz 0.8-3.63Vdc 1.3%typ 0.2%typ 1.5%typ 3.0%typ 0A None 50mVpk-pk 25 mV rms 0.01%/C 50%to75%loadstep 3%maxdeviation 10srecoverytowithin1% 10%Vocompensation 8-14Vdc Noload(max.) 250mA 9.2Amax.@lomax. andVout=3.3V 220mArms (SeeNote1) 20ms
Input
Inputvoltagerange:
Safety
* UL/cUL:60950-1FileNo. 186249-A16-UL-1 * TUVProductService (EN60950)CertificateNo.B07 0713890259 * CBreportandcertificateto IEC60950
Inputcurrent: Inputcurrent(max.): Inputreflectedripple: RemoteON/OFF: Start-uptime:
Embedded Power for Business-Critical Continuity
ElectricalSpecifications
Allspecificationsaretypicalat12Vinand1.5Vout,fullloadat25Cunlessotherwisestated. Cout=100F
Rev.7.28.09_40 SIL30ESeries 2 of 5
EMCCharacteristics
Electrostaticdischarge: Conductedimmunity: Radiatedimmunity: EN61000-4-2,IBC801-2 EN61000-4-6 EN61000-4-3
GeneralSpecifications
Efficiency: Insulationvoltage: Switchingfrequency: Approvalsandstandards: Materialflammability: Dimensions: Pinlength: Weight: MTBF(@40C;50%stress; groundbenign): TelcordiaSR-332 (LxWxH) Fixed @12Vin,3.3Vout 93%typ Non-isolated 1.3MHztyp EN60950-1 UL/cUL60950-1 UL94V-0 50.84x7.80x12.70mm 2.000x0.307x0.500inches 0.140in(3.56mm) 7.0g(0.25oz) 9,200,000hours
EnvironmentalSpecifications
Thermalperformance: Operating ambient Non-operating -40Cto+85C -40C to +125 C
Protection
Short-circuit: Thermal: Continuous Automaticrecovery
Embedded Power for Business-Critical Continuity
Rev.7.28.09_40 SIL30ESeries 3of5
OrderingInformation
Output Power (Max.) 99W Input Voltage 8-14Vdc Output Voltage 0.8-3.63Vdc Output Current Min 0A Max 30A Efficiency (typ) 93% Regulation Line 0.2% Load 1.5% Model Numbers (2,3) odel SIL30E-12W3V3-VJ
Part Number System with Options
SIL30E-12W3V3-VJ
PackagingOptions J=Pb-free(RoHS6/6compliant)(2) MountingOption V = Vertical Output Voltage 0.8Vdcto3.63Vdc TypeofOutput W=Wide InputVoltage 12=8Vdcto14Vdc Output Voltage Adjustment of the SIL30E-12W3V3 Series
Theultra-wideoutputvoltagetrimrangeoffersmajoradvantagestouserswho selecttheSIL30E-12W3V3.Itisnolongernecessarytopurchaseavarietyof modulesinordertocoverdifferentoutputvoltages.Theoutputvoltagecanbe trimmedinarangeof0.8Vdcto3.63Vdc.WhentheSIL30E-12W3V3converter leavesthefactorytheoutputhasbeenadjustedtothedefaultvoltageof0.8V.
Product Family SIL=SingleInLine RatedOutputCurrent 30=30Amps Performance E=EnhancedPerformance
Notes
1 TheSIL30Efeaturesa`PositiveLogic'RemoteON/OFFoperation.Ifnotusing theRemoteON/OFFpin,leavethepinopen(theconverterwillbeon).The RemoteON/OFFpinisreferencedtoground. ThefollowingconditionsapplyfortheSIL30E: Configuration Remotepinopencircuit Remotepinpulledlow[Von/off<0.8V] Remotepinpulledhigh[Von/off>2.8V] ConverterOperation UnitisON UnitisOFF UnitisON
Notes
A Thederatingcurverepresentstheconditionatwhichinternalcomponents arewithintheArtesynderatingguidelines. B Characteristicdatahasbeendevelopedfromactualproductstestedat25C. Thisdataisconsideredtypicaldatafortheconverter.

A`NegativeLogic'RemoteON/OFFversionisalsopossiblewiththis converter.Pleaseconsultthefactoryfordetails. 2 TSERoHS5/6(nonPb-free)compliantversionsmaybeavailableonspecial request,pleasecontactyourlocalsalesrepresentativefordetails. 3 NOTICE:Somemodelsdonotsupportalloptions.Pleasecontactyour localEmersonNetworkPowerrepresentativeorusetheon-linemodel numbersearchtoolathttp://www.PowerConversion.comtofindasuitable alternative.
Embedded Power for Business-Critical Continuity
Rev.7.28.09_40 SIL30ESeries 4 of 5
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
40
40
30 0ms 1ms 2ms
30 0ms 1ms 2ms
20
20
10 0 0 20 40 60 80 100
10 0 0 20 40 60 80 100
AMBIENT TEMPERATURE (C)
AMBIENT TEMPERATURE (C)
Figure 1 - Derating Curve Vin = 12 V, Output Voltage = 1.5 V (See Note A)
Figure 2 - Derating Curve Vin = 12 V, Output Voltage = 1.8 V (See Note A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
40
40
30 0ms 1ms 2ms
30 0ms 1ms 2ms
20
20
10 0 0 20 40 60 80 100
10 0 0 20 40 60 80 100
AMBIENT TEMPERATURE (C)
AMBIENT TEMPERATURE (C)
Figure 3 - Derating Curve Vin = 12 V, Output Voltage = 2.5 V (See Note A)
Figure 4 - Derating Curve Vin = 12 V, Output Voltage = 3.3 V (See Note A)
100 EFFICIENCY (%) 80 60 40 20 0 0 5 10 15 20 25 30 OUTPUT CURRENT (A)
Vout = 1V0 Vout = 1V5 Vout = 1V8 Vout = 2V0 Vout = 2V5 Vout = 3V3
Remote sense + Vin Remote ON/OFF Cin 47F Gnd SIL30E Trim Cout 100F (Required) Load Vout
RTRIM
Figure 5 - Efficiency vs Load Current Vin = 12 V (See Note B)
Figure 6 - Standard Application
Embedded Power for Business-Critical Continuity
MechanicalDrawing
SIDE VIEW 0.3070.008 (7.800.20) PCB FRONT VIEW 0.5000.020 (12.70.50)
Rev.7.28.09_40 SIL30ESeries 5 of 5
Americas
5810VanAllenWay Carlsbad,CA92008 USA Telephone:+17609304600 Facsimile: +17609300698
Europe (UK)
0.140 (3.56)
12
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18
20
WaterfrontBusinessPark MerryHill,Dudley WestMidlands,DY51LX UnitedKingdom Telephone:+44(0)1384842211 Facsimile: +44(0)1384843355
0.025 (0.64) x 0.025 (0.64) Connector 19 Places
0.050 (1.27) 0.132 (3.36) 0.1000.005 (2.540.127) typ. 1.900 (48.26) 2.0000.020 (50.840.50) All dimensions in inches (mm) All tolerance 0.010in (0.25mm) unless otherwise stated
Asia (HK)
14/F,LuPlaza 2WingYipStreet KwunTong,Kowloon HongKong Telephone:+85221763333 Facsimile: +85221763888
Forglobalcontact,visit:
www.PowerConversion.com techsupport.embeddedpower @emerson.com
Pin Connections
Pin No. 1 2 3 4 5 6 7 8 9 10 Function Vin Vin Ground Ground Trim RemoteSense+ Ground Ground Vout Vout Pin No. 11 12 13 14 15 16 17 18 19 20 Function Vout Vout RemoteON/OFF Ground Ground Ground Ground Vin N/C Vin
Whileeveryprecautionhasbeentakentoensure accuracyandcompletenessinthisliterature,Emerson NetworkPowerassumesnoresponsibility,anddisclaims allliabilityfordamagesresultingfromuseofthis informationorforanyerrorsoromissions.
Emerson Network Power. Thegloballeaderinenabling business-criticalcontinuity. ACPower Connectivity DCPower Embedded Computing Embedded Power Monitoring Outside Plant PowerSwitching&Controls Precision Cooling Racks&IntegratedCabinets Services Surge Protection EmersonNetworkPower.com
EmersonNetworkPowerandtheEmerson NetworkPowerlogoaretrademarksand servicemarksofEmersonElectricCo. (c)2009EmersonElectricCo.
Figure 7 - Mechanical Drawing and Pinout Table


▲Up To Search▲   

 
Price & Availability of SIL30E-12W3V3-VJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X