Part Number Hot Search : 
SM1126 AS56VDC5 EMC1413 04102 IRLR210A BLF647PS PESD15V 2SB932
Product Description
Full Text Search
 

To Download SEL5423E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5-1-1 Unicolor lamps
5mm Pitch Lead Bow Shaped LEDs
SEL5023 Series (available as Direct Mount)
Forward Voltage Part Number SEL5223S SEL5823A SEL5923A SEL5723C SEL5423E SEL5523C SEL5E23C SELK5E23C-D SELU5223C-S SELU5823A-S SELS5B23C SELU5923C-S SELU5723C * SELT5D23C-S SELS5L23C-S SELT5E23C-S Emitting Color Red Amber Orange Yellow Green Pure green Blue High luminosity Blue Red Amber Light amber Ultrahigh Orange luminosity Yellow Pure green Aqua blue Blue Lens Color Transparent red Transparent orange Transparent orange Water clear Transparent green Water clear Water clear Water clear Water clear Transparent orange Water clear Water clear Water clear Water clear Water clear Water clear VF (V) TYP 1.9 1.9 1.9 2.0 2.0 2.0 4.0 3.6 2.0 2.0 2.0 2.0 2.0 3.3 3.6 3.3 MAX 2.5 2.5 2.5 2.5 2.5 2.5 4.8 4.0 2.5 2.5 2.5 2.5 2.5 4.0 4.0 4.0 Conditions IF (mA) 10 10 10 10 10 10 20 20 20 20 20 20 20 20 20 20 Luminous Intensity Peak Wavelength Iv Conditions (mcd) IF (mA) TYP 25 20 35 20 35 20 60 20 40 20 13 20 20 20 60 20 100 20 200 20 135 20 145 20 155 20 600 10 600 20 130 10 P Conditions (nm) IF (mA) TYP 630 10 610 10 587 10 570 10 560 10 555 10 430 20 468 20 635 20 611 20 600 20 591 20 572 20 512 20 483 20 460 20 Dominant Wavelength Spectrum Half Bandwidth d Conditions (nm) IF (mA) TYP 620 10 605 10 590 10 571 10 567 10 559 10 466 20 470 20 625 20 605 20 596 20 590 20 571 20 520 20 487 20 465 20 (nm) TYP 35 35 33 30 20 20 65 30 15 17 15 15 15 35 30 25 Conditions IF (mA) 10 10 10 10 10 10 20 20 20 20 20 20 20 20 20 20 Chip Material GaAsP GaAsP GaAsP GaP GaP GaP GaN GaN on Si AlGaInP AlGaInP AlGaInP AlGaInP AlGaInP InGaN InGaN InGaN
* Mass production in preparation
Directional Characteristics (representative example)
External Dimensions
(Unit: mm)
Dimensional Tolerance: 0.3
6.00.2 3.60.2
Cathode mark Resin burr 0.3max Resin heap 0.8max
3.1
0 30 60 30 60 60 30
0
3.9
30 60
5.80.5
0.65max
23.0min
0.5+0.1
0.50.1
50
0
50
50
0
50
1.4
Cathode 3.6
1.0min
90 100%
90 100%
90 100%
90 100%
(5.0)
6.2
Product Mass: Approx. 0.23 g
LEDs
243
5-1 Visible Light LEDs
Absolute Maximum Ratings
Visible Light Unicolor Lamp
Parameter PD IF IF IFP VR Top Tstg Unit mW mA mA/C mA V C C Ratings GaP GaAsP 75 30 -0.45 100 3 -30 to +85 -30 to +100 5 -30 to +80 70 GaAlAs AlGaInP InGaN 120 25C or higher f=1kHz, tw100 s GaN Conditions
Visible Light Bicolor Lamp
Parameter PD IF IF IFP VR Top Tstg Unit mW mA mA/C mA V C C GaP GaAsP 75 Ratings GaAlAs 30 -0.45 100 4 -30 to +85 -30 to +100 5 AlGaInP InGaN 120 Conditions Same conditions for simultaneous lighting 25C or higher f=1kHz, tw100 s
Visible Light Unicolor Surface Mount LEDs
Parameter IF IF IFP VR Top Tstg Unit mA mA/C mA V C C Ratings GaP GaAsP 30 -0.45 100*1 3 -30 to +85 -30 to +100 5 -30 to +80 *1: 70mA for SEC1005/1007 Series *2: 50mA for SEC1005/1007 Series GaAlAs AlGaInP InGaN 20 -0.27 70*2 GaN Conditions
25C or higher f=1kHz, tw100 s
Visible Light Bicolor Surface Mount LEDs
Ratings Parameter PD IF IF IFP VR Top Tstg Unit mW mA mA/C mA V C C SEC2002/2004 75 (Same conditions for simultaneous lighting) 30 -0.45 70 4 -30 to +85 -30 to +100 Conditions
25C or higher f=1kHz, tw100 s
Visible Light Three Element Surface Mount LEDs
Parameter Unit Red PD IF IF IFP VR Top Tstg mW mA mA/C mA V C C 75 30 -0.45 70 5 -30 to +80 -30 to +100 50 Ratings SECT3M02C-S Green/Blue 120 When one chip lights up (same as green/blue for simultaneous lighting) 25C or higher f=1kHz, tw100 s Conditions
218
LEDs


▲Up To Search▲   

 
Price & Availability of SEL5423E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X