Part Number Hot Search : 
MAX1021 4C4408PS 478M00 IMP1834 OSC18F9M EL5164 C8087 VLZ10A
Product Description
Full Text Search
 

To Download SD103AW08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD103AW - SD103CW
SCHOTTKY BARRIER DIODE
Please click here to visit our online spice models database.
Features
* * * Low Forward Voltage Drop Guard Ring Construction for Transient Protection Lead, Halogen and Antimony Free, RoHS Compliant "Green" Device (Notes 3 and 4)
Mechanical Data
* * * * * * * * * Case: SOD-123 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Leads: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe) Polarity: Cathode Band Marking Information: See Page 3 Ordering Information: See Page 2 Weight: 0.01 grams (approximate)
Top View
Maximum Ratings
@TA = 25C unless otherwise specified Symbol VRRM VRWM VR VR(RMS) IFM IFSM SD103AW 40 28 SD103BW 30 21 350 1.5 SD103CW 20 14 Unit V V mA A
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current @ t 1.0s
Thermal Characteristics
Characteristic Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Symbol PD RJA TJ, TSTG Value 400 300 -65 to +125 Unit mW C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 2)
@TA = 25C unless otherwise specified Symbol SD103AW SD103BW SD103CW V(BR)R VFM SD103AW SD103BW SD103CW IRM CT trr Min 40 30 20 Typ 28 10 Max 0.37 0.60 5.0 Unit V V A pF ns Test Condition IR = 100A IF = 20mA IF = 200mA VR = 30V VR = 20V VR = 10V VR = 0V, f = 1.0MHz IF = IR = 200mA, Irr = 0.1 x IR, RL = 100
Forward Voltage Drop Peak Reverse Current (Note 2)
Total Capacitance Reverse Recovery Time
Notes: 1. 2. 3. 4.
Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. Short duration test pulse used to minimize self-heating effect. No purposefully added lead. Halogen and Antimony Free. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
SD103AW - SD103CW
Document number: DS11013 Rev. 24 - 2
1 of 3 www.diodes.com
July 2008
(c) Diodes Incorporated
SD103AW - SD103CW
IF, INSTANTANEOUS FORWARD CURRENT (A) 1 1,000
0.1
T A = 125 C TA = 75 C
100
10 0.01
TA = 25 C
1
TA = 0C
0.001
TA = -40 C
0.1
0.0001 0 200 400 600 800 1,000 VF, INSTANTANEOUS FORWARD VOLTAGE (mV) Fig. 1 Typical Forward Characteristics
0.01 25 50 75 100 0 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 2 Typical Reverse Characteristics
500
30
f = 1.0MHz
CT, TOTAL CAPACITANCE (pF)
25
PD, POWER DISSIPATION (mW) 400
Note 1
20
300
15
200
10
5
100
0 0 100 25 75 50 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 3 Total Capacitance vs. Reverse Voltage
0 0 25 50 75 100 125 150 TA, AMBIENT TEMPERATURE (C) Fig. 4 Power Derating Curve
Ordering Information
Part Number SD103AW-7-F SD103BW-7-F SD103CW-7-F SD103CW-13-F
Notes:
(Note 5) Case SOD-123 SOD-123 SOD-123 SOD-123 Packaging 3000/Tape and Reel 3000/Tape and Reel 3000/Tape and Reel 10,000/Tape and Reel
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
SD103AW - SD103CW
Document number: DS11013 Rev. 24 - 2
2 of 3 www.diodes.com
July 2008
(c) Diodes Incorporated
SD103AW - SD103CW Marking Information
xx = Product Type Marking Code S4 = SD103AW S5 or S4 = SD103BW S6 or S5 or S4 = SD103CW YM = Date Code Marking Y = Year (ex: T = 2006) M = Month (ex: 9 = September)
XX
Date Code Key Year 1998 Code J Month Code Jan 1
1999 K
2000 L Feb 2
2001 M Mar 3
2002 N
2003 P Apr 4
YM
2004 R May 5
2005 S
2006 T Jun 6
2007 U Jul 7
2008 V
2009 W Aug 8
2010 X Sep 9
2011 Y
2012 Z Oct O
2013 A Nov N
2014 B
2015 C Dec D
Package Outline Dimensions
C H
B
A
M L
K
SOD-123 Dim Min Max A 0.55 Typ B 1.40 1.70 C 3.55 3.85 H 2.55 2.85 J 0.00 0.10 K 1.00 1.35 L 0.25 0.40 M 0.10 0.15 0 8 All Dimensions in mm
Suggested Pad Layout
C
X
Dimensions Value (in mm) Z 4.9 G 2.5 X 0.7 1.2 Y 3.7 C
Y G Z
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
SD103AW - SD103CW
Document number: DS11013 Rev. 24 - 2
3 of 3 www.diodes.com
July 2008
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of SD103AW08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X