![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/03/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0194290028 Active mx150l_sealed_connector_system MX150LTM 6 Circuit Panel Mount Plug for 14 to 22 AWG Wire, Through Hole Flange Assembly, without Gasket Documents: 3D Model Drawing (PDF) Product Specification PS-19417-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Crimp Housings 19429 For Outside or Inside Panel Mount Application mx150l_sealed_connector_system 987650-2181 MX150LTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Comments Overview Product Literature Order No Product Name Physical Circuits (maximum) Gender Glow-Wire Compliant Lock to Mating Part Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 6 Male No Yes 2 Bag Yes 0.230 In 5.84 mm Yes No -40C to +125C Electrical Current - Maximum per Contact 18A Search Parts in this Series 19429Series Mates With 19418 Receptacle Assemblies Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing PK-19429-001 PS-19417-001 SD-19429-012 Use With 19417 Male Crimp Terminals This document was generated on 06/03/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of SD-19429-012
![]() |