Part Number Hot Search : 
CPC3720C 040010 SC261 SC261 2SA2066 DC4R44 Z1180 D1585
Product Description
Full Text Search
 

To Download S8865-128G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photodiode arrays with ampli er
S8865-64G/-128G/-256G S8866-64G-02/-128G-02 Photodiode array combined with signal processing IC for X-ray detection
The S8866-64G-02/-128G-02 are photodiode arrays with an ampli er and a phosphor sheet attached to the active area for X-ray detection. The signal processing circuit chip is formed by CMOS process and incorporates a timing generator, shift register, charge ampli er array, clamp circuit and hold circuit, making the external circuit con guration simple. A long, narrow image sensor can be con gured by arranging multiple arrays in a row. As the dedicated driver circuit, the C9118 series (sold separately) is provided. (Not compatible with the S8865-256G.)
Features
Large element pitch: 5 types available S8865-64G: 0.8 mm pitch x 64 ch S8865-128G: 0.4 mm pitch x 128 ch S8865-256G: 0.2 mm pitch x 256 ch S8866-64G-02: 1.6 mm pitch x 64 ch S8866-128G-02: 0.8 mm pitch x 128 ch 5 V power supply operation Simultaneous integration by using a charge ampli er array Sequential readout with a shift register (Data rate: 500 kHz max.) Low dark current due to zero-bias photodiode operation Integrated clamp circuit allows low noise and wide dynamic range Integrated timing generator allows operation at two different pulse timings Detectable energy range: 30 k to 100 keV
Applications
Line sensors for X-ray detection
Speci cations
Parameter Element pitch Element diffusion width Element height Number of elements Active area length Line rate *1: Refer to following gure. Symbol*1 P W H S8865-64G 0.8 0.7 0.8 64 51.2 7339 S8865-128G 0.4 0.3 0.6 128 51.2 3784 S8865-256G 0.2 0.1 0.3 256 51.2 1922 S8866-64G-02 1.6 1.5 1.6 64 102.4 6838 S8866-128G-02 0.8 0.7 0.8 128 102.4 3784 Unit mm mm mm mm lines/s
Enlarged view of active area
W P
Photodiode
H
KMPDC0072EA
www.hamamatsu.com
1
Photodiode arrays with ampli er
S8865-64G/-128G/-256G, S8866-64G-02/-128G-02
Absolute maximum ratings
Parameter Supply voltage Reference voltage Photodiode voltage Gain selection terminal voltage Master/slave selection voltage Clock pulse voltage Reset pulse voltage External start pulse voltage Operating temperature*2 Storage temperature*2 *2: No condensation Symbol Vdd Vref Vpd Vgain Vms V (CLK) V (RESET) V (EXTSP) Topr Tstg Value -0.3 to +6 -0.3 to +6 -0.3 to +6 -0.3 to +6 -0.3 to +6 -0.3 to +6 -0.3 to +6 -0.3 to +6 -5 to +60 -10 to +70 Unit V V V V V V V V C C
Recommended terminal voltage
Parameter Supply voltage Reference voltage Photodiode voltage Gain selection terminal voltage Master/slave selection voltage Clock pulse voltage Reset pulse voltage External start pulse voltage *3: Parallel *4: Serial at 2nd or later stages High gain Low gain High level*3 Low level*4 High level Low level High level Low level High level Low level Symbol Vdd Vref Vpd Vgain Vms V(CLK) V(RESET) V(EXTSP) Min. 4.75 4 Vdd - 0.25 0 Vdd - 0.25 0 Vdd - 0.25 0 Vdd - 0.25 0 Vdd - 0.25 0 Typ. 5 4.5 Vref Vdd Vdd Vdd Vdd Vdd Max. 5.25 4.6 Vdd + 0.25 0.4 Vdd + 0.25 0.4 Vdd + 0.25 0.4 Vdd + 0.25 0.4 Vdd + 0.25 0.4 Unit V V V V V V V V V V V V V
Electrical characteristics [Ta=25 C, Vdd=5 V, V(CLK)=V(RESET)=5 V]
Parameter Clock pulse frequency*5 Output impedance Power consumption Charge amp feedback capacitance High gain Low gain Symbol f(CLK) Zo P Cf
S8865-64G S8866-64G-02 Min. Typ. Max. 40 2000 3 100 0.5 1 -
S8865-128G S8866-128G-02 Min. Typ. Max. 40 2000 3 180 0.5 1 -
S8865-256G Min. 40 Typ. 3 360 0.5 1 Max. 2000 -
Unit kHz k mW pF
*5: Video data rate is 1/4 of clock pulse frequency f(CLK).
2
Photodiode arrays with ampli er
S8865-64G/-128G/-256G, S8866-64G-02/-128G-02
Electrical and optical characteristics [Ta=25 C, Vdd=5 V, V(CLK)=V(RESET)=5 V, Vgain=5 V (High gain), 0 V (Low gain)]
S8865-64G/-128G/-256G
Parameter Peak sensitivity wavelength*6 High gain Dark output voltage*7 Low gain Saturation output voltage High gain Saturation exposure*6 *8 Low gain High gain Photo sensitivity*6 *8 Low gain 3 channels from both ends Photo response nonAll channels excluding 9 uniformity* 3 channels from both ends High gain Noise*10 Low gain Output offset voltage*11 Symbol p Vd Vsat Esat S PRNU N Vos Min. 3.0 3520 1760 S8865-64G Typ. Max. 720 0.01 0.2 0.005 0.1 3.5 0.8 1.0 1.6 2.0 4400 2200 -35, +10 1.3 0.7 Vref 10 2.0 1.1 S8865-128G Min. Typ. Max. 720 0.01 0.2 0.005 0.1 3.0 3.5 2.4 3.0 4.8 6.0 1200 1500 600 750 -55, +10 1.0 0.6 Vref 10 1.5 0.9 Min. 3.0 200 100 S8865-256G Unit Typ. Max. 720 nm 0.01 0.2 mV 0.005 0.1 3.5 V 15 19 mlx * s 30 37.5 250 V/lx * s 125 -70, +10 % 10 0.8 0.5 Vref 1.2 0.75 mV rms V
-
S8866-64G-02/-128G-02
Parameter Symbol Min. 3 14400 7200 S8866-64G-02 Typ. Max. 720 0.01 0.2 0.005 0.1 3.5 0.2 0.25 0.4 0.5 18000 9000 -25, +10 Min. 3 3520 1760 S8866-128G-02 Typ. Max. 720 0.01 0.2 0.005 0.1 3.5 0.8 1.0 1.6 2.0 4400 2200 -35, +10 Unit
nm Peak sensitivity wavelength*6 p High gain 7 Vd mV Dark output voltage* Low gain Saturation output voltage Vsat V 6 8 High gain Esat mlx * s Saturation exposure* * Low gain High gain Photo sensitivity*6 *8 S V/lx * s Low gain 3 channels from both ends Photo response nonAll channels excluding PRNU % 10 10 uniformity*9 3 channels from both ends High gain 2.0 3.0 1.3 2.0 mVrms Noise*10 N Low gain 1.1 1.7 0.7 1.1 11 Vos Vref Vref V Output offset voltage* *6: Measured without phosphor sheet *7: Integration time ts=1 ms *8: Measured with a 2856 K tungsten lamp *9: When the photodiode array is exposed to uniform light which is 50% of the saturation exposure, the photo response non-uiniformity (PRNU) is de ned as follows: PRNU = X/X x 100 [%] X: average output of all elements, X: difference between X and the maximum or minimum output, whichever is larger. *10: Measured with a video data rate of 50 kHz and ts=1 ms in dark state *11: Video output is negative-going output with respect to the output offset voltage.
3
Photodiode arrays with ampli er
S8865-64G/-128G/-256G, S8866-64G-02/-128G-02
Output waveform of one element
Dark state Saturation output voltage Vsat=3.5 V Typ.
Output offset voltage Vref=4.5 V Typ. Saturation state GND
1 V/div. 10 V/div.
1 V Typ.
Trigger CLK
GND GND 200 ns/div.
Block diagram
EXTSP 4 Vms 5 Vdd 6 GND 7
RESET CLK
1 2
Timing generator
3
TRIG
Shift register Vref Vgain 10 11 Hold circuit Charge amp array
8 9
EOS Video
Vpd
12
1
2
3
4
5
N-1
N
Photodiode array
KMPDC0153EA
4
Photodiode arrays with ampli er
S8865-64G/-128G/-256G, S8866-64G-02/-128G-02
Timing chart
S8865-64G/-128G/-256G, S8866-128G-02
1 2 3 4 5 14 15 16 17 18 19 20 CLK RESET tpw(RESET1) 8 clocks Video output period Video 1 2 n-1 n tpw(RESET2) Integration time 8 clocks 123
Trig EOS
tf(CLK)
tr(CLK)
tpw(CLK) t1 tpw(RESET1)
t2 tpw(RESET2)
tf(RESET)
tr(RESET)
KMPDC0289EB
Parameter Clock pulse width Clock pulse rise/fall times Reset pulse width 1 Reset pulse width 2 Reset pulse rise/fall times Clock pulse-reset pulse timing 1 Clock pulse-reset pulse timing 2
Symbol tpw(CLK) tr(CLK), tf(CLK) tpw(RESET1) tpw(RESET2) tr(RESET), tf(RESET) t1 t2
Min. 500 0 10 20 0 -20 -20
Typ. 20 20 0 0
Max. 25000 30 30 20 20
Unit ns ns s s ns ns ns
1. The internal timing circuit starts operation at the falling edge of CLK immediately after a RESET pulse goes Low. 2. When the falling edge of each CLK is counted as "1 clock", the video signal of the 1st channel appears between "18.5 clocks and 20.5 clocks". Subsequent video signals appear every 4 clocks. 3. The trigger pulse for the 1st channel rises at a timing of 19.5 clocks and then rises every 4 clocks. The rising edge of each trigger pulse is the recommended timing for data acquisition. 4. Signal charge integration time equals the High period of a RESET pulse. However, the charge integration does not start at the rise of a RESET pulse but starts at the 8th clock after the rise of the RESET pulse and ends at the 8th clock after the fall of the RESET pulse. After the RESET pulse next changes from High to Low, signals integrated within this period are sequentially read out as time-series signals by the shift register operation. The rise and fall of a RESET pulse must be synchronized with the rise of a CLK pulse, but the rise of a RESET pulse must be set outside the video output period. One cycle of RESET pulses cannot be set shorter than the time equal to "16.5 + 4 x N (number of elements)" clocks. 5. The video signal after an EOS signal output becomes a high impedance state, and the video output will be inde nite.
5
Photodiode arrays with ampli er
S8865-64G/-128G/-256G, S8866-64G-02/-128G-02
S8866-64G-02
123 CLK RESET tpw(RESET1) 8 clocks Video output period Video 1 2 n-1 n tpw(RESET2) Integration time 8 clocks 20 clocks 4 5 14 15 16 17 18 19 20 123
Trig EOS
tf(CLK)
tr(CLK)
tpw(CLK1) t1 tpw(RESET1)
t2 tpw(RESET2)
tf(RESET)
tr(RESET)
KMPDC0278EB
Parameter Clock pulse width Clock pulse rise/fall times Reset pulse width 1 Reset pulse width 2 Reset pulse rise/fall times Clock pulse-reset pulse timing 1 Clock pulse-reset pulse timing 2
Symbol tpw (CLK1), tpw (CLK2) tr (CLK), tf (CLK) tpw (RESET1) tpw (RESET2) tr (RESET), tf (RESET) t1 t2
Min. 500 0 15 20 0 -20 -20
Typ. 20 20 0 0
Max. 12500 30 30 20 20
Unit ns ns s s ns ns ns
1. The internal timing circuit starts operation at the falling edge of CLK immediately after a RESET pulse goes Low. 2. When the falling edge of each CLK is counted as "1 clock", the video signal of the 1st channel appears between "18.5 clocks and 20.5 clocks". Subsequent video signals appear every 4 clocks. 3. To obtain video signals, extend the High period 3 clocks from the falling edge of CLK immediately after the RESET pulse goes Low, to a 20 clock period. 4. The trigger pulse for the 1st channel rises at a timing of 19.5 clocks and then rises every 4 clocks. The rising edge of each trigger pulse is the recommended timing for data acquisition. 5. Signal charge integration time equals the High period of a RESET pulse. However, the charge integration does not start at the rise of a RESET pulse but starts at the 8th clock after the rise of the RESET pulse and ends at the 8th clock after the fall of the RESET pulse. After the RESET pulse next changes from High to Low, signals integrated within this period are sequentially read out as time-series signals by the shift register operation. The rise and fall of a RESET pulse must be synchronized with the rise of a CLK pulse, but the rise of a RESET pulse must be set outside the video output period. One cycle of RESET pulses cannot be set shorter than the time equal to "36.5 + 4 x N (number of elements)" clocks. 6. The video signal after an EOS signal output becomes a high impedance state, and the video output will be inde nite.
6
Photodiode arrays with ampli er
S8865-64G/-128G/-256G, S8866-64G-02/-128G-02
X-ray output example (S8865-64G)
3.5 3.0 2.5 2.0 X-ray tube voltage: 50 kV 1.5 1.0 X-ray tube voltage: 30 kV 0.5 0 0 1 2 3 (Distance from X-ray source to sensor: 300 mm, low gain, Ts=1.5 ms)
Uniformity example of X-ray output (S8865-64G)
20
(X-ray tube voltage: 70 kV, X-ray tube current: 8 mA, distance from X-ray source to sensor: 300 mm)
0
Output voltage (V)
Uniformity (%)
X-ray tube voltage: 70 kV
-20
-40
-60
-80
-100 0 10 20 30 40 50 60 70
X-ray tube current (mA)
KMPDB0285EA
Number of elements
KMPDB0286EA
X-ray exposure test example (S8865-128G)
1 0.9 X-ray tube voltage: 30 kV 0.8 X-ray tube voltage: 60 kV [X-ray tube current: 3 mA, distance from X-ray source to sensor: 50 mm (without filter)]
Output offset voltage vs. ambient temperature (measurement example)
4.505 4.504 4.503
Relative sensitivity
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 20 40 60 80 100 120 140 160
Output offset voltage (V)
4.502 4.501 4.500 4.499 4.498 4.497 4.496 4.495 0 10 20 30 40 50 60
X-ray exposure time (h)
KMPDB0287EA
Ambient temperature (C)
KMPDB0288EA
7
Photodiode arrays with ampli er
S8865-64G/-128G/-256G, S8866-64G-02/-128G-02
Dark output voltage vs. ambient temperature (measurement example)
1 (Ts=1000 ms)
Dark output voltage (V)
0.1
0.01
0.001 0 10 20 30 40 50 60
Ambient temperature (C)
KMPDB0289EA
Dimensional outlines (unit: mm)
S8865-64G/-128G
51.2
P +0.2 -0
2.54 x 11 = 27.94
(x 12) 0.76 Signal processing IC chip
1.27
1 25.0 0.1
12 Photodiode array 12.0 2.54
8.0*1
Phosphor sheet*2 3.0 5.6 40.0 Photodiode 1 ch Direction of scan 1.6 2.2 (x 4)
*1: Distance from the bottom of the board to the center of active area Board: G10 glass epoxy Connector: PRECI-DIP DURTAL 800-10-012-20-001 *2: Photodiode array with phosphor sheet: S8865-64G/-128G only * Material: Gd2O2S:Tb * Phosphor thickness: 300 m Typ. * Detectable energy range: 30 k to 100 keV
KMPDA0233EA
5.0
8
Photodiode arrays with ampli er
S8865-64G/-128G/-256G, S8866-64G-02/-128G-02
S8865-256G
51.2-0
+0.2
34.02 P2.54 x 12 = 30.48
(26 x) 0.64 x 0.64 2.54 2.28
1 2
25 26
(x 4)
2.2
40.0 0.15
2.54
6.9 6.0
10.0
6.6 17.0 CMOS1 CMOS2
8.0*1
*2 40.0 1 ch 3.0 1.6 Signal processing IC chip
*1: Distance from the bottom of the board to the center of active area Board: G10 glass epoxy Connector: JAE (Japan Aviation Electronics lndustry, Limited) PS-26PE-D4LT1-PN1 *2: Photodiode array with phosphor sheet S8865-256G only * Material: Gd2O2S:Tb * Phosphor thickness: 300 m Typ. * Detectable energy range: 30 k to 100 keV
KMPDA0234EA
S8866-64G-02/-128G-02
102.4
+0.3 -0
1.27 (12 x) 0.76 2.95 5.0 Signal processing IC chip 1.6
P2.54 x 11 = 27.94
1 25.0 0.1
12 2.54 12.0
a*1
Fluorescent paper*2 1.6
11.2 Photodiode 1 ch
80.0 Active area
(4 x) 2.2
Direction of scan *1: Distance from the bottom of the board to the center of active area Board: G10 glass epoxy Connector: PRECI-DIP DURTAL 800-10-012-20-001 *2: Photodiode array with phosphor sheet * Material: Gd2O2S:Tb * Phosphor thickness: 300 m Typ. * Detectable energy range: 30 k to 100 keV
Type No. S8866-64G2 S8866-128G2
a 8.2 8.0
3.0
KMPDA0226
5.0
KMPDA0226EA
9
Photodiode arrays with ampli er
S8865-64G/-128G/-256G, S8866-64G-02/-128G-02
Pin connection
S8865-64G/-128G, S8866-64G-02/-128G-02
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 Symbol RESET CLK Trig EXTSP Vms Vdd GND EOS Video Vref Vgain Vpd Name Reset pulse Clock pulse Trigger pulse External start pulse Master/slave selection supply voltage Supply voltage Ground End of scan Video output Reference voltage Gain selection terminal voltage Photodiode voltage Note Pulse input Pulse input Positive-going pulse output Pulse input Voltage input Voltage input Negative-going pulse output Negative-going output with respect to Vref Voltage input Voltage input Voltage input
S8865-256G
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 CMOS1 Vpd RESET CLK Trig EXTSP Vms Vdd GND EOS Video Vref Vg Vpd Pin No. 14 15 16 17 18 19 20 21 22 23 24 25 26 CMOS2 Vpd RESET CLK Trig EXTSP Vms Vdd GND EOS Video Vref Vg Vpd Name Photodiode voltage Reset pulse Clock pulse Trigger pulse External start pulse Master/slave selection supply voltage Supply voltage Ground End of scan Video output Reference voltage Gain selection terminal voltage Photodiode voltage Note Voltage input Pulse input Pulse input Positive-going pulse output Pulse input Voltage input Voltage input Negative-going pulse output Negative-going output with respect to Vref Voltage input Voltage input Voltage input
10
Photodiode arrays with ampli er
S8865-64G/-128G/-256G, S8866-64G-02/-128G-02
Gain selection terminal voltage setting
Vdd: High gain (Cf=0.5 pF) GND: Low gain (Cf=1 pF)
Setting for each readout method
S8866-64G/-128G, S8866-64G-02/-128G-02
Set to A in the table below in most cases. To serially read out signals from two or more sensors linearly connected, set the 1st sensor to A and the 2nd or later sensors to B. The CLK and RESET pulses should be shared with each sensor and the video output terminal of each sensor connected together. Setting Readout method A All stages of parallel readout, serial readout at 1st sensor B Serial readout at 2nd and later sensors Vms Vdd GND EXTSP Vdd Preceding sensor EOS should be input
[Figure 1] Connection example (parallel readout)
12 Vgain +4.5 V 11 10 9 EOS 10 F +5 V 0.1 F 8 7 6 5 4 Trig CLK RESET 3 2 1
Vpd Vgain Vref Video EOS GND Vdd Vms EXTSP Trig CLK RESET
+ High impedance amplifier
Video
KMPDC0288EB
11
Photodiode arrays with ampli er
S8865-64G/-128G/-256G, S8866-64G-02/-128G-02
S8865-256G
Signals of channels 1 through 126 are output from CMOS1, while signals of channels 129 through 256 are output from CMOS2. The following two readout methods are available. (1) Serial readout method CMOS1 and CMOS2 are connected in serial and the signals of channels 1 through 256 are sequentially read out from one output line. Set CMOS1 as in "A" in the table below, and set CMOS2 as in "B". CMOS1 and CMOS2 should be connected to the same CLK and RESET lines, and their video output terminals to one line. (2) Parallel readout method 128 channel signals are output in parallel respectively from the output lines of CMOS1 and CMOS2. Set both CMOS1 and CMOS2 as in "A" in the table below.
[Figure 2] Connection Serial readout method
CMOS1 1 Vpd RESET CLK 2 RESET (1) 3 CLK (1) 4 Trig (1) 5 EXTSP (1) 6 Vms (1) Vdd GND 7 Vdd 8 GND 9 EOS (1) 10 Video (1) Vref Vgain 11 Vref 12 Vgain 13 Vpd CMOS2 14 Vpd Trig OR Logic IC 74HC32 15 RESET (2) 16 CLK (2) 17 Trig (2) 18 EXTSP (2) 19 Vms (2) 20 Vdd 21 GND EOS Video 22 EOS (2) 23 Video (2) 24 Vref 25 Vgain 26 Vpd
KMPDC0222EA
Parallel readout method
CMOS1 1 Vpd RESET CLK Trig (1) 2 RESET (1) 3 CLK (1) 4 Trig (1) 5 EXTSP (1) 6 Vms (1) Vdd GND EOS (1) Video (1) Vref Vgain 7 Vdd 8 GND 9 EOS (1) 10 Video (1) 11 Vref 12 Vgain 13 Vpd CMOS2 14 Vpd 15 RESET (2) 16 CLK (2) Trig (2) 17 Trig (2) 18 EXTSP (2) 19 Vms (2) 20 Vdd 21 GND EOS (2) Video (2) 22 EOS (2) 23 Video (2) 24 Vref 25 Vgain 26 Vpd
KMPDC0223EB
Setting A B
Vms Vdd GND
EXTSP Vdd Preceding sensor EOS should be input
Readout circuit
Check that pulse signals meet the required pulse conditions before supplying them to the input terminals. Video output should be ampli ed by an operational ampli er that is connected close to the sensor. 12
Photodiode arrays with ampli er
S8865-64G/-128G/-256G, S8866-64G-02/-128G-02
Procautions for use
(1) The signal processing IC chip is protected against static electricity. However, in order to prevent possible damage to the IC chip, take electrostatic countermeasures such as grounding yourself, as well as workbench and tools. Also protect the IC chip from surge voltages from peripheral equipment. (2) Gold wires for wire bonding are very thin, so they easily break if subjected to mechanical stress. The signal processing IC chip, wire bonding section and photodiode array chip are covered with resin for protection. However, never touch these portions. Excessive force, if applied, may break the wires or cause malfunction. Blow air to remove dust or debris if it gets on the protective resin. Never wash them with solvent. Signals may not be obtained if dust or debris is left or a scratch is made on the protective resin, or the signal processing IC chip or photodiode array chip is nicked. (3) The photodiode array characteristics may deteriorate when operated at high humidity, so put it in a hermetically sealed enclosure or case. When installing the photodiode array on a board, be careful not to cause the board to warp. (4) The characteristics of the signal processing IC chip deteriorate if exposed to X-rays. So use a lead shield which is at least 1 mm larger all around than the signal processing IC chip. The 1 mm margin may not be suf cient depending on the incident angle of X-rays. Provide an even larger shield as long as it does not cover the photodiode active area. Since the optimal shield thickness depends on the operating conditions, calculate it by taking the attenuation coef cient of lead into account. (5) The sensitivity of the photodiode array chip decreases if continuously exposed to X-rays. The extent of this sensitivity decrease differs depending on the X-ray irradiation conditions, so before beginning measurement, check how much the sensitivity decreases under the X-ray irradiation conditions to be used.
Driver circuit C9118 series (sold separately)
The CMOS driver circuit is designed for the S8865-64/-64G and S8865-128/-128G photodiode arrays with ampli er. The C9118 series operates a photodiode by just inputting two signals (M-CLK and M-RESET) and a signal +5 V supply. The C9118 is intended for single use or parallel connections, while the C9118-01 is suitable for cascade connections.
Features
Single power supply (+5 V) operation Operation with two input signals (M-CLK and M-RESET) Compact: 46 x 56 x 5.2 t mm
13
Photodiode arrays with ampli er
S8865-64G/-128G/-256G, S8866-64G-02/-128G-02
Block diagram
S8865-64G S8865-128G S8866-64G-02 S8866-128G-02 +Vcc SW1 CN1 CLK RESET Trig EOS EXTSP Vms Vg Vdd GND Video Vref Vp 1 2 +Vcc 1: TOP 2: END +Vcc CN2 M-CLK M-RESET TRIGGER L-EOS IN-START GAIN +5 V GND VIDEO GND CN3 M-CLK M-RESET TRIGGER L-EOS EXTSP2 GAIN +5 V GND VIDEO GND
Controller
+Vcc
+Vp
VR1 +Vcc
SW2
+
+ + +Vcc REF
+Vp
+
C9118-01 only
KACCC0455EB
14
Photodiode arrays with ampli er
S8865-64G/-128G/-256G, S8866-64G-02/-128G-02
Connection examples
Single or parallel readout example (C9118) Simultaneous integration/output (effective for high-speed processing)
S8865-64G S8865-128G S8866-64G-02 S8866-128G-02
Cascade readout example (C9118-01) Simultaneous integration/serial output (Simplifies external processing circuit)
S8865-64G S8865-128G S8866-64G-02 S8866-128G-02
C9118 CN2 External controller
C9118-01 CN2 CN3 External controller
Scan direction S8865-64G S8865-128G S8866-64G-02 S8866-128G-02 S8865-64G S8865-128G S8866-64G-02 S8866-128G-02 External controller
Accessory cable C9118-01 CN2 CN3
C9118 CN2
Scan direction S8865-64G S8865-128G S8866-64G-02 S8866-128G-02 S8865-64G S8865-128G S8866-64G-02 S8866-128G-02 External controller
C9118 CN2
C9118-01 CN2 CN3
KACCC0432EB
Scan direction
Scan direction
KACCC0431EB
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. Type numbers of products listed in the specification sheets or supplied as samples may have a suffix "(X)" which means tentative specifications or a suffix "(Z)" which means developmental specifications. (c)2010 Hamamatsu Photonics K.K.
www.hamamatsu.com
HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 8152-375-0, Fax: (49) 8152-265-8 France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1 int. 6, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Cat. No. KMPD1105E02 Oct. 2010 DN
15


▲Up To Search▲   

 
Price & Availability of S8865-128G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X