Part Number Hot Search : 
13002 514170C SWG25000 SC3027B HDC10C B2300 PSS9014C HBL1392D
Product Description
Full Text Search
 

To Download RS2006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RS2001 thru RS2007
SINLE-PHASE SILICON BRIDGE RECTIFIER
CHENG- YI
ELECTRONIC
VOLTAGE RANGE -50 to 1000 Volts CURRENT -20 Amperes
FEATURES
Low leakage Low forward voltage Mounting position:Any Surge overload rating:250 amperes peak Siliver-plated copper leads
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 250C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS ( At TA=25 C unless otherwise noted)
0
Ratings Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Output Current at Tc=500C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load Operating and Storage Temperature Range Maximum Forward Voltage Drop per element at 10.0A DC Maximum Reverse Current at Rated @TA=250C DC Blocking Voltage per element @TC=1000C
Symbol VRRM VRMS VDC IO
RS2001 RS2002 RS2003 RS2004 RS2005 RS2006 RS2007
50 35 50 100 75 100 200 140 200 400 280 400 20 600 420 600 800 560 800 1000 700 1000
UNITS
Volts Volts Volts Amps
IFSM TJ TSTG VF IR
250 -55 to +150 1.0 10 0.2
Amps
0
C
Volts Amps mAmps
RS2001 thru RS2007
SINLE-PHASE SILICON BRIDGE RECTIFIER
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES RS2001 THRU RS2007
Fig. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
PEAK FORWARD SURGE CURRENT, AMPERES
300
Fig. 1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
25 20 15
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
WITH HEATSINK
200
10 5 0 20 40 60 80 100 120 140
100
Single Half Sine-Wave (JEDEC METHOD)
WITHOUT HEATSINK
0 1 2 5 10 20 50 100
CASE TEMPERATURE, 0C
NUMBER OF CYCLES AT 60Hz
Fig. 3 - TYPICAL JUNCTION CAPACITANCE
100 100
Fig. 4 - TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT, (A)
10
CAPACITANCE, (pF)
10
1.0
0.1
TJ=25C PULSE WIDTH:300
0
0 TJ=25C, f= 1MHz
S
1.0 1.0 4.0 10.0 100
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
REVERSE VOLTAGE, VOL TS
INSTANTANEOUS FORWARD VOLT AGE, VOLTS
Fig. 5 - TYPICAL REVERSE CHARACTERISTICS
A) INSTANTANEOUS REVERSE CURRENT, (
1000
0 TJ=125C
100
0 TJ=100C
10
TJ=500C
1.0
TJ=250C
0.1 0 20 40 60 80 100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)


▲Up To Search▲   

 
Price & Availability of RS2006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X