Part Number Hot Search : 
5004GW B2010 UNR511Z HT82M SPU45109 PT631 ZTBF500E NCE4953
Product Description
Full Text Search
 

To Download RL104FG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
RL101FG THRU RL107FG
FAST RECOVERY GLASS PASSIVATED RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FEATURES
* * * * * * High reliability Low leakage Low forward voltage drop High current capability Glass passivated junction High switching capability
A-405
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.33 gram
.025 (0.6) DIA. .021 (0.5)
1.0 (25.4) MIN.
.205 (5.2) .166 (4.2)
.107 (2.7) .080 (2.0)
DIA.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
1.0 (25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375" (9.5mm) lead length at TA = 50oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM CJ TJ, TSTG
R L 1 0 1 F G RL102FG R L 1 0 3 F G R L 1 0 4 F G R L 1 0 5 F G R L 1 0 6 F G R L 1 0 7 F G
UNITS Volts Volts Volts Amps Amps pF
0
50 35 50
100 70 100
200 140 200
400 280 400 1.0 30 15 -65 to + 175
600 420 600
800 560 800
1000 700 1000
C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25 oC Maximum Full Load Reverse Current Full Cycle Average, .375" (9.5mm) lead length at TL = 55 oC Maximum Reverse Recovery Time (Note 1) NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A 2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts SYMBOL VF
RL101FG RL102FG RL103FG RL104FG RL105FG RL106FG RL107FG
1.3 5.0
UNITS Volts uAmps uAmps
IR 100 trr 150 250 500
nSec 2001-5
RATING AND CHARACTERISTIC CURVES ( RL101FG THRU RL107FG )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT, (A)
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT 50
PEAK FORWARD SURGE CURRENT, (A)
8.3ms Single Half Sine-Wave (JEDED Method)
1.0 .8 .6 .4 .2 0 0 25 50 75 100 125 150 175 AMBIENT TEMPERATURE, ( ) FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
Single Phase Half Wave 60Hz Resistive or Inductive Load
40 30 20 10 0
1
2
4 6 8 10 20 40 60 80 100 NUMBER OF CYCLES AT 60Hz
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT, (uA)
INSTANTANEOUS FORWARD CURRENT, (A)
20 10 3.0 1.0 0.3 0.1 .03 .01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
TJ = 25 Pulse Width=300uS 1% Duty Cycle
10 6 4 2 1.0 .6 .4 .2 .1 .06 .04 .02 .01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
TJ = 25
INSTANTANEOUS FORWARD VOLTAGE, (V) FIG. 5 - TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE, (pF)
200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, ( V )
TJ = 25
50 NONINDUCTIVE
FIG. 6 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
10 NONINDUCTIVE
trr +0.5A (-) 0 PULSE
GENERATOR
(+) 25 Vdc (approx) (-)
D.U.T
-0.25A
(NOTE 2) 1 NONINDUCTIVE OSCILLOSCOPE (NOTE 1) (+) -1.0A
1 NOTES: Rise Time = 7ns max. Input Impedance = 1 megohm. 22pF. 2. Rise Time = 10ns max. Souce Impedance = 50 ohms.
1cm
SET TIME BASE FOR 50/100 ns/cm
RECTRON


▲Up To Search▲   

 
Price & Availability of RL104FG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X