Part Number Hot Search : 
FJX4013R AM252 HCT57 MBR3060 81A55 TA0942A 2300S VICES
Product Description
Full Text Search
 

To Download RL104FG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.0A GLASS PASSIVATED FAST RECOVERY RECTIFIER RL101FG - RL107FG
1.0A Glass Passivated Fast Recovery Rectifier
Features
* * * * Low Forward Voltage Drop Glass passivated junction High Surge Current Capability High Reliability
A-405
* RoHS compliant
Mechanical Data
Case: Epoxy: Terminals: Polarity: Weight: Molded Plastic Meets UL 94V-0 flammability rating Axial leads, solderable per MIL-STD-202, Method 208 Cathode indicated by color band 0.008 Ounce, 0.235 gram
Maximum Ratings (T Ambient=25C unless noted otherwise)
Symbol Description Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @Ta=55 C Peak Forward Surge Current (Note1) Maximum reverse recovery time(Note 2) Operating Junction Temperature Range Storage Temperature Range 150 -55 to +150 -55 to +150 RL101FG 50 35 50 RL102FG 100 70 100 RL103FG 200 140 200 RL104FG 400 280 400 1.0 RL105FG 600 420 600 RL106FG 800 560 800 RL107FG 1000 700 1000 Unit V V V A
VRRM VRMS VDC IO(AV) IFSM Trr TJ TSTG
30 250 500
A nS C C
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: Fax: (800)-TAITRON (800)-824-8766 (661)-257-6060 (800)-TAITFA (800)-824-8329 (661)-257-6415
Rev. A/JJ 2007-06-15 Page 1 of 6
1.0A Glass Passivated Fast Recovery Rectifier RL101FG - RL107FG
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Symbol Description Maximum Forward Voltage @ IF=1.0A Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note3) Maximum Thermal Resistance (Note4) RL101FG RL102FG RL103FG RL104FG 1.3 RL105FG RL106FG RL107FG Unit V A uA pf
VF IR
CJ
TA=25 C TA=100 C
5.0 100 10
R-JA Note:
67
C/W
1. 8.3ms single half sine-wave superimposed on rated load (JEDEC method) 2. Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A. 3. Measured at 1MHz and applied reverse voltage of 4.0Volts D.C. 4. Thermal resistance from junction to ambient at .375" (9.5mm) lead length.
Typical Characteristics Curves
IFSM Instantaneous Forward current (A) Fig.1- Forward Current Derating Curve Fig.2-Max. Non-Repetitive Forward Surge Current
IO(AV) Average Forward Current (A)
Ambient Temperature Ta (C)
Number of Cycles at 60Hz
Rev. A/JJ 2007-06-15 www.taitroncomponents.com Page 2 of 5
1.0A Glass Passivated Fast Recovery Rectifier RL101FG - RL107FG
Fig.3-Typical Instantaneous Forward Characteristics IF Instantaneous Forward current (A) IR Instantaneous Reverse current (A)
Fig.4- Typical Reverse Characteristics
VF Instantaneous Forward Voltage (V)
Percentage of Peak Reverse Voltage (%)
Fig.5-Typical junction capacitance
CJ Junction Capacitance (pF)
Reverse Voltage (V)
Rev. A/JJ 2007-06-15 www.taitroncomponents.com Page 3 of 5
1.0A Glass Passivated Fast Recovery Rectifier RL101FG - RL107FG
Dimensions in inches (mm)
A-405
Rev. A/JJ 2007-06-15 www.taitroncomponents.com Page 4 of 5
1.0A Glass Passivated Fast Recovery Rectifier RL101FG - RL107FG
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/JJ 2007-06-15 www.taitroncomponents.com Page 5 of 5


▲Up To Search▲   

 
Price & Availability of RL104FG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X