Part Number Hot Search : 
SKQGAF TS8GJFT3 CRCW2512 RT9505 8002D HT162 BAYP18 SZ6514
Product Description
Full Text Search
 

To Download RCLAMP7002M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PROTECTION PRODUCTS - RailClamp(R) Description
RailClamp(R) TVS diode arrays are specifically designed to protect sensitive components which are connected to high-speed data and transmission lines from overvoltage caused by ESD (electrostatic discharge), CDE (Cable Discharge Events), and EFT (electrical fast transients). The RClamp(R)7002M has been optimized for use on the next generation of ADSL interfaces. Their high surge capability makes them particularly useful in systems that utilize gas tubes as the primary protection component. This device integrates surge rated, low capacitance steering diodes in a small MSOP-10L package. Each protection diode features a large area junction to minimize clamping voltage and increase reliability during high current surges. It has a maximum capacitance of only 10pF and may be used to protect two high-speed lines without sacrificing signal integrity. The RCLAMP7002M may be used on systems operating from 3.3 to 70 volts. This means that they may be used in applications that use the Central Office battery as the main supply. The RCLAMP7002M is also designed for easy board layout by allowing the signal traces to run straight through the device. The high surge capability, ease of layout coupled with the low capacitance and clamping voltage of the RCLAMP7002M makes it the superior choice for protecting two high speed lines against high energy telecommunication surges.
RailClamp(R) Low Capacitance TVS Diode Array
Features
1000 Watts peak pulse power (8/20s) Protection for high-speed data lines to IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact) IEC 61000-4-4 (EFT) 40A (5/50ns) IEC 61000-4-5 (Lightning) 1kV, 24A (1.2/50s) Low clamping voltage: 10V at Ipp = 40A (8/20s) Array of surge rated suppression diodes Protects two high speed lines Low capacitance: 10pF (I/O to Ground) Operating voltage range: 3.3 - 70V Small package saves board space Solid-state silicon-avalanche technology
RCLAMP7002M
Mechanical Characteristics
JEDEC MSOP-10L package Molding compound flammability rating: UL 94V-0 Marking: Marking code and date code Packaging: Tape and Reel Lead Finish: Matte tin Pb-Free, Halogen Free, RoHS/WEEE Compliant
Applications
ADSL Lines Central Office Equipment T1/E1 secondary IC Side Protection Small Office Home Office (SOHO) Applications WAN/LAN Equipment ISDN S/T Interface ATM Interfaces
Circuit Diagram
PIN Configuration
Pin 7, 8, 9
Line 1 1 In GND
Pin 1 Pin 10 Pin 5 Pin 6
Line 1 Out Vcc Vcc Vcc Line 2 Out
GND GND Line 2 In
Pin 2, 3,4
MSOP-10L (Top View)
Revision 05/7/2010 1 www.semtech.com
RCLAMP7002M
PROTECTION PRODUCTS Absolute Maximum Rating
R ating Peak Pulse Power (tp = 8/20s) Peak Pulse Current (tp = 8/20s) ESD p er IEC 61000-4-2 (Air) ESD p er IEC 61000-4-2 (Contact) Op erating Temp erature Storage Temp erature Symbol P PP IP P VESD TJ TSTG Value 1000 70 15 8 -55 to +125 -55 to +150 Units W A kV C C
Electrical Characteristics (T=25oC)
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Forward Voltage Clamp ing Voltage Clamp ing Voltage Clamp ing Voltage Junction Cap acitance Symbol VRWM V BR IR Vf VC VC VC Cj It = 50A VRWM = 70V, T=25C If = 15mA IPP = 1A, tp = 8/20s Any I/O p in to Ground IPP = 40A, tp = 8/20s Any I/O p in to Ground IPP = 70A, tp = 8/20s Any I/O p in to Ground VR = 0V, f = 1MHz Any I/O p in to Ground VR = 0V, f = 1MHz Between I/O p ins 3 85 5 1.2 1.5 10 14.3 10 Conditions Minimum Typical Maximum 70 Units V V A V V V V pF pF
(c) 2010 Semtech Corp.
2
www.semtech.com
RCLAMP7002M
PROTECTION PRODUCTS Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
10
110 100
Power Derating Curve
Peak Pulse Power - P PP (kW)
% of Rated Power or IPP
90 80 70 60 50 40 30 20 10 0 0 25 50 75 100 125 150
1
0.1 0.1 1 10 Pulse Duration - tp ( s) 100 1000
Ambient Temperature - TA (oC)
Pulse Waveform
110 100 90 80 Percent of IPP 70 60 50 40 30 20 10 0 0 5 10 15 Time (s) 20 25 30
0.4 0
Capacitance vs. Reverse Voltage
Waveform Parameters: tr = 8s td = 20s
1.2
1.0 Normalized Capacitance
e
-t
0.8
td = IPP/2
0.6
f = 1 MHz 10 20 30 40 50 60 70
Reverse Voltage - VR (V)
Forward Voltage vs. Forward Current
CH1 S21
Insertion Loss S21
LOG 6 dB / REF 0 dB 1: -.3775 dB 900 MHz 0 dB
1
14 12 Forward Voltage (V) 10 8 6 4 2 0 0 20 40 Peak Pulse Current (A)
START . 030 MHz
2: -3.1072 dB 1.8 GHz
2 3
-6 dB -12 dB -18 dB
3: -11.75 dB 2.5 GHz
Waveform Parameters: tr = 8s td = 20s 60 80
-24 dB -30 dB -36 dB -42 dB
STOP 3000. 000000 MHz
(c) 2010 Semtech Corp.
3
www.semtech.com
RCLAMP7002M
PROTECTION PRODUCTS Applications Information
Device Connection Options for Protection of Two High-Speed Data Lines This device is designed to protect two data lines from transient over-voltages by clamping them to a fixed reference. When the voltage on the protected line exceeds the reference voltage (plus diode VF) the steering diodes are forward biased, conducting the transient current away from the sensitive circuitry. Data line inputs are connected at pins 1 and 5. The outputs are connected at pins 10 and 6 respectively. The negative reference is connected at pins 2, 3, and 4. These pins should be connected directly to a ground plane on the board for best results. The path length is kept as short as possible to minimize parasitic inductance. The positive reference is connected at pins 7, 8, and 9. The options for connecting the positive reference are as follows: 1. To protect data lines and the power line, connect pins 7, 8 and 9 directly to the positive supply rail (VCC). In this configuration the data lines are referenced to the supply voltage. An external TVS diode may be added between the supply rail and ground in order to prevent over-voltage on the supply rail. 2. In applications where no positive supply reference is available, or complete supply isolation is desired, an external TVS diode may be used as the reference. The steering diodes will begin to conduct when the voltage on the protected line exceeds the working voltage of the TVS (plus one diode drop).
Line 1 1 In GND GND GND Line 2 In
Schematic
Pin 7, 8, 9
Pin 1
Pin 10
Pin 5
Pin 6
Pin 2, 3,4
Pin Configuration
Line 1 Out Vcc Vcc Vcc Line 2 Out
(c) 2010 Semtech Corp.
4
www.semtech.com
RCLAMP7002M
PROTECTION PRODUCTS Applications Information - Spice Model
Vcc
I/O
0.7 nH
RCLAMP7002M Spice Model
Table 1 - R Clamp7002M Spice Parameters Parameter IS BV VJ RS IB V CJO TT M N EG Unit Amp Volt Volt Ohm Amp Farad sec --eV D1 (LCR D) 1.0E-20 200 0.53 0.037 1E-3 3.5E-12 2.541E-9 0.142 1.1 1.11 D2 (LCR D) 1.0E-20 200 0.53 0.14 1E-3 3.5E-12 2.541E-9 0.142 1.1 1.11
(c) 2010 Semtech Corp.
5
www.semtech.com
RCLAMP7002M
PROTECTION PRODUCTS Outline Drawing SO-8 Outline Drawing -- MSOP 10L
e A N SEE DETAIL 2X E/2 E1 PIN 1 INDICATOR ccc C 2X N/2 TIPS 12 B GAGE PLANE 0.25 (L1) D aaa C A2 SEATING PLANE C A1 bxN bbb C A-B D A DETAIL L E H c SIDE VIEW D
DIM
DIMENSIONS INCHES MILLIMETERS MIN NOM MAX MIN NOM MAX
.043 .000 .006 .030 .037 .007 .011 .003 .009 .114 .118 .122 .114 .118 .122 .193 BSC .020 BSC .016 .024 .032 (.037) 10 0 8 .004 .003 .010 1.10 0.00 0.15 0.75 0.95 0.17 0.27 0.08 0.23 2.90 3.00 3.10 2.90 3.00 3.10 4.90 BSC 0.50 BSC 0.40 0.60 0.80 (.95) 10 0 8 0.10 0.08 0.25
A
01
A A1 A2 b c D E1 E e L L1 N 01 aaa bbb ccc
A
NOTES: 1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
2. DATUMS -A- AND -B- TO BE DETERMINED AT DATUM PLANE -H3. DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. 4. REFERENCE JEDEC STD MO-187, VARIATION BA.
Land Pattern - MSOP 10L
X
DIM
(C) G Z C G P X Y Z
DIMENSIONS INCHES MILLIMETERS
(.161) .098 .020 .011 .063 .224 (4.10) 2.50 0.50 0.30 1.60 5.70
Y P
NOTES: 1. THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY. CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR COMPANY'S MANUFACTURING GUIDELINES ARE MET.
(c) 2010 Semtech Corp.
6
www.semtech.com
RCLAMP7002M
PROTECTION PRODUCTS Marking Codes Ordering Information
Part Number Lead Finish Matte Sn Qty per Reel 500 R eel Size 7 Inch
702M
YYWW
RClamp 7002M.TBT
RailClamp and RClamp are trademarks of Semtech Corporation
YYWW = Date Code
Tape and Reel Specification
Device Orientation in Tape
A0 5.30 +/-0.20 mm
B0 3.40 +/-0.20 mm
K0 1.40 +/-0.10 mm
Tap e Width
B, (Max)
D
D1
E
F
K (MAX)
P
P0
P2
T(MAX)
W
12 mm
8.2 mm
1.5 + 0.1 mm - 0.0 mm )
0.5 mm 0.05
1.750.10 mm
5.50.05 mm
4.5 mm
8.00.1 mm
4.00.1 mm
2.00.05 mm
0.4 mm
12.0 mm 0.3 mm
Contact Information
Semtech Corporation Protection Products Division 200 Flynn Road, Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
(c) 2010 Semtech Corp. 7 www.semtech.com


▲Up To Search▲   

 
Price & Availability of RCLAMP7002M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X