Part Number Hot Search : 
Z5225 D1704 NTE15044 2N6071B HD74L 4VHCT0 MAX5913 F06T4
Product Description
Full Text Search
 

To Download OM5260SARADA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OM5257SA/RA/DA OM5259SA/RA/DA OM5258SA/RA/DA OM5260SA/RA/DA
HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
40 Amp, 50 To 200 Volts, 50 ns trr
FEATURES
* * * * * * * * Very Low Forward Voltage Very Fast Switching Time Hermetic Metal Package, JEDEC TO-254AA Outline Low Thermal Resistance Isolated Package High Surge Ceramic Feedthroughs Available Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This series of products in a hermetic package is specifically designed for use at power switching frequencies in excess of 100 kHz. The series combines two high efficiency devices into one package, simplifying installation, reducing heat sink hardware, and the need to obtain matched components. These devices are ideally suited for Hi-Rel applications where small size and a hermetically sealed package are required. Common anode configurations are also available. Common cathode is standard.
ABSOLUTE MAXIMUM RATINGS (Per Diode) @ 25C Peak Inverse Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 to 200 V Maximum Average D.C. Output Current @ TC = 100 C . . . . . . . . . . . . . . . . . . . . . . 20 A Surge Current (Non-Repetitive 8.3 msec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500 A Thermal Resistance Junction-to-Case. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3C/W Operating and Storage Temperature Range . . . . . . . . . . . . . . . . . . . . - 55 C to + 150C
SCHEMATIC
1 2 COMMON ANODE 1 1 2 COMMON CATHODE
3.2
3
3 3 DOUBLER
OMXXXXRA
OMXXXXSA
OMXXXXDA
2
Common cathode is standard. Contact factory for performance characteristics for common anode and doubler. Standard Products are supplied with glass feedthroughs. For ceramic feedthroughs, add the letter "C" to the part number. Example - OMXXXXCSA.
4 11 R0
3.2 - 63
OM5257SA/RA/DA - OM5260SA/RA/DA
ELECTRICAL CHARACTERISTICS (Per Diode) TJ = 25C unless otherwise specified
Part Number PIV Maximum Forward Voltage @ 15 A(1) Tj = 25 C Tj = 100 C 1.1 V 1.0 V Maximum Reverse Current @ PIV Tj = 25 C Tj = 100 C 20 A 1.0 mA Maximum Reverse Recovery Time(2)
OM5257XX 50 V OM5258XX 100 V OM5259XX 150 V OM5260XX 200 V
50 nsec
Notes: (1) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
(2) Measured in Circuit: IF = 0.5 A, IR = 1.0 A, IREC = 0.25 A
TYPICAL FORWARD VOLTAGE
100 70 50 iF = INSTANTANEOUS FORWARD CURRENT (AMPS) 30 20 TJ = 25C 10 7.0 5.0 3.0 2.0 TJ = 100C IR = REVERSE CURRENT (A)
TYPICAL REVERSE CURRENT
500 300 200 100 50 30 20 10 5.0 3.0 2.0 1.0 0.5 0.3 0.2 0.1 0.05 0 20 40
TJ = 150C
TJ = 100C
TJ = 25C
60 80 100 120 140 160 180 200
VR = REVERSE VOLTAGE (VOLTS)
1.0 0.7 0.5 0.3 0.2
MECHANICAL OUTLINE
.144 DIA. .545 .535 .050 .040
0.2 0.4 0.6 0.8 1.0 1.2
3.2
0.1 VF = INSTANTANEOUS VOLTAGE (VOLTS)
.685 .665
.800 .790
.550 .530
1
2
3
.550 .510 .045 .035 .150 TYP. .260 .249
.005
.150 TYP.
Z-Tab package also available.
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246


▲Up To Search▲   

 
Price & Availability of OM5260SARADA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X