Part Number Hot Search : 
4805E M7R23FAJ AD7738B BA2021T 382601 M5237 BOS052S 0KP90
Product Description
Full Text Search
 

To Download OAA-18F1000C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS MODULES & SUBSYSTEMS
Compact, Two-Stage Amplifier with Mid-Stage Access OA 1000 Amplifier Series
Key Features
* Saturated output power up to 21 dBm * Mid-stage access * Cost-effective gain flatness of 0.75 dB * Compact size with the option of integrated PIN receiver/erbium doped fiber amplifier (EDFA) * Wide dynamic range
Applications
* Long haul and metro networks * Tunable laser booster * Full C-band amplification * Power equalization and flexible pre-emphasis * Overcoming channel add/drop losses * Overcoming dispersion compensating filter and variable optical attenuator (VOA) losses
The OA 1000 Amplifier Series provides the highly desired features and functionality of custom-designed EDFAs in a compact and economical package. It has been designed to address the new, higher capacity (higher channel count or 40 Gb/s) long haul system designs as well as the low cost metro add/drop amplification requirements. The JDSU OA 1000 amplifier features a 25 dB gain and a saturated output power of 18 dBm. The module, which contains an erbium-doped fiber coil heater, also provides mid-stage access and 0.75 dB gain flatness. The flexible OA 1000 platform supports these variations: output power and gain ranges; mid-stage loss; monitor ports; gain flattening filters; and erbium doped fiber coil heater. It uses the variations to modify optical functionality to within specifications, creating a cost effective solution per system requirements. JDSU has extensive experience with the development of fully functioning EDFAs, and can design standard, high-performance optical amplifier products that meet your time-to-market requirements.
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
OA 1000 AMPLIFIER SERIES
2
OA 1000 Series Amplifier Detail (Specifications in mm unless otherwise noted.)
SC-UPC INPUT BLUE
SC-UPC INPUT OPTICAL MONITOR (OPTIONAL) BLACK
SC-UPC OUTPUT STAGE 1 (OPTIONAL) ORANGE 8.9 4.1
1.0 - 1.2 METERS 17.5 TYP 9 TYP 7 TYP
SC-UPC OUTPUT RED
SC-UPC OUTPUT OPTICAL MONITOR (OPTIONAL) WHITE 17.5 TYP SC-UPC INPUT STAGE 2 (OPTIONAL) GREEN
65 TYP
125
HEAT SINK MOUNTING SIDE
118.5 118.50
PC BOARD MOUNTING SIDE
36 35
2 1
10
HEAT SINK ATTACH PROVISIONS 4X M3 X 0.5 6 mm DP
93.5 100
3.25
3.25
12
5.4 TYP
3.25 3.25 46.75 93.50 1 PC BOARD ATTACH PROVISIONS 4X M3 X 0.5 6 mm DP
1 OTHER CONNECTOR OPTIONS AVAILABLE CENTERED AS SHOWN
Pinout
Pin 1 2 3 4 5 6 7 8 9 10 11 12
Function Heater + Heater + MPD 3 MPD 3 + MPD 2 MPD 2 + MPD 1 MPD 1 + TEC B TEC B NC GND
Pin 13 14 15 16 17 18 19 20 21 22 23 24
Function LD B + LD B Thermistor B MON B + Thermistor B MON B TEC B + TEC B + TEC A TEC A NC GND
Pin 25 26 27 28 29 30 31 32 33 34 35 36
Function LD A + LD A Thermistor A MON A + Thermistor A MON A TEC A + TEC A + Thermistor Thermistor Heater Heater -
OA 1000 AMPLIFIER SERIES
3
Specifications
Parameter Optical Signal wavelength Total input signal power Total output signal power Signal gain Noise figure Gain flatness Dimensions (W x H x D) Operating temperature
OAA-15U1000Cx
1529 to 1562 nm -7 dBm 18 dBm 25 dB 6.0 dB 0.75 dB 100 x 125 x 12 mm 0 to 70 C
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: OAA-18F1001CA
OAA- 1 8
Code 18 Psat1 18 dBm
F 10
Code 00 01 02 03 Mid-Stage Access3 and Optical Port With mid-stage access, no optical port With mid-stage access, 1 optical port With mid-stage access, 2 optical ports With mid-stage access, 3 optical ports Code 3 5 9 A C E
C
Connector Type4 FC/APC SC/APC FC/UPC SC/UPC (default) MU E2000
Code F
Gain Flatness2 Flattened (with GFF)
1. 2. 3. 4.
Other powers available upon request. Non-gain flattened version available upon request. Version without mid-stage access available upon request. More connector options are available upon request.
OA 1000 AMPLIFIER SERIES
4
User Safety
The invisible laser light emitted from this module is harmful to the human eye. Proper laser safety eyewear must be worn during operation.
ESD Protection
The laser diodes and photodiodes contained in this module are very reliable under normal operating conditions. However, they are easily destroyed by inadvertent electrostatic discharge (ESD). Take extreme precaution to prevent ESD. Use wrist straps, grounded work surfaces, and antistatic techniques when operating this module. When not in use, the fiber amplifier must be kept in a static-free environment with the shorting plug covering the connector.
AT T E N T I O N
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC SENSITIVE DEVICES
SMF-28 is a registered trademark of Corning Incorporated. All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. (c)2005 JDS Uniphase Corporation. All rights reserved. 10135546 Rev. 002 11/05 OA1000.DS.CMS.AE
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com


▲Up To Search▲   

 
Price & Availability of OAA-18F1000C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X