Part Number Hot Search : 
HV506PG BLF30 IRF3805 28C64 D30N03 LC230WX3 TC74VH BR300
Product Description
Full Text Search
 

To Download MMSD301T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMSD301T1G, MMSD701T1G SOD- 123 Schottky Barrier Diodes
The MMSD301T1, and MMSD701T1 devices are spin-offs of our popular MMBD301LT1, and MMBD701LT1 SOT- devices. They -23 are designed for high-efficiency UHF and VHF detector applications. Readily available to many other fast switching RF and digital applications.
Features http://onsemi.com
1 Cathode
2 Anode

Extremely Low Minority Carrier Lifetime Very Low Capacitance Low Reverse Leakage These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS Compliant
SOD-123 CASE 425 STYLE 1
MAXIMUM RATINGS
Rating Reverse Voltage MMSD301T1 MMSD701T1 Symbol VR IF PF TJ Tstg Value 30 70 200 225 -- 55 to +125 -- 55 to +150 Unit Vdc mA mW C C 1 XXX MG G
MARKING DIAGRAM
Forward Current (DC) Continous Forward Power Dissipation TA = 25C Junction Temperature Storage Temperature Range
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
= Specific Device Code XT = MMSD301T1 XH = MMSD701T1 M = Date Code G = Pb--Free Package (Note: Microdot may be in either location)
xx
ORDERING INFORMATION
Device MMSD301T1G MMSD701T1G Package SOD--123 (Pb--Free) SOD--123 (Pb--Free) Shipping 3000 Tape & Reel 3000 Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Semiconductor Components Industries, LLC, 2010
October, 2010 - Rev. 5 -
1
Publication Order Number: MMSD301T1/D
MMSD301T1G, MMSD701T1G
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Reverse Breakdown Voltage (IR = 10 mA) Diode Capacitance (VR = 0 V, f = 1.0 MHz Total Capacitance (VR = 15 V, f = 1.0 MHz) (VR = 20 V, f = 1.0 MHz) Reverse Leakage (VR = 25 V) (VR = 35 V) Forward Voltage (IF = 1.0 mAdc) (IF = 10 mA) (IF = 1.0 mAdc) (IF = 10 mA) MMSD301T1 MMSD701T1 MMSD301T1 MMSD701T1 MMSD301T1 MMSD701T1 MMSD301T1 MMSD701T1 MMSD301T1 MMSD701T1 Symbol V(BR)R Min 30 70 ----------Typ --0.9 0.5 0.9 0.5 13 9.0 0.38 0.52 0.42 0.7 Max --pF 1.5 1.0 pF 1.5 1.0 200 200 0.45 0.6 0.5 1.0 nAdc nAdc Vdc Unit V
CT
CT
IR
VF
http://onsemi.com
2
MMSD301T1G, MMSD701T1G
TYPICAL CHARACTERISTICS MMSD301T1
2.8 CT, TOTAL CAPACITANCE (pF) 2.4 2.0 1.6 1.2 0.8 0.4 0 0 3.0 6.0 9.0 12 15 21 18 VR, REVERSE VOLTAGE (VOLTS) 24 27 30 f = 1.0 MHz , MINORITY CARRIER LIFETIME (ps) MMSD301T1 500 MMSD301T1 400 KRAKAUER METHOD 300 200 100 0
0
10
20
30 50 70 40 60 IF, FORWARD CURRENT (mA)
80
90
100
Figure 1. Total Capacitance
Figure 2. Minority Carrier Lifetime
10 MMSD301T1 IR, REVERSE LEAKAGE ( m A) 1.0 TA = 100C TA = 75C
100 IF, FORWARD CURRENT (mA)
MMSD301T1 TA = -- 40C
10
TA = 85C
0.1
0.01
TA = 25C
1.0 TA = 25C
0.001
0
6.0
12 18 VR, REVERSE VOLTAGE (VOLTS)
24
30
0.1
0.2
0.4
0.6 0.8 VF, FORWARD VOLTAGE (VOLTS)
1.0
1.2
Figure 3. Reverse Leakage
Figure 4. Forward Voltage
http://onsemi.com
3
MMSD301T1G, MMSD701T1G
TYPICAL CHARACTERISTICS MMSD701T1
2.0 CT, TOTAL CAPACITANCE (pF) 1.6 1.2 0.8 0.4 0 f = 1.0 MHz , MINORITY CARRIER LIFETIME (ps) MMSD701T1 500 MMSD701T1 400 KRAKAUER METHOD 300 200 100 0
0
5.0
10
15 20 25 30 35 VR, REVERSE VOLTAGE (VOLTS)
40
45
50
0
10
20
30 50 70 40 60 IF, FORWARD CURRENT (mA)
80
90
100
Figure 5. Total Capacitance
Figure 6. Minority Carrier Lifetime
10 MMSD701T1 IR, REVERSE LEAKAGE ( m A) 1.0 TA = 100C TA = 75C
100 IF, FORWARD CURRENT (mA)
MMSD701T1
10 TA = 85C TA = -- 40C
0.1
1.0 TA = 25C
0.01
TA = 25C
0.001
0
10
20 30 VR, REVERSE VOLTAGE (VOLTS)
40
50
0.1
0.2
0.4
0.8 1.2 VF, FORWARD VOLTAGE (VOLTS)
1.6
2.0
Figure 7. Reverse Leakage
Figure 8. Forward Voltage
http://onsemi.com
4
MMSD301T1G, MMSD701T1G
PACKAGE DIMENSIONS
SOD-123 CASE 425--04 ISSUE G
D A A1
1 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. MILLIMETERS DIM MIN NOM MAX A 0.94 1.17 1.35 A1 0.00 0.05 0.10 b 0.51 0.61 0.71 ----------c 0.15 D 1.40 1.60 1.80 E 2.54 2.69 2.84 HE 3.56 3.68 3.86 ----------L 0.25 -----10 0 STYLE 1: PIN 1. CATHODE 2. ANODE MIN 0.037 0.000 0.020 -----0.055 0.100 0.140 0.010 0 INCHES NOM 0.046 0.002 0.024 -----0.063 0.106 0.145 ----------MAX 0.053 0.004 0.028 0.006 0.071 0.112 0.152 -----10
HE
E
2
b C L
SOLDERING FOOTPRINT*
0.91 0.036 1.22 0.048 2.36 0.093 4.19 0.165
SCALE 10:1 mm inches
*For additional information on our Pb--Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303--675--2175 or 800--344--3860 Toll Free USA/Canada Fax: 303--675--2176 or 800--344--3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800--282--9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81--3--5773--3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
5
MMSD301T1/D


▲Up To Search▲   

 
Price & Availability of MMSD301T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X