Part Number Hot Search : 
FR16G02 TC55V ICS342 M5M44 P6KE82 SF100 CINT1175 MYB51DA
Product Description
Full Text Search
 

To Download MC144111DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Technical Data
MC144110/D Rev. 2, 1/2005
MC144110
MC144110 and MC144111
Digital-to-Analog Converters with Serial Interface
CMOS LSI
Package Information P Suffix Plastic DIP Case 707
Package Information DW Suffix SOG Package Case 751D
MC144111
1
Introduction
The MC144110 and MC144111 are low-cost 6-bit D/A converters with serial interface ports to provide communication with CMOS microprocessors and microcomputers. The MC144110 contains six static D/A converters; the MC144111 contains four converters. Due to a unique feature of these DACs, the user is permitted easy scaling of the analog outputs of a system. Over a 5 to 15 V supply range, these DACs may be directly interfaced to CMOS MPUs operating at 5 V. * * * * * * * * Direct R-2R Network Outputs Buffered Emitter-Follower Outputs Serial Data Input Digital Data Output Facilitates Cascading Direct Interface to CMOS P Wide Operating Voltage Range: 4.5 to 15 V Wide Operating Temperature Range: 0 to 85C Software Information is Contained in Document M68HC11RM/AD
Package Information P Suffix Plastic DIP Case 646
Package Information DW Suffix SOG Package Case 751G
Ordering Information Device MC144110P MC144110DW MC144111P MC144111DW Package Plastic DIP SOG Plastic DIP SOG
Contents
1 2 3 4 5 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Electrical Specifications . . . . . . . . . . . . . . . . 4 Switching Characteristics . . . . . . . . . . . . . . . 5 Pin Descriptions . . . . . . . . . . . . . . . . . . . . . . . 8 Packaging . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Freescale reserves the right to change the detail specifications as may be required to permit improvements in the design of its products. (c) Freescale Semiconductor, Inc., 2005. All rights reserved.
Introduction
VDD
Q1 OUT
Rn Qn R1 OUT OUT OUT
2R R 2R 2R R 2R R 2R R 2R R 2R
HEX BUFFER (INVERTING)
ENB
C
HEX LATCH
CLK
C
*
C D 6-BIT SHIFT REGISTER Dout
DQ Din
*Transparent Latch Figure 1. Block Diagram
MC144110 Technical Data, Rev. 2 2 Freescale Semiconductor
Introduction
MC144110P
Din Q1 Out R1 Out Q2 Out R2 Out Q3 Out R3 Out ENB VSS 1 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 11 10 VDD Dout R6 Out Q6 Out R5 Out Q5 Out R4 Out Q4 Out CLK Din Q1 Out R1 Out Q2 Out R2 Out Q3 Out R3 Out ENB VSS NC
MC144110DW
1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VDD Dout R6 Out Q6 Out R5 Out Q5 Out R4 Out Q4 Out CLK NC
MC144111P
Din Q1 Out R1 Out Q2 Out R2 Out ENB VSS 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VDD Dout R4 Out Q4 Out R3 Out Q3 Out CLK Din Q1 Out R1 Out Q2 Out R2 Out ENB VSS
MC144111DW
1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VDD Dout R4 Out Q4 Out R3 Out Q3 Out CLK NC
NC = No Connection
Figure 2. Pin Assignments
MC144110 Technical Data, Rev. 2 Freescale Semiconductor 3
Electrical Specifications
2
Electrical Specifications
Table 1. Maximum Ratings (Voltages referenced to VSS)
Ratings Symbol VDD Vin I POH 30 50 10 20 PD 100 150 25 50 Tstg - 65 to + 150 C mW Value - 0.5 to + 18 - 0.5 to VDD + 0.5 10 Unit V V mA mW
DC Supply Voltage Input Voltage, All Inputs DC Input Current, per Pin Power Dissipation (Per Output) TA = 70C MC144110 MC144111 TA = 85C MC144110 MC144111 Power Dissipation (Per Package) TA = 70C MC144110 MC144111 TA = 85C MC144110 MC144111 Storage Temperature Range
This device contains protection circuitry to guard against damage due to high static voltages or electric fields; however, it is advised that precautions be taken to avoid application of voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation it is recommended that Vin and Vout be constrained to the range VSS (Vin or Vout) VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD).
Table 2. Electrical Characteristics (Voltages referenced to VSS, TA = 0 to 85C unless otherwise indicated)
Symbol VIH Parameter High-Level Input Voltage (Din, ENB, CLK) Test Conditions VDD 5 10 15 5 10 15 Vout = VDD - 0.5 V Vout = 0.5 V MC144110 MC144111 Iout = 0 A Vin = VDD or 0 V See Figure 3 5 5 15 15 15 5 10 15 Min 3.0 3.5 4 - 200 200 Max 0.8 0.8 0.8 12 8 1 100 200 300 Unit V
VIL
Low-Level Input Voltage (Din, ENB, CLK)
V
IOH IOL IDD Iin Vnonl
High-Level Output Current (Dout) Low-Level Output Current (Dout) Quiescent Supply Current
A A mA A mV
Input Leakage Current (Din, ENB, CLK) Nonlinearity Voltage (Rn Out)
MC144110 Technical Data, Rev. 2 4 Freescale Semiconductor
Switching Characteristics
Table 2. Electrical Characteristics (continued) (Voltages referenced to VSS, TA = 0 to 85C unless otherwise indicated)
Symbol Vstep Step Size (Rn Out) Parameter Test Conditions See Figure 4 VDD 5 10 15 15 Min 19 39 58 40 0.4 Max 137 274 411 1 10 0.7 Unit mV
Voffset IE hFE VBE
Offset Voltage from VSS Emitter Leakage Current DC Current Gain Base-to-Emitter Voltage Drop
Din = $00, See Figure 3 VRn Out = 0 V IE = 0.1 to 10.0 mA TA = 25C IE = 1.0 mA
LSB A V
3
Switching Characteristics
Table 3. Switching Characteristics (Voltages referenced to VSS, TA = 0 to 85C, CL = 50 pF, Input tr = tf = 20 ns unless otherwise indicated)
Symbol twH
Parameter Positive Pulse Width, CLK (Figures 5 and 6)
VDD 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 - 15 5 - 15
Min 2 1.5 1 5 3.5 2 5 3.5 2 1000 750 500 5 3.5 2 5 3.5 2 -
Max 2 7.5
Unit s
twL
Negative Pulse Width, CLK (Figure 5 and 6)
s
tsu
Setup Time, ENB to CLK (Figures 5 and 6)
s
tsu
Setup Time, Din to CLK (Figures 5 and 6)
ns
th
Hold Time, CLK to ENB (Figures 5 and 6)
s
th
Hold Time, CLK to Din (Figures 5 and 6)
s
tr, tf Cin
Input Rise and Fall Times Input Capacitance
s pF
MC144110 Technical Data, Rev. 2 Freescale Semiconductor 5
Switching Characteristics
100 OUTPUT VOLTAGE @ Rn Out, % (VDD - VSS)
75
Vnonl
50
IDEAL ACTUAL
25
Voffset
0 0 $00 15 $0F 31 $1F PROGRAM STEP LINEARITY ERROR (integral linearity). A measure of how straight a device's transfer function is, it indicates the worst-case deviation of linearity of the actual transfer function from the best-fit straight line. It is normally specified in parts of an LSB. 47 $2F 63 $3F
Figure 3. D/A Transfer Function
VRn OUT
STEP SIZE
V DD V DD Step Size = ----------- 0.75 ----------64 64 (For any adjacent pair of digital numbers)
DIGITAL NUMBER
Figure 4. Definition of Step Size
MC144110 Technical Data, Rev. 2 6 Freescale Semiconductor
Switching Characteristics
50% ENB tsu 50% C1 twH twL C2 CN th
CLK
Din tsu
D1 th
D2
DN
Figure 5. Serial Input, Positive Clock
ENB th C1 twL twH C2 CN
tsu CLK
Din
D1 tsu
D2 th
DN
Figure 6. Serial Input, Negative Clock Table 4. Number of Channels vs Clocks Required
Number of Channels Required 1 2 3 4 5 6 Number of Clock Cycles 6 12 18 24 30 36 Q1/R1 Q1/R1, Q2/R2 Q1/R1, Q2/R2, Q3/R3 Q1/R1, Q2/R2, Q3/R3, Q4/R4 Q1/R1, Q2/R2, Q3/R3, Q4/R4, Q5/R5 Q1/R1, Q2/R2, Q3/R3, Q4/R4, Q5/R5, Q6/R6 Outputs Used on MC144110 Outputs Used on MC144111 Q1/R1 Q1/R1, Q2/R2 Q1/R1, Q2/R2, Q3/R3 Q1/R1, Q2/R2, Q3/R3, Q4/R4 Not Applicable Not Applicable
MC144110 Technical Data, Rev. 2 Freescale Semiconductor 7
Pin Descriptions
4
4.1
Pin Descriptions
INPUTS
Din Data Input
Six-bit words are entered serially, MSB first, into digital data input, Din. Six words are loaded into the MC144110 during each D/A cycle; four words are loaded into the MC144111. The last 6-bit word shifted in determines the output level of pins Q1 Out and R1 Out. The next-to-last 6-bit word affects pins Q2 Out and R2 Out, etc.
ENB Negative Logic Enable
The ENB pin must be low (active) during the serial load. On the low-to-high transition of ENB, data contained in the shift register is loaded into the latch.
CLK Shift Register Clock
Data is shifted into the register on the high-to-low transition of CLK. CLK is fed into the D-input of a transparent latch, which is used for inhibiting the clocking of the shift register when ENB is high. The number of clock cycles required for the MC144110 is usually 36. The MC144111 usually uses 24 cycles. See Table 4 for additional information.
4.2
OUTPUTS
Dout Data Output
The digital data output is primarily used for cascading the DACs and may be fed into Din of the next stage.
R1 Out through Rn Out Resistor Network Outputs
These are the R-2R resistor network outputs. These outputs may be fed to high-impedance input FET op amps to bypass the on-chip bipolar transistors. The R value of the resistor network ranges from 7 to 15 k.
MC144110 Technical Data, Rev. 2 8 Freescale Semiconductor
Pin Descriptions
Q1 Out through Qn Out NPN Transistor Outputs
Buffered DAC outputs utilize an emitter-follower configuration for current-gain, thereby allowing interface to low-impedance circuits.
4.3
SUPPLY PINS
VSS Negative Supply Voltage
This pin is usually ground.
VDD Positive Supply Voltage
The voltage applied to this pin is used to scale the analog output swing from 4.5 to 15 V p-p.
MC144110 Technical Data, Rev. 2 Freescale Semiconductor 9
Packaging
5
Packaging
J
18 1 10
B
9
L
NOTES: 1. POSITIONAL TOLERANCE OF LEADS (D). SHALL BE WITHIN 0.25 (0.010) AT MAXIMUM MATERIAL CONDITION, IN RELATION TO SEATING PLANE AND EACH OTHER. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 4. CONTROLLING DIMENSION: INCH.
A C
M
DIM A B C D F G H J K L M N
N F H G D
K
SEATING PLANE
INCHES MILLIMETERS MIN MAX MIN MAX 0.875 0.915 22.22 23.24 0.240 0.260 6.10 6.60 0.140 0.180 3.56 4.57 0.014 0.022 0.36 0.56 0.050 0.070 1.27 1.78 0.100 BSC 2.54 BSC 0.040 0.060 1.02 1.52 0.008 0.012 0.20 0.30 0.115 0.135 2.92 3.43 0.300 BSC 7.62 BSC 0 15 0 15 0.020 0.040 0.51 1.02
Figure 7. Outline Dimensions for P SUFFIX, PLASTIC DIP (CASE 707-02, Issue C)
10X PIN NUMBER
10.55 10.05 0.25 M B
2.65 2.35 A 0.25 0.10
20X
1
20
0.49 0.35 0.25
6
M
TAB
PIN 1 INDEX
18X
1.27
4 12.95 12.65 A A
10
11
T
20X
SEATING PLANE
7.6 7.4 5
B
0.1 T
0.75 0.25
X45
0.32 0.23
1.0 0.4 SECTION A-A
7 0
NOTES: 1. DIMENSIONS ARE IN MILLIMETERS. 2. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 3. DATUMS A AND B TO BE DETERMINED AT THE PLANE WHERE THE BOTTOM OF THE LEADS EXIT THE PLASTIC BODY. 4. THIS DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSION OR GATE BURRS. MOLD FLASH, PROTRUSION OR GATE BURRS SHALL NOT EXCEED 0.15mm PER SIDE. THIS DIMENSION IS DETERMINED AT THE PLANE WHERE THE BOTTOM OF THE LEADS EXIT THE PLASTIC BODY. 5. THIS DIMENSION DOES NOT INCLUDE INTER-LEAD FLASH OR PROTRUSIONS. INTER-LEAD FLASH AND PROTRUSIONS SHALL NOT EXCEED 0.25mm PER SIDE. THIS DIMENSION IS DETERMINED AT THE PLANE WHERE THE BOTTOM OF THE LEADS EXIT THE PLASTIC BODY. 6. THIS DIMENSION DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL NOT CAUSE WIDTH TO EXCEED 0.62mm.
Figure 8. Outline Dimensions for DW SUFFIX, SOG (CASE 751D-06, Issue H)
MC144110 Technical Data, Rev. 2 10 Freescale Semiconductor
Packaging
14
8
B
1 7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1994. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. 6. 646-06 OBSOLETE, NEW STANDARD 646-07. INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.290 0.310 --10 0.015 0.040
A F N -TSEATING PLANE
L C
K H G D 14 PL (0.005)
M
J
M
DIM A B C D F G H J K L M N
Figure 9. Outline Dimensions for P SUFFIX, PLASTIC DIP (CASE 646-07, Issue P)
0.25
PIN'S NUMBER 1 PIN 1 INDEX 8X
M
B A
10.55 10.05
16
2.65 2.35
0.25 0.10
16X
0.49 0.35 0.25
6
M
TAB
14X
A
8 9
10.45 4 10.15 A
1.27
7.6 7.4 5
T B
16X
SEATING PLANE
0.1 T
0.75 0.25
X45
0.32 0.23
NOTES: 1. DIMENSIONS ARE IN MILLIMETERS. 2. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 3. DATUMS A AND B TO BE DETERMINED AT THE PLANE WHERE THE BOTTOM OF THE LEADS EXIT THE PLASTIC BODY. 4. THIS DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSION OR GATE BURRS. MOLD FLASH, PROTRUSION OR GATE BURRS SHALL NOT EXCEED 0.15mm PER SIDE. THIS DIMENSION IS DETERMINED AT THE PLANE WHERE THE BOTTOM OF THE LEADS EXIT THE PLASTIC BODY. 5. THIS DIMENSION DOES NOT INCLUDE INTER-LEAD FLASH OR PROTRUSIONS. INTER-LEAD FLASH AND PROTRUSIONS SHALL NOT EXCEED 0.25mm PER SIDE. THIS DIMENSION IS DETERMINED AT THE PLANE WHERE THE BOTTOM OF THE LEADS EXIT THE PLASTIC BODY. 6. THIS DIMENSION DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED 0.62mm.
1.0 0.4 SECTION A-A
7 0
Figure 10. Outline Dimensions for DW SUFFIX, SOG (CASE 751G-04, Issue D)
MC144110 Technical Data, Rev. 2 Freescale Semiconductor 11
How to Reach Us:
Home Page: www.freescale.com E-mail: support@freescale.com USA/Europe or Locations Not Listed: Freescale Semiconductor Technical Information Center, CH370 1300 N. Alma School Road Chandler, Arizona 85224 +1-800-521-6274 or +1-480-768-2130 support@freescale.com Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) support@freescale.com Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1-8-1, Shimo-Meguro, Meguro-ku, Tokyo 153-0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor Hong Kong Ltd. Technical Information Center 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T., Hong Kong +800 2666 8080 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1-800-441-2447 or 303-675-2140 Fax: 303-675-2150 LDCForFreescaleSemiconductor@hibbertgroup.com
RoHS-compliant and/or Pb- free versions of Freescale products have the functionality and electrical characteristics of their non-RoHS-compliant and/or non-Pb- free counterparts. For further information, see http://www.freescale.com or contact your Freescale sales representative. For information on Freescale.s Environmental Products program, go to http://www.freescale.com/epp.
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. FreescaleTM and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2005. All rights reserved.
MC144110/D Rev. 2 1/2005


▲Up To Search▲   

 
Price & Availability of MC144111DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X