Part Number Hot Search : 
SFBUY29 G61XL 1N60CFD LT17831 SK35G 1LA35 NJ1800D CX24500
Product Description
Full Text Search
 

To Download MB251W-BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
MB2505W THRU MB2510W
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB-35W
B
* * * *
Features
Mounting Hole For #8 Screw High Conductivity Metal Case Any Mounting Position Case to Terminal Isolation Voltage 2500V
Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1 Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix designates RoHS Compliant. See ordering information)
*
*
* * *
Maximum Ratings
Operating Temperature: -55C to +125C Storage Temperature: -55C to +150C UL Recognized File # E165989 Maximum Recurrent Peak Reverse Voltage MB2505W MB2505W 50V MB251W MB251W 100V MB252W MB252W 200V MB254W MB254W 400V MB256W MB256W 600V MB258W MB258W 800V MB2510W MB2510W 1000V Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element Maximum DC Reverse Current At Rated DC Blocking Voltage
Notes:
MCC Catalog Number
Device Marking
Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V
Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
C
E D
G AC D H AC + A
Electrical Characteristics @ 25C Unless Otherwise Specified
IF(AV) IFSM VF 25.0A 300A TC = 55C 8.3ms, half sine
A
1.2V
IFM = 12.5A per element; TJ = 25C TJ = 25C TJ = 125C
DIM A B C D E G H INCHES MIN 1.115 .427 .774 .673 .038 .193 .429
DIMENSIONS MM MIN 28.33 10.85 19.65 17.10 0.96 4.90 10.90
IR
10A 1mA
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
MAX 1.135 .447 .----.752 .042 --.469
MAX 28.83 11.35 -----19.10 1.07 --11.90
NOTE
4PL/TYP
www.mccsemi.com
Revision: 6
1 of 3
2008/01/30
MB2505W thru MB2510W
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .4 .6 .8 1.0 1.2 1.4 10 6 4 2 1 .6 .4 .2 TJ=25C Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 40 60
MCC
TM
Figure 2 Micro Commercial Components Typical Reverse Characteristics
80 Volts
100
120
140
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts
Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts
Figure 3 Forward Derating Curve 30 25
Figure 4 Peak Forward Surge Current 300 250 200
20
150
Amps 15 10 5
Amps
100 50 0
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 25 50 75 100 125 150
1
2
4
6
8 10 Cycles
20
40
60 80 100
0
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
Average Forward Rectified Current - Amperes versus Case Temperature - C
Revision: 6
www.mccsemi.com
2 of 3
2008/01/30
MCC
Device
TM
Micro Commercial Components
Ordering Information
Packing Bulk;50pcs/Box (Part Number)-BP
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 6
3 of 3
2008/01/30


▲Up To Search▲   

 
Price & Availability of MB251W-BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X