Part Number Hot Search : 
K222M 5N50E 5320RT TEA7092 MAX6854 A2001 DTC123E VS8004FC
Product Description
Full Text Search
 

To Download KNP-VE3W1KKP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
KNP-VE Wirewound Resistors
Vitreous Enamel Coated Wirewound Resistors
Vitreous Enamel Coated Power High Energy Wirewound Resistors
Preview The KNP-VE Series of vitreous enamel coated power resistors from Token offers a cost-competitive alternative over the 2.5W-12W power range. The range is available with resistance values of 1 to 39K in power ratings of 2.5W, 3W, 5W, 6W, 8W, 9W and 12W (at 25C), and with body sizes that match the industry standards. Vitreous enamelled resistors were introduced at a time when alternative directly applied coatings could not withstand the thermal stresses caused by the resistors' high body temperatures. Token offers the durability of a lead free conformal vitreous enamel coating, permits the KNP-VE Series resistors to maintain a hard coating while operating at high temperatures. Mechanical integrity is enhanced by the all-welded construction. Power KNP-VE Wirewound Series are ideal for computer, communications and industrial applications in which cost, quality, and reliability are key considerations. The KNP-VE series is RoHS compliant and Ayrton Perry noninductive windings are available on request. To address your need for technical and economic success in a timely manner, our custom solutions are the best choise. Contact us with your specific needs. Applications - Power tools - Consumer applications - Power supplies, Welders - High voltage applications - High-switching applications - Home entertainment, appliances Features - Excellent pulse load capability - Axial leads, All-welded construction - A wide range of power ratings 2.5W to 12W - A wide resistance range 1 to 39K, Tolerance 5%, 10% - Products with Pb-free Terminations and RoHS compliant - Rugged vitreous enamel coating withstands high humidity and temperature cycling - Durable construction, recommended for industrial applications where reliability is paramount Version 2010
http://www.token.com.tw/ rfq token.com.tw
01 of 03
TOKEN
Technical Specifcations
Power Derating Curve 100 Rated Power % 80 60 40 20 -55 25 60 120 180 240 Ambient Temp. C
KNP-VE Wirewound Resistors
d 30
350
D
L
30
Type KNP-VE-2.5 KNP-VE-3 KNP-VE-5 KNP-VE-6 KNP-VE-8 KNP-VE-9 KNP-VE-12
Rated Watts (W) 2.5 3 5 6 8 9 12
Resistance Range () 1 ~ 1K 1 ~ 1K 1 ~ 3.6K 1 ~ 6.8K 1 ~ 20K 1 ~ 27K 1 ~ 39K
Limiting Voltage (V) 100 120 160 200 400 500 750
Tolerance
Temperature Coefficient (PPM/C)
Dimensions (mm) (Max) L 12.7 14.0 23.0 22.2 33.9 38.1 53.5 D 5.6 7.0 7.0 8.0 8.0 8.0 8.0 d
5% 10%
250 400
0.8
1.0
Performance Test Items Insulation Resistance Short Time Overload Rated Load Dielectric Withstanding Voltage Temp. Cycle Load Life Moisture-Proof Load Life Soldering After Resistance Incombustibility Condition 500V 2.5 times of rated voltage 5 sec. Rated wattage 30 min. 500V AC 1 min -20C ~ 85C 5 cycles 70C on ~ off cycle 1000 hrs. 40C 95% RH on~off cycle 500 hrs. 350C for 3 sec 16 times of rated wattage for 5 min. Specifications 20M R(2%R+0.05) R(1%R+0.05) R(1%R+0.05) R(1%R+0.05) R(5%R+0.05) R(3%R+0.05) R(0.5%R+0.05) Not flamed
02 of 03
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Application Notes
KNP-VE Wirewound Resistors
Wire-wound Resistors Application Notes:
When being used in AC circuits, some wirewound structures give inductance ingredients or parasitic capacity, so they may cause unusual phenomena such as oscillations etc. Quorum deviations of other components should be carefully taken into account for use. Application and Placement: Wire wound resistors use different gauges of wire as resistance elements. Sometimes the gauge is extremely thin (finer than a strand of human hair) and very susceptible to breakage in environments containing salts, ash, dust and corrosives. Avoid utilization in such environments. Do not install in dusty areas because the accumulation will cause shorts and poor conductance.
How to Order
KNP-VE Part Number: KNP-VE Rated Power (W) Resistance Value ()
Code 1R 100R 1K
3W
100R
J
P
Resistance Tolerance (%)
Code J K Resistance Tolerance 5% 10%
Resistance Value
1 100 1000
Package
Code TB P Package
Taping Box Bulk
Back to 1st Page - Wirewound Resistors (KNP-VE)
Version 2010
http://www.token.com.tw/ rfq token.com.tw
03 of 03


▲Up To Search▲   

 
Price & Availability of KNP-VE3W1KKP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X