Part Number Hot Search : 
NTXV1N S24C25 SZ2511 EPIH3D28 40HF160R 12203 BP352 IR91B
Product Description
Full Text Search
 

To Download KMZ41 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KMZ41
Magnetic field sensor
Rev. 6 -- 18 November 2010 Product data sheet
1. Product profile
1.1 General description
The KMZ41 is a sensitive magnetic field sensor, employing the magneto-resistive effect of thin film permalloy. The sensor contains two galvanically separated Wheatstone bridges, which enclose an angle of 45 degrees. A rotating magnetic field strength > 40 kA/m (recommended field strength > 100 kA/m) in the surface parallel to the chip (x-y plane) will deliver two independent sinusoidal output signals, one following a cos(2) and the second following a sin(2) function. The sensor can be operated at any frequency between DC and 1 MHz.
1.2 Features and benefits
Accurate and reliable angle measurement Mechanical robustness, contactless principle Wear-free operation Accuracy independent of mechanical tolerances Extended temperature range
1.3 Quick reference data
Table 1. Quick reference data Tamb = 25 C and Hext = 100 kA/m, VCC = 5 V unless otherwise specified. Symbol VCC Vpeak Voffset Rbridge
[1] [2]
Parameter supply voltage peak voltage offset voltage bridge resistance
Conditions
[1]
Min 73 -2 2.0
[1] [1]
Typ 5 81 2.5
Max 9 89 +2 3.0
Unit V mV mV/V k
see Figure 2 per supply voltage; see Figure 2
[1][2]
Applicable for bridge 1 and bridge 2. Bridge resistance between pin 4 and pin 8, pin 3 and pin 7, pin 5 and pin 1, pin 6 and pin 2.
NXP Semiconductors
KMZ41
Magnetic field sensor
2. Pinning information
Table 2. Pin 1 2 3 4 5 6 7 8 ON1 ON2 VCC2 VCC1 OP1 OP2 GND2 GND1 Pinning Description output voltage bridge 1 output voltage bridge 2 supply voltage bridge 2 supply voltage bridge 1 output voltage bridge 1 output voltage bridge 2 supply voltage bridge 2 supply voltage bridge 1
1 4
mgd790
Symbol
Simplified outline
8 5 x y
3. Ordering information
Table 3. Ordering information Package Name KMZ41 SO8 Description Version plastic small outline package; 8 leads; body width 3.9 mm SOT96-1 Type number
4. Circuit diagram
KMZ41
R11
bridge 1
bridge 2
cos
R12
R21
sin
R22
R13
R14
R23
R24
VCC1
OP1
GND1 VO1 V
ON1
OP2
GND2 VO2 V
ON2
VCC2
VCC1 V
VOP1
VON1 V V
VOP2 V
VON2
VCC2
006aaa529
Fig 1.
Device and test circuit diagram
KMZ41
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 6 -- 18 November 2010
2 of 10
NXP Semiconductors
KMZ41
Magnetic field sensor
5. Limiting values
Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VCC Hext Tamb Tstg
[1]
Parameter supply voltage external magnetic field strength ambient temperature storage temperature
Conditions
[1]
Min 40 -40 -65
Max 9 +150 +150
Unit V kA/m C C
Applicable for bridge 1 and bridge 2.
6. Thermal characteristics
Table 5. Symbol Rth(j-a) Thermal characteristics Parameter thermal resistance from junction to ambient Conditions Typ 155 Unit K/W
KMZ41
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 6 -- 18 November 2010
3 of 10
NXP Semiconductors
KMZ41
Magnetic field sensor
7. Characteristics
Table 6. Characteristics Tamb = 25 C and Hext = 100 kA/m, VCC = 5 V unless otherwise specified. Symbol VCC Vpeak TCVpeak Rbridge TCRbridge Voffset TCVoffset Parameter supply voltage peak voltage see Figure 2 temperature coefficient of peak Tamb = -40 C to +150 C voltage bridge resistance temperature coefficient of bridge resistance offset voltage temperature coefficient of offset voltage hysteresis of output voltage amplitude synchronism temperature coefficient of amplitude synchronism angular inaccuracy
Applicable for bridge 1 and bridge 2.
Conditions
[1] [1] [1][2]
Min 73 -0.38 2.0 0.31 -2 -2
Typ 5 81 -0.41 2.5 0.33 -
Max 9 89 -0.44 3.0 0.35 +2 +2
Unit V mV %/K k %/K mV/V (V/V)/K
[1][3]
Tamb = -40 C to +150 C per supply voltage; see Figure 2 per supply voltage; Tamb = -40 C to +150 C; see Figure 2 see Figure 3 Tamb = -40 C to +150 C
[1][4]
[1]
[1][5]
FH k TCk
[1] [2] [3] [4]
[1][6] [7] [8]
0 99 -0.005 0
0.01 100 0 0.1
0.04 101 +0.005 0.25
%FS % %/K deg
[9]
V peak ( at 150 C ) - V peak ( at - 40 C ) TCV peak = 100 x -------------------------------------------------------------------------------------------------V peak ( at 25 C ) x ( 150 C - ( - 40 C ) )
Bridge resistance between pin 4 and pin 8, pin 3 and pin 7, pin 5 and pin 1, pin 6 and pin 2.
R bridge ( at 150 C ) - R bridge ( at - 40 C ) TCR bridge = 100 x -----------------------------------------------------------------------------------------------------R bridge ( at 25 C ) x ( 150 C - ( - 40 C ) ) V offset ( at 150 C ) - V offset ( at - 40 C ) TCV offset = ------------------------------------------------------------------------------------------------150 C - ( - 40 C ) V O1 ( 67.5 )135 45 - V O1 ( 67.5 )45 135 FH 1 = 100 x --------------------------------------------------------------------------------------------------------------------------2 x V peak1 V O2 ( 22.5 )90 0 - V O2 ( 22.5 )0 90 FH 2 = 100 x --------------------------------------------------------------------------------------------------------------2 x V peak2
[5]
[6]
[7]
V peak1 k = 100 x --------------V peak2 k ( at 150 C ) - k ( at - 40 C ) TCk = 100 x --------------------------------------------------------------------------------------k ( at 25 C ) x ( 150 C - ( - 40 C ) )
= |real - meas|; Voffset = 0 V; inaccuracy of angular measurement due to deviation from ideal sinusoidal characteristics, calculated from the third and fifth harmonics of the spectrum of VO.
[8] [9]
KMZ41
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 6 -- 18 November 2010
4 of 10
NXP Semiconductors
KMZ41
Magnetic field sensor
VO (mV) VO2
= 0
ON1 0 ON2 VCC2 VCC1 VO1
direction of magnetic field
Vpeak2
Voffset2
GND1 GND2 OP2 OP1
mgu175
0
90
180
270
(deg)
360
Fig 2.
Output signals related to the direction of the magnetic field
006aaa530
VO (mV)
FH2 0
FH1 VO1 VO2
0
45
90
(deg)
135
Fig 3.
Definition of hysteresis
KMZ41
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 6 -- 18 November 2010
5 of 10
NXP Semiconductors
KMZ41
Magnetic field sensor
8. Package outline
SO8: plastic small outline package; 8 leads; body width 3.9 mm SOT96-1
D
E
A X
c
y
HE
vMA
Z
8 5
Q A2
pin 1 index
A1
(A 3) Lp L
A
1
4
e
bp
wM
detail X
0
2.5 scale
5 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches Notes 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 2. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. OUTLINE VERSION SOT96-1 REFERENCES IEC
076E03
A max. 1.75
0.069
A1 0.25 0.10
A2 1.45 1.25
A3 0.25
0.01
bp 0.49 0.36
c 0.25 0.19
D (1) 5.0 4.8
0.20 0.19
E (2) 4.0 3.8
0.16 0.15
e 1.27
0.05
HE 6.2 5.8
L 1.05
Lp 1.0 0.4
Q 0.7 0.6
v 0.25
0.01
w 0.25
0.01
y 0.1
0.004
Z (1) 0.7 0.3
0.028 0.012
o
0.010 0.057 0.004 0.049
0.019 0.0100 0.014 0.0075
0.244 0.039 0.028 0.041 0.228 0.016 0.024
8 o 0
JEDEC
MS-012
JEITA
EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-18
Fig 4.
KMZ41
Package outline SOT96-1 (SO8/MS-012)
All information provided in this document is subject to legal disclaimers. (c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 6 -- 18 November 2010
6 of 10
NXP Semiconductors
KMZ41
Magnetic field sensor
9. Packing information
Table 7. Packing methods The indicated -xxx are the last three digits of the 12NC ordering code.[1] Type number KMZ41
[1]
Package SOT96-1
Description 8 mm pitch, 12 mm tape and reel
Packing quantity 2500 -118
12NC ordering code: 9340 372 10118. For further information and the availability of packing methods, see Section 12.
10. Revision history
Table 8. KMZ41 v.6 KMZ41_5 Revision history Release date 20101118 20061127 Data sheet status Product data sheet Product data sheet Change notice CPCN201007013F Supersedes KMZ41_5 KMZ41_4 Document ID
KMZ41
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 6 -- 18 November 2010
7 of 10
NXP Semiconductors
KMZ41
Magnetic field sensor
11. Legal information
11.1 Data sheet status
Product status[3] Development Qualification Production Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
11.2
Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. Product specification -- The information and data provided in a Product data sheet shall define the specification of the product as agreed between NXP Semiconductors and its customer, unless NXP Semiconductors and customer have explicitly agreed otherwise in writing. In no event however, shall an agreement be valid in which the NXP Semiconductors product is deemed to offer functions and qualities beyond those described in the Product data sheet.
suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Customers are responsible for the design and operation of their applications and products using NXP Semiconductors products, and NXP Semiconductors accepts no liability for any assistance with applications or customer product design. It is customer's sole responsibility to determine whether the NXP Semiconductors product is suitable and fit for the customer's applications and products planned, as well as for the planned application and use of customer's third party customer(s). Customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. NXP Semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer's applications or products, or the application or use by customer's third party customer(s). Customer is responsible for doing all necessary testing for the customer's applications and products using NXP Semiconductors products in order to avoid a default of the applications and the products or of the application or use by customer's third party customer(s). NXP does not accept any liability in this respect. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) will cause permanent damage to the device. Limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the Recommended operating conditions section (if present) or the Characteristics sections of this document is not warranted. Constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. Terms and conditions of commercial sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, unless otherwise agreed in a valid written individual agreement. In case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. NXP Semiconductors hereby expressly objects to applying the customer's general terms and conditions with regard to the purchase of NXP Semiconductors products by customer. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
11.3
Disclaimers
Limited warranty and liability -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. In no event shall NXP Semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. Notwithstanding any damages that customer might incur for any reason whatsoever, NXP Semiconductors' aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the Terms and conditions of commercial sale of NXP Semiconductors. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use in automotive applications -- This NXP Semiconductors product has been qualified for use in automotive applications. The product is not designed, authorized or warranted to be
KMZ41
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 6 -- 18 November 2010
8 of 10
NXP Semiconductors
KMZ41
Magnetic field sensor
Export control -- This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities. Quick reference data -- The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding.
11.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
12. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
KMZ41
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 6 -- 18 November 2010
9 of 10
NXP Semiconductors
KMZ41
Magnetic field sensor
13. Contents
1 1.1 1.2 1.3 2 3 4 5 6 7 8 9 10 11 11.1 11.2 11.3 11.4 12 13 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description . . . . . . . . . . . . . . . . . . . . . 1 Features and benefits . . . . . . . . . . . . . . . . . . . . 1 Quick reference data . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Circuit diagram . . . . . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 Thermal characteristics . . . . . . . . . . . . . . . . . . 3 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 6 Packing information . . . . . . . . . . . . . . . . . . . . . 7 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 7 Legal information. . . . . . . . . . . . . . . . . . . . . . . . 8 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 8 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Contact information. . . . . . . . . . . . . . . . . . . . . . 9 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2010.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 18 November 2010 Document identifier: KMZ41


▲Up To Search▲   

 
Price & Availability of KMZ41

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X