Part Number Hot Search : 
MCD56 MMC2113 AD8212 SP4415 ZMR500CL TLE5012 JANTX 68HC71
Product Description
Full Text Search
 

To Download IC-ODCHIP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 iC-OD, iC-ODL
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
Rev D3, Page 1/9 FEATURES o Low-noise current amplifier with an integrated position-sensitive photodiode o High reliability due to monolithical design o Effective photodiode area: 2.6 mm x 0.88 mm (iC-OD) resp. 8.4 mm x 0.88 mm (iC-ODL) o High sensitivity for visible light and near infrared o Integrated bandpass filter with 100 kHz center frequency o High background light suppression o Analogue current source output o Minimum external circuitry required o Low power consumption from 3.9 to 13.2 V supply voltage APPLICATIONS o Position-sensitive detection of pulse lights o Receiver for motion or proximity sensors
PACKAGES
oLGA OD4C
OBGA TM ODL2C
BLOCK DIAGRAM
(3.9) 4.5..13.2V
2
VCC
A f iph1 iph2
AC-AMP IAC1 3
Vout1 R1 10k
VCC
A f IAC2
4
iC-OD/L
AC-AMP
GND
1
Vout2 R2 10k
Pin numbers given for iC-OD oLGA OD4C Copyright (c) 2006 iC-Haus http://www.ichaus.com
iC-OD, iC-ODL
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
Rev D3, Page 2/9 DESCRIPTION The iC-OD/L device is an optical position sensitive detector with a monolithic integrated photodiode. The device supersedes one PSD and two conventional photoelectric detectors, e.g. in motion sensors. Constant light and low-frequency variing light are suppressed by a highpass filter. A lowpass filter reduces high-frequency interference to a minimum. The maximum sensitivity for alternating-light signals (for AC photoelectric currents) is about 100 kHz, with a current amplification of typically 48 dB. The photoelectric current is partitioned to the two photocurrent amplifiers according to the position of the light signal. The analogue outputs IAC1 and IAC2 offer directly the amplified AC photoelectric current.
PACKAGES PIN CONFIGURATION OLGA OD4C (top view) PIN FUNCTIONS No. Name Function 1 2 3 4 GND VCC IAC1 IAC2 Ground +(3.9)4.5 to +13.2 V Supply Voltage Current Output 1 Current Output 2
2
1
3
4
PIN FUNCTIONS No. Name Function 1 2 3 4 5 6 7 8 VCC IAC1 IAC2 GND n.c. n.c. n.c. n.c. +(3.9)4.5 to +13.2 V Supply Voltage Current Output 1 Current Output 2 Ground
PIN CONFIGURATION OBGA ODL2C TM (top view)
7
8
6
5
1
2
3
4
iC-OD, iC-ODL
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
Rev D3, Page 3/9 CHIP LAYOUT iC-OD
VCC
IAC1
IAC2
GND
iC-OD, iC-ODL
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
Rev D3, Page 4/9 CHIP LAYOUT iC-ODL
VCC
IAC1
IAC2
GND
iC-OD, iC-ODL
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
Rev D3, Page 5/9 ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed. Item No. Symbol Parameter Supply Voltage Current in IAC1, IAC2 Junction Temperature Storage Temperature see package specifications Conditions Fig. Min. 0 -1 -40 Max. 15 0 130 V mA C Unit
G001 VCC G002 I() G003 Tj G004 Ts
THERMAL DATA
Operating Conditions: VCC = 4.5...13.2 V Item No. T01 Symbol Ta Parameter Conditions Fig. Min. Operating Ambient Temperature Range see package specifications Typ. Max. Unit
All voltages are referenced to ground unless otherwise stated. All currents into the device pins are positive; all currents out of the device pins are negative.
iC-OD, iC-ODL
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
Rev D3, Page 6/9 ELECTRICAL CHARACTERISTICS
Operating Conditions: VCC = 4.5...13.2 V, = 880 nm, Tj = -25...85 C, unless otherwise noted Item No. Symbol Parameter Conditions Tj C Fig. Min. 4.5 3.9 0.55 27 003 004 Vs() I0() Saturation Voltage at IAC1, IAC2 Vs() = VCC - V(); I() = -400 A Output Bias Current in IAC1, IAC2 Spectral Sensitivity Range of Spectral Sensitivity Radiant Sensitive Area iC-OD Radiant Sensitive Area iC-ODL Output Current Operating Range in IAC1, IAC2 Permissible Irradiance for Alternating Light (peak value) Sum of Output Currents (RMS) DC Photo Current Capabillity f = fc ic-OD iC-ODL ISUM = I(IAC1) + I(IAC2); f = fc, Ee()ac = 30 W/cm Position of light spot irrelevant Tj = -25...85 C Tj = 0...60 C position of light spot centered Standard Illuminant A at T = 2856 K; iC-OD iC-ODL Q = fc / (fhc - flc) 0.35 0.40 0.13 44 48 -25 27 2.7 4.5 27 16 -50 -500 Se( ar ) = 0.1 x S( )max 500 2.63 x 0.88 8.42 x 0.88 0 iph = 0 27 -210 -108 0.5 1050 0.95 0.5 Typ. Max. 13.2 13.2 2.4 V V mA mA V A A A/W nm mm mm A Unit
Totel Device 001 VCC 002 I(VCC)
Permissible Supply Voltage VCC Tj = -25...85 C Tj = 0...60 C Supply Current in VCC iph = 0
Photodiode 101 102 103 104 201 202 S( )max ar Aph () Aph () I() Pe()pk
Photo Current Amplifier IAC1, IAC2
2.2 0.7
W W A A A A A
203 204
ISUM iph()dc
205
Ev()dc
Permissible Ambient Light Level
250 75 100 0.5 0.52 0.60 0.18 52
lx lx kHz
206 207 208 209 210
fc Q I()/ISUM I()min / ISUM Ai()fc
Bandpass Center Frequency Filter Q-Factor Single Amplifier Output Current to f = fc, position of light spot cenSum of Output Currents tered Smaller Output Current to Sum of f = fc, position of light spot 1 mm Output Currents out of center Photo Current Gain for Alternating Light Change of Photo Current Gain Low-Frequency Photo Current Gain RMS Noise Voltage Ai()fc = ISUM / (iph1 + iph2); f = fc, position of light spot centered f = fc, position of light spot 1 mm out of center f = 100 Hz With external filter: R1, R3 = 10 k, C1, C3 = 120 pF, R2, R4 = 50 k, C2, C4 = 100 pF 27 6
dB
211 212 213
dAi()fc Ai()100 Vn(Vout)
-10 1 3 2.1
10 6 2.8
% dB mV
214 215
ton (VCC) ton (VCC)
Power-on Setup Time 30 Power-on Setup Time Tj = 0...60 C, VCC = 0 4 V 27 70
50 100
s s s s
iC-OD, iC-ODL
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
Rev D3, Page 7/9 TYPICAL CHARACTERISTICS
1.0 IAC1 relative AC photo current IAC2
100 % 90 80
0.5
70 60 50
0 -1.25 0 position on PSD +1.25 [mm]
40 30 20 10 400 600 ext. Filter 800 1000 nm
Figure 1: Example for position sensing characteristics
External filter (RG850) improves the suppression of ambient light by a factor of ca. 20 to 30.
Figure 2: Relative spectral sensitivity
APPLICATIONS INFORMATION
CH1
iC-OD/L OUTPUT RL1= 10k, RL2= 10k
CH2
iC-OD/L OUTPUT RL1= 10k, RL2= 10k
CH2
CH1
CH1, CH2= 0V
CH1, CH2= 0V
CH1 - CH2
CH1 - CH2 CH1-CH2= 0V CH1-CH2= 0V
CH1 0.5V/DIV
CH2 0.5V/DIV
TIME 2US/DIV
CH1 0.5V/DIV
CH2 0.5V/DIV
TIME 2US/DIV
Figure 3: The light spot impinges to the left
Figure 5: The light spot impinges to the right Examples of output signals The oscilloscope pictures show the signal patterns at iC-OD outputs IAC1 and IAC2 when receiving a 5 s light pulse. The differential signal shown has been calculated. Both of the outputs are terminated with 10 k. An external filter is not used.
CH1
iC-OD/L OUTPUT RL1= 10k, RL2= 10k
CH2
CH1, CH2= 0V
CH1 - CH2
CH1-CH2= 0V
CH1 0.5V/DIV
CH2 0.5V/DIV
TIME 2US/DIV
Figure 4: The light spot impinges in the center
iC-OD, iC-ODL
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
Rev D3, Page 8/9 Example: external filter
(3.9) 4.5..13.2V
VCC
A f iph1 iph2 AC-AMP R1 10k VCC A f IAC2 IAC1
C2 100pF Vout1 C1 120pF R2 50k
C4 100pF Vout2 R3 10k C3 120pF R4 50k
iC-OD/L
AC-AMP GND
Figure 6: External filter to detach the DC-portion and to reduce the noise
This specification is for a newly developed product. iC-Haus therefore reserves the right to change or update, without notice, any information contained herein, design and specification; and to discontinue or limit production or distribution of any product versions. Please contact iC-Haus to ascertain the current data. Copying - even as an excerpt - is only permitted with iC-Haus approval in writing and precise reference to source. iC-Haus does not warrant the accuracy, completeness or timeliness of the specification on this site and does not assume liability for any errors or omissions in the materials. The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of merchantability, fitness for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which information refers and no guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or areas of applications of the product. iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.
iC-OD, iC-ODL
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
Rev D3, Page 9/9 ORDERING INFORMATION
Type iC-OD
Package OLGA OD4C OBGA ODL2C TM
Order Designation iC-OD chip iC-OD OLGA OD4C iC-ODL chip iC-ODL OBGA ODL2C
iC-ODL
For information about prices, terms of delivery, other packaging options etc. please contact: iC-Haus GmbH Am Kuemmerling 18 D-55294 Bodenheim GERMANY Tel.: +49 (61 35) 92 92-0 Fax: +49 (61 35) 92 92-192 Web: http://www.ichaus.com E-Mail: sales@ichaus.com


▲Up To Search▲   

 
Price & Availability of IC-ODCHIP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X