Part Number Hot Search : 
LM324AN ML9XX15 2HHXX BTS441TG 2SB1168 BFC43 28F008S CXD11
Product Description
Full Text Search
 

To Download HTC-140M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HTC-15M, HTC-140M & HTC-150M
5 x 20mm Fuse Block & Covers
Environmental Data * Maximum suitable temperature: 110C * MSL Level 1 (conditions < 30C / 85% RH) Ordering * Specify packaging and product catalog number Specifications Block Description * For 5 x 20mm fuses * Tight cluster mounting * Clips made of nickel-tin plated spring-bronze * Available only in bulk of 100 and 1,000 pieces * High temperature thermoplastic meets: * UL 94V0 * Glow wire test: 960C per IEC 695-2-1 Snap-On Cover Description * HTC-140M (opaque cover) UL 94V0 * HTC-150M (transparent cover) UL 94V2
Catalog Number HTC-15M Voltage Rating AC 250V Current Rating AC 6.3A Watts 1.6W
Agency Information * UL Recognized: IZLT2, E14853 * VDE Certificate: 40004439
Dimensions - in (mm) HTC-15M Fuse Block Only
Drawing Not to Scale
0.217" 0.531"
(13.5mm) (5.5mm)
Dimensions - in (mm) HTC-150M or HTC-140M Cover
Drawing Not to Scale
0.890"
(22.6mm)
0.177"
(4.5mm)
1.047"
(26.6mm)
0.345"
(9.0mm)
0.571"
(14.5mm)
HTC-150M or HTC-140M Cover
Component Clip Body
Material Spring-Bronze, Bright Tin Plate Thermoplastic
Catalog No. HTC-15M HTC-140M HTC-150M
Packaging Code Catalog Number Prefix BK/ (100 pieces) or BK1/ (1000 pieces) BK/ (100 pieces) or BK1/ (1000 pieces) BK/ (100 pieces)
Mounting Holes
Mounting Holes
0.89"
(22.60mm)
0.059" + 0.002" Dia. (Typ.) _
+ (1.50 _ 0.05mm)
This bulletin is intended to present product design solutions and technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications. Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
(c) 2007 Cooper Bussmann S t . L o u i s, M O 6 3 1 7 8 w w w. c o o p e r bu s s m a n n . c o m
1207
BU-SB07218
Page 1 of 1
Data Sheet 4317


▲Up To Search▲   

 
Price & Availability of HTC-140M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X