Part Number Hot Search : 
ST10F168 HD64F3 2SK3377 AK412 A8936CJT 2SC643 02410 PS20010
Product Description
Full Text Search
 

To Download FQ503209 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 All Quartz SMD Crystal
Model: FQ5032 SERIES
Page 1 of 2
RoHS Compliant / Pb Free
Rev. 5/7/2009
http://www.foxonline.com/need_a_sample.htm
FEATURES
* Surface Mount All Quartz * Low Cost * Ultra Low Profile * Fundamental to 40.000 MHz * Tape and Reel (1,000 pcs STD)
OPTIONS
* Tolerances to 20 PPM * Stabilities to 20 PPM * Temp Range to -40C ~ +85C
* PART NUMBER Learn More - Internet Required SELECTION
Part Number 738A-Frequency-xxxxx 738B-Frequency-xxxxx Model Number FQ5032A FQ5032B Frequency Range (MHz) 12.000 ~ 40.000 12.000 ~ 40.000
5 0.3
Top
3 .2 0.3
* STANDARD SPECIFICATIONS1
PARAMETERS Frequency Range (Fo) Frequency Tolerance @ 25C Frequency Stability, ref @ 25C Over Operating Temp Range Temperature Range Operating (TOPR) Storage (TSTG) Shunt Capacitance (Co) Load Capacitance (CL) Drive Level Aging per year
1
1 .2 m ax
MAX (unless otherwise noted) 12.000 ~ 60.000 MHz 30 PPM 1 30 PPM 1 0C ~ +70C -40C ~ +85C 7 pF 10 pF ~ Series (Customer Specified) 0.5 mW 5 PPM
1
F Q 50 32A
1 .5 2 1 .7 1 .4
F Q 50 32B
1 .2 2 .6 0 .9 0 .9
1 .5
R ecom m e nded S olde r P a d La yout
2 2 2 1 .6
R ecom m e nded S olde r P a d La yout
1 .6 1 .6 1 .3 1 2 .2
Other tolerances, stabilities & operating temperature ranges available. Consult Fox Customer Service for specific requirements. NOTE: The above specifications, having been carefully prepared and checked, is believed to be accurate at the time of publication; however , no responsibility is assumed by Fox Electronics for inaccuracies. All specifications subject to change without notice.
All dimensions are in millimeters. Termination Finish: Au
Frequency Range (MHz) 12.000 ~ 16.000 16.000+ ~ 40.000
Operating Mode Fundamental Fundamental
Max ESR 80 50
FOXElectronics
5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
(c) 2009 FOX ELECTRONICS | ISO9001:2000 Certified
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
All Quartz SMD Crystal
Model: FQ5032 SERIES
Page 2 of 2
RoHS Compliant / Pb Free
Rev. 5/7/2009
http://www.foxonline.com/need_a_sample.htm
* TAPE SPECIFICATIONS (millimeters)
MODEL FQ5032 B C A 1.5 4.0 8.0
* REEL SPECIFICATIONS (millimeters)
G I J K L H M 2.0 13 21 62 180 13.5 2.0
D E F STD Reel QTY MODEL FQ5032 5.5 12.0 1.5 1,000
FOXElectronics
5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
(c) 2009 FOX ELECTRONICS | ISO9001:2000 Certified
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
17


▲Up To Search▲   

 
Price & Availability of FQ503209

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X