Part Number Hot Search : 
MLL980B 74HC4 TA8619P SSM3J130 AGOF5S3P BRF610 B24C6 NCP1244
Product Description
Full Text Search
 

To Download FBR610 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FBR600 - FBR610
PRV : 50 - 1000 Volts Io : 6.0 Amperes
FEATURES :
* * * * * * * High case dielectric strength High surge current capability High reliability Low reverse current Low forward voltage drop Fast switching for high efficiency Ideal for printed circuit board
FAST RECOVERY BRIDGE RECTIFIERS BR6
0.445 (11.30) 0.405 (10.30)
0.158 (4.00)
0.142 (3.60)
+
AC
0.62 (15.75) 0.58 (14.73) 0.127 (3.20) 0.047 (1.20) 0.042 (1.06) 0.038 (0.96) 0.75 (19.1) Min. 0.27 (6.90) 0.23 (5.80)
* Pb / RoHS Free
AC
MECHANICAL DATA :
* Case : Reliable low cost construction utilizing molded plastic technique * Epoxy : UL94V-O rate flame retardant * Terminals : Plated lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Polarity symbols marked on case * Mounting position : Any * Weight : 3.6 grams
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Dimension in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc = 50 C Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Current Squared Time at t < 8.3 ms. Maximum Forward Voltage drop per Diode at IF = 3.0 A Maximum DC Reverse Current at Rated DC Blocking Voltage Ta = 25 C Ta = 100 C
SYMBOL VRRM VRMS VDC IF(AV) IFSM It VF IR IR(H) Trr RJC TJ TSTG
2
FBR 600 50 35 50
FBR 601 100 70 100
FBR 602 200 140 200
FBR 604 400 280 400 6.0 150 64 1.3 10 1.0
FBR 606 600 420 600
FBR 608 800 560 800
FBR 610 1000 700 1000
UNIT V V V A A AS V A mA
2
Maximum Reverse Recovery Time (Note 1) Typical Thermal Resistance per diode (Note 2) Operating Junction Temperature Range Storage Temperature Range
150 8
250 - 50 to + 150 - 50 to + 150
500
ns C/W C C
Notes :
1 ) Measured with IF = 0.5 Amp., IR = 1 Amp., Irr = 0.25 Amp. 2 ) Thermal resistance from Junction to Case with units mounted on a 6" x 5.5" x0.11" ( 15 x 14 x 0.3 cm ) Al. plate.
Page 1 of 2
Rev. 02 : March 24, 2005
RATING AND CHARACTERISTIC CURVES ( FBR600 - FBR610 )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 10 + 0.5 D.U.T. 50 Vdc (approx) 1 PULSE GENERATOR ( NOTE 2 ) OSCILLOSCOPE ( NOTE 1 ) 0 - 0.25 Trr
+
- 1.0 A
SET TIME BASE FOR 50/100 ns/cm
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF. 2. Rise time = 10 ns max., Source Impedance = 50 ohms. 3. All Resistors = Non-inductive Types.
1
FIG.2 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
6.0 150
FIG.3 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
Tc = 55 C 120
4.8
3.6
90
2.4
60
1.2 60Hz RESISTIVE OR INDUCTIVE LOAD 0 0 25 50 75 100 125 150 175
30
0 1 2 4 6 10 20 40 60 100
CASE TEMPERATURE, ( C) FIG.4 - TYPICAL FORWARD CHARACTERISTICS PER DIODE
100 Pulse W idth = 300 s 2% Duty Cycle 10 TJ = 25 C 10
NUMBER OF CYCLES AT 60Hz
FIG.5 - TYPICAL REVERSE CHARACTERISTICS PER DIODE
TJ = 100 C
FORWARD CURRENT, AMPERES
REVERSE CURRENT, MICROAMPERES
1.0
1.0
0.1 TJ = 25 C
0.1
0.01
0
20
40
60
80
100
120
140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 24, 2005


▲Up To Search▲   

 
Price & Availability of FBR610

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X