Part Number Hot Search : 
XMEGA AO3407A MA2Z357 70N1T 1D445 100DAM9 2SD1980 HIN208CP
Product Description
Full Text Search
 

To Download EFA5366X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SINGLE COLOR LED
f 5mm Round Shape
D_5306X / F_5366X Series
HIGH n Outline Dimensions BRIGHTNESS COLOR
Unit: mm
n Absolute Maximum Ratings
Item Power Dissipation Forward Current Peak Forward Current Reverse Voltage Operating Temperature Storage Temperature Derating (DC)*
Blue Blue Green Green Yellow Orange Red
(Ta=25C) DB 100 25 60 5 DC 100 25 60 5 DG 100 25 60 5 EFY 125 50 200 5 FY 125 50 200 5
-40 to +85 -40 to +100 0.33 0.67
Symbol
Pd IF IFM VR Topr Tstg DIF
EFA 125 50 200 5
FA 125 50 200 5
EFR 125 50 200 5
FR 125 50 200 5
Units mW mA mA V C C mA/C
* Ta=25C, IFM applies for the pulse width 1msec. and duty cycle 1/20 The current derating for operation applies when the temperature is above 25C
n Electro-Optical Characteristics
Part No. Material Emitted Color
Blue Green Yellow Orange Red
Clear Pastel Yellow Clear Pastel Orange Clear Pastel Red
*The viewing angle is an average and will vary by color
(Ta=25C)
Lens Color
Luminous Intensity IV
MIN. TYP . IF
Spectral Line Peak Dominant Half Width lp ld Dl IF TYP . TYP . TYP .
Wavelength
Forward Voltage VF
TYP . MAX. IF
Reverse Viewing Current IR Angle
MAX. VR
(2 q 1/2)
DB5306X DC5306X DG5306X EFY5366X FY5366X EFA5366X FA5366X EFR5366X FR5366X
InGaN/SiC InGaN/SiC AlInGaP AlInGaP AlInGaP
500
Water Clear
1,000 2,400 2,400 4,000 2,000 5,000 2,500 3,600 1,800
20 20 20 20 20 20 20 20 20
467 502 522 592 609 635
470 505 525 590 605 626
26 30 30 15 15 15
20 20 20 20 20 20
3.5 3.5 3.5 1.9 1.9 1.9
4.0 4.0 4.0 2.4 2.4 2.4
20 20 20 20 20 20
100 100 100 100 100 100
5 5 5 5 5 5
InGaN/SiC Blue Green
1,200 1,200 2,800 1,000 3,500 1,250 2,520 900
10
Units
mcd
mA
nm
mA
V
mA
A
V
Deg.
n Spatial Distribution (x)
0 30 30 30 0 30
n Operation Current Derating Chart
70 60 50
EFY, FY, EFA, FA, EFR, FR
60
0.5
60
60
0.5
60
40 30 DB, DC, DG 20
90
90
90
90
10 0
D_5306X
F_5366X
*Spatial distribution is viewed as a typical illustration and will vary by color


▲Up To Search▲   

 
Price & Availability of EFA5366X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X