Part Number Hot Search : 
GL1500 ST723244 HER803 A8504 L6390 ACT9211 2SB566AK 1N4756G
Product Description
Full Text Search
 

To Download CRD13003BC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CRD13003BC
(9AC) (Tin Finish Part)
LEAD FREE
TO-126 Plastic Package
NPN SILICON POWER TRANSISTOR
EC
B
Applications Suitable for Lighting, Switching Regulator and Motor Control
ABSOLUTE MAXIMUM RATINGS DESCRIPTION Collector Base Voltage Collector Emitter (sus) Voltage Emitter Base Voltage Collector Current Continuous Peak Base Current Continuous Peak Emitter Current Continuous Peak Power Dissipation at T a=25C Derate Above 25C Power Dissipation at T c=25C Derate Above 25C Operating And Storage Junction Temperature Range THERMAL RESISTANCE Junction to Case Junction to Ambient Maximum Lead Temperature for Soldering Purpose: 1/8" from Case for 5 Seconds Rth (j-c) Rth (j-a) TL 2.77 89 275 C/W C/W C SYMBOL VCBO VCEO VEBO IC *ICM IB *IBM IE *IEM PD PD Tj, Tstg VALUE 700 400 9.0 1.5 3.0 0.75 1.5 2.25 4.5 1.4 11.2 45 360 - 65 to+150 UNIT V V V A A A A A A W mW/ C W mW/ C C
*Pulse Test: Pulse Width=5ms, Duty Cycle=10%
Web Site: WWW.PS-PFS.COM
CRD13003BC
(9AC) (Tin Finish Part)
LEAD FREE
ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) DESCRIPTION SYMBOL TEST CONDITION IC=1mA, IE=0 VCBO Collector Base Voltage **VCEO (sus) IC=10mA, IB=0 Collector Emitter (sus) Voltage ICBO VCB=700V, IE=0 Collector Cut Off Current VCB=700V, IE=0, Tc=100C IEBO VEB=9V, IC=0 Emitter Cut Off Current **hFE IC=0.5A, VCE=5V DC Current Gain IC=2A, VCE=5V Collector Emitter Saturation Voltage **VCE (sat) IC=0.5A, IB=0.1A IC=1A, IB=0.25A IC=1.5A, IB=0.5A IC=1A, IB=0.25A,Tc=100C Base Emitter Saturation Voltage **VBE (sat) IC=0.5A, IB=0.1A IC=1A, IB=0.25A IC=1A, IB=0.25A, Tc=100C DYNAMIC CHARACTERISTICS DESCRIPTION Current Gain Bandwidth Product Output Capacitance SWITCHING TIME DESCRIPTION Turn on Time Fall Time Storage Time SYMBOL ton tf tstg TEST CONDITION VCC=125V IB1=0.2A, IB2=0.2A IC=1A
MIN 700 400 15 4.0 -
TYP -
MAX 1.0 5.0 1.0 22 25 0.5 1.0 2.5 1.0 1.0 1.2 1.1
UNIT V V mA mA mA
V V V V V V V
SYMBOL fT Cob
TEST CONDITION IC=100mA, VCE=10V, f=1MHz VCB=10V, f=0.1MHz
MIN 4.0 -
TYP 21
MAX -
UNIT MHz pF
MIN -
TYP -
MAX 1.1 0.7 4.0
UNIT s s s
MARKING
For Lead Free Lead Finish CRD1 3003 BC PXYY 'T' stands for Tin finish leads
C = CDIL Logo P = Plant Code, N for Delhi X = Year of Manufacturer YY = Week Code **Pulse Test:- PW=300s, Duty Cycle=2%
Web Site: WWW.PS-PFS.COM
CRD13003BC
(9AC) (Tin Finish Part)
LEAD FREE
CRD13003BC
Transient Thermal Resistance 20V*1.5A 20.00
Rth j-c K/W
10.00
0.00 1 10 Pt (mS) 100 1000
Web Site: WWW.PS-PFS.COM
CRD13003BC
(9AC) (Tin Finish Part)
LEAD FREE
A N P B
C
DIM A B C D E
MIN 7.4 10.5 2.4 0.7 0.49
MAX 7.8 10.8 2.7 0.9 0.75
2.25 TYP. 4.5 TYP. 15.7 TYP. 1.27 TYP. 3.75 TYP. 3.0 3.2 1 2 3
S
F G
1 2 3
L
L
Pin Configuration 1. Emitter 2. Collector 3. Base
M N P
D E G F M
2.5 TYP. S All dimensions in mm.
TO-126 TUBE PACKING
0.50 532.00 0.10 o5.90 THRU (2 NOS) MARKING SIDE +0 -1.00 390.00 0.05 o3.10 THRU (2 NOS) 0.65 71.00 3.70 MARKING SIDE
A
R 0.50 12.00
AMMO PACK SIZE
0.20 33.00 1.30
1.00
1.20
92.0
Label
5 38
.0 0
10.0 1.0
A
SECTION AA
75.0
20 Tubes/Ammo Pack 1000 Pcs./Ammo Pack
3.0
3.5 1.2 3.0
PRINTING AREA 0.1 o5.50 3.0
3CP 66382 ANTISTATICz
6.0 2 9.0 4 20.0
03
7.0 3 7.0 3.5 7.0
PVC
6.0
ARROW
GENERAL TOLERANCE 0 mm 0.01 mm 30.01 mm 120.01 mm ABOVE 5 mm 30 mm 3.0 0.1 0.2 120 mm 0.3 315 mm 0.5 315 mm 0.8 ANGULAR
+0 -0.1 3.0
6.5
11.0
+0 -0.1 1.0 3.0
3.35
MATL:- PVC BLACK WITH ANTISTATIC DIPPING
END PIN (2 PCS/TUBE)
1.0
0' 30"
DIN SYMBOL
All dimensions in mm
Notes: 1. All print in black. 2. All text in Helvetia medium font.
Packing Detail
PACKAGE Details TO-126 Bulk TO-126 Tube 50 pcs/ tube STANDARD PACK Net Weight/ Qty 73 gm/ pcs 50 Size 3" x 7.5" x 7.5" 3" x 3.7" x 21.5" 500 pcs/ polybag 340 gm/ 500 pcs INNER CARTON BOX Qty 2K 1K Size 17" x 15" x 13.5" 19" x 19" x 19" OUTER CARTON BOX Qty 32K 10K Gr Wt 31 kgs 15 kgs
Web Site: WWW.PS-PFS.COM
+0 -0.1 3.3
0.10 11.95 +0.1 R2.5 -0 7.6


▲Up To Search▲   

 
Price & Availability of CRD13003BC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X