Part Number Hot Search : 
74HC595A BUT11ATU 1N400 2N548400 1PMT5312 3100L ATS03 CR123
Product Description
Full Text Search
 

To Download BC1602F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BO LYMIN
BC1602F
Feature
1. COB with metal frame 2. 5x7 dots with cursor 3. Built-in controller KS0066 or equivalent 4. + 5V single power supply 5. 1/16 duty cycle 6. LED B/L pins:A/K, or 1/2 7. Option: LED array/edge B/L, EL B/L 8. Option: +3V single power supply 9. Option: negative voltage (built-in, external) 10. Option: LCD Vop fix on 5V (-20 oC~+70 oC)
Mechanical Data Item Standard Value Module Dimension 85.0 x 32.6 Viewing Area 66.0 x 16.0 Dot Size 0.55 x 0.65 Character Size 2.95 x 5.55 Pin Assignment Pin Symbol 1 Vss 2 Vdd 3 Vo 4 RS 5 R/W 6 E 7~14 DB0~7 Function Unit mm mm mm mm
Electronic Characteristics
Item Input Voltage Supply Current LCD Driving Voltage LED Forward Voltage Symbol Condition Vdd Idd Vdd-Vo Vf If If Vel Vdd = +5V Vdd = +5V 70 oC 25 oC -20 oC
Value
5.0 1.2
TYP
Unit V mA
GND +5V(+3V option) Contrast adjustment H/L register select signal H/L read/write signal H --> L enable signal H/L data bus line
25 oC 25 oC 25 oC
3.6 4.0 5.0
Option
5.0 5.0 5.0
V V mA mA V
4.2 100 20
EL Power Voltage
Array LED Forward Current Edge LED Forward Current
Vel=110Vac/400Hz
Dimension
85.0 0.5 71.2 66.0(VA) 56.2(AA) 8.9(E 12. /L) L) 8.6 (LED B/L) 4.8 (EL or No B/L) 55 5 0.6 0.56
7 1.7 3.7 8.3 10.55
1.5
0.6
32.6 0. 2 9 .2 25.2 16 0(VA)
6-O1.0 PTH 0.4 43.5 2-R1.25 PTH 2-R2.5 PAD 79.0 1.6 T SIZE SCALE 5/1
3.0
5.95 5.55 0.7 0.66


▲Up To Search▲   

 
Price & Availability of BC1602F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X