Part Number Hot Search : 
2SJ19 34671 0300L P4SMAJ17 BD239D TA8100 TDA20 L200C
Product Description
Full Text Search
 

To Download B39321-R822-H210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet R 822
SAW Components Resonator Data Sheet
R 822 319,508 MHz
Ceramic package QCC4A
Features
s 1-port resonator s Provides reliable, fundamental mode, quartz fre1,2
1
quency stabilization i.e. in transmitters or local oscillators s Protection layer: Elpas s AEC-Q200 qualified component family Terminals
s Ni, gold plated
0,8 4
3
0,5
3,5
1,45
5,0
Dimensions in mm, approx. weight 0,1 g
Pin configuration
C1
1 3 2,4
Input Output, grounded in 1-port conf. Ground (case)
R1
L1
C0
1
3
Type R 822
Ordering code B39321-R 822-H210
Marking and Package according to C61157-A7-A86
Packing according to F61074-V8175-Z000
Electrostatic Sensitive Device (ESD)
Maximum ratings Operable temperature range Storage temperature range DC voltage Source power
TA Tstg VDC Ps
-40/+125 -40/+125 12 0
C C V dBm
between any terminals
2
Dec 07, 2004
2
SAW Components Resonator Data Sheet
Characteristics Reference temperature: Terminating source impedance: Terminating load impedance:
R 822 319,508 MHz
TA = 25 C ZS = 50 ZL = 50
min. Center frequency 1)
typ. 319,508 1,5 11000 -- 2,145 115,70 19 2,70 -0,032 --
max. 319,583 MHz 1,9 -- -50/+50 ppm -- -- 25 -- -- 50 fF H pF ppm/K2 C dB
fc
min
319,433 -- 8500 --
Minimum insertion attenuation Unloaded quality factor Ageing of fc Equivalent circuit elements Motional capacitance Motional inductance Motional resistance Parallel capacitance 2) Temperature coefficient of frequency 3) Turnover temperature
1) Center 2) If
QU
C1 L1 R1 C0 TCf T0
-- -- -- -- -- 20
frequency is defined as maximum of the real part of the admittance dependence of fc:
used in two port configuration (pin 1-input, pin 3-output) C0 is reduced by approx. 0,3 pF.
3)Temperature
fc(TA) = fc(T0)(1 + TCf(TA - T0)2)
3
Dec 07, 2004
SAW Components Resonator Data Sheet
R 822 319,508 MHz
Published by EPCOS AG Surface Acoustic Wave Components Division, SAW CE AE PD P.O. Box 80 17 09, D-81617 Munchen (c) EPCOS AG 2004. All Rights Reserved. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. The information contained in this brochure describes the type of component and shall not be considered as guaranteed characteristics. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
4
Dec 07, 2004


▲Up To Search▲   

 
Price & Availability of B39321-R822-H210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X