Part Number Hot Search : 
UNR31A1 UNR1111 49100 BPC3504 052418 CEB7050 LM334AZT CX20529
Product Description
Full Text Search
 

To Download ATMEGA165P-16AU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* High Performance, Low Power AVR(R) 8-Bit Microcontroller * Advanced RISC Architecture
- 130 Powerful Instructions - Most Single Clock Cycle Execution - 32 x 8 General Purpose Working Registers - Fully Static Operation - Up to 16 MIPS Throughput at 16 MHz - On-Chip 2-cycle Multiplier High Endurance Non-volatile Memory segments - 16K Bytes of In-System Self-programmable Flash program memory - 512 Bytes EEPROM - 1K Bytes Internal SRAM - Write/Erase cyles: 10,000 Flash/100,000 EEPROM(1)(3) - Data retention: 20 years at 85C/100 years at 25C(2)(3) - Optional Boot Code Section with Independent Lock Bits In-System Programming by On-chip Boot Program True Read-While-Write Operation - Programming Lock for Software Security JTAG (IEEE std. 1149.1 compliant) Interface - Boundary-scan Capabilities According to the JTAG Standard - Extensive On-chip Debug Support - Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface Peripheral Features - Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode - One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture Mode - Real Time Counter with Separate Oscillator - Four PWM Channels - 8-channel, 10-bit ADC - Programmable Serial USART - Master/Slave SPI Serial Interface - Universal Serial Interface with Start Condition Detector - Programmable Watchdog Timer with Separate On-chip Oscillator - On-chip Analog Comparator - Interrupt and Wake-up on Pin Change Special Microcontroller Features - Power-on Reset and Programmable Brown-out Detection - Internal Calibrated Oscillator - External and Internal Interrupt Sources - Five Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, and Standby I/O and Packages - 54 Programmable I/O Lines - 64-lead TQFP and 64-pad QFN/MLF Speed Grade: - ATmega165PV: 0 - 4 MHz @ 1.8 - 5.5V, 0 - 8 MHz @ 2.7 - 5.5V - ATmega165P: 0 - 8 MHz @ 2.7 - 5.5V, 0 - 16 MHz @ 4.5 - 5.5V Temperature range: - -40C to 85C Industrial Ultra-Low Power Consumption - Active Mode: 1 MHz, 1.8V: 330 A 32 kHz, 1.8V: 10 A (including Oscillator) - Power-down Mode: 0.1 A at 1.8V - Power-save Mode: 0.6 A at 1.8V(Including 32 kHz RTC)
*
*
*
8-bit Microcontroller with 16K Bytes In-System Programmable Flash ATmega165P ATmega165PV Preliminary Summary
*
* * * *
Notes:
1. Worst case temperature. Guaranteed after last write cycle. 2. Failure rate less than 1 ppm. 3. Characterized through accelerated tests.
8019IS-AVR-08/07
ATmega165P
1. Pin Configurations
Figure 1-1. Pinout ATmega165P
PF5 (ADC5/TMS) PF6 (ADC6/TDO) PF4 (ADC4/TCK) PF7 (ADC7/TDI) PF0 (ADC0) PF1 (ADC1) PF2 (ADC2) PF3 (ADC3)
AVCC
AREF
GND
GND
VCC
PA0
PA1 50
61
60
59
58
57
56
55
54
53
52
51
64
63
62
49
PA2
DNC (RXD/PCINT0) PE0 (TXD/PCINT1) PE1 (XCK/AIN0/PCINT2) PE2 (AIN1/PCINT3) PE3 (USCK/SCL/PCINT4) PE4 (DI/SDA/PCINT5) PE5 (DO/PCINT6) PE6 (CLKO/PCINT7) PE7 (SS/PCINT8) PB0 (SCK/PCINT9) PB1 (MOSI/PCINT10) PB2 (MISO/PCINT11) PB3 (OC0A/PCINT12) PB4 (OC1A/PCINT13) PB5 (OC1B/PCINT14) PB6
1 2 INDEX CORNER 3 4 5 6 7 8 9 10 11 12 13 14 15 16
22 23 24 25 26 27 28 (OC2A/PCINT15) PB7 17 (T1) PG3 18 (T0) PG4 19 RESET/PG5 20 VCC 21 29 PD5 30 PD6 31 PD7 32
48 PA3 47 PA4 46 PA5 45 PA6 44 PA7 43 PG2 42 PC7 41 PC6 40 PC5 39 PC4 38 PC3 37 PC2 36 PC1 35 PC0 34 PG1 33 PG0
(TOSC2) XTAL2
(TOSC1) XTAL1
(ICP1) PD0
(INT0) PD1
GND
PD2
PD3
Note:
The large center pad underneath the QFN/MLF packages is made of metal and internally connected to GND. It should be soldered or glued to the board to ensure good mechanical stability. If the center pad is left unconnected, the package might loosen from the board.
1.1
Disclaimer
Typical values contained in this datasheet are based on simulations and characterization of other AVR microcontrollers manufactured on the same process technology. Min and Max values will be available after the device is characterized.
PD4
2
8019IS-AVR-08/07
ATmega165P
2. Overview
The ATmega165P is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATmega165P achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.
2.1
Block Diagram
Block Diagram
Figure 2-1.
PF0 - PF7
PA0 - PA7
PC0 - PC7
VCC GND PORTF DRIVERS PORTA DRIVERS PORTC DRIVERS
DATA REGISTER PORTF
DATA DIR. REG. PORTF
DATA REGISTER PORTA
DATA DIR. REG. PORTA
DATA REGISTER PORTC
DATA DIR. REG. PORTC
8-BIT DATA BUS
AVCC ADC AREF INTERNAL OSCILLATOR
CALIB. OSC
OSCILLATOR JTAG TAP PROGRAM COUNTER STACK POINTER WATCHDOG TIMER
TIMING AND CONTROL
ON-CHIP DEBUG
PROGRAM FLASH
SRAM
MCU CONTROL REGISTER
BOUNDARYSCAN
INSTRUCTION REGISTER
GENERAL PURPOSE REGISTERS
X Y Z
TIMER/ COUNTERS
PROGRAMMING LOGIC
INSTRUCTION DECODER
INTERRUPT UNIT
RESET
CONTROL LINES
ALU
EEPROM
AVR CPU
STATUS REGISTER
USART
UNIVERSAL SERIAL INTERFACE
SPI
ANALOG COMPARATOR
DATA REGISTER PORTE
DATA DIR. REG. PORTE
DATA REGISTER PORTB
DATA DIR. REG. PORTB
DATA REGISTER PORTD
DATA DIR. REG. PORTD
DATA REG. PORTG
XTAL1
XTAL2
DATA DIR. REG. PORTG
+ -
PORTE DRIVERS
PORTB DRIVERS
PORTD DRIVERS
PORTG DRIVERS
PE0 - PE7
PB0 - PB7
PD0 - PD7
PG0 - PG4
3
8019IS-AVR-08/07
ATmega165P
The AVR core combines a rich instruction set with 32 general purpose working registers. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs up to ten times faster than conventional CISC microcontrollers. The ATmega165P provides the following features: 16K bytes of In-System Programmable Flash with Read-While-Write capabilities, 512 bytes EEPROM, 1K byte SRAM, 53 general purpose I/O lines, 32 general purpose working registers, a JTAG interface for Boundary-scan, On-chip Debugging support and programming, three flexible Timer/Counters with compare modes, internal and external interrupts, a serial programmable USART, Universal Serial Interface with Start Condition Detector, an 8-channel, 10-bit ADC, a programmable Watchdog Timer with internal Oscillator, an SPI serial port, and five software selectable power saving modes. The Idle mode stops the CPU while allowing the SRAM, Timer/Counters, SPI port, and interrupt system to continue functioning. The Power-down mode saves the register contents but freezes the Oscillator, disabling all other chip functions until the next interrupt or hardware reset. In Power-save mode, the asynchronous timer continues to run, allowing the user to maintain a timer base while the rest of the device is sleeping. The ADC Noise Reduction mode stops the CPU and all I/O modules except asynchronous timer and ADC, to minimize switching noise during ADC conversions. In Standby mode, the crystal/resonator Oscillator is running while the rest of the device is sleeping. This allows very fast start-up combined with low-power consumption. The device is manufactured using Atmel's high density non-volatile memory technology. The On-chip ISP Flash allows the program memory to be reprogrammed In-System through an SPI serial interface, by a conventional non-volatile memory programmer, or by an On-chip Boot program running on the AVR core. The Boot program can use any interface to download the application program in the Application Flash memory. Software in the Boot Flash section will continue to run while the Application Flash section is updated, providing true Read-While-Write operation. By combining an 8-bit RISC CPU with In-System Self-Programmable Flash on a monolithic chip, the Atmel ATmega165P is a powerful microcontroller that provides a highly flexible and cost effective solution to many embedded control applications. The ATmega165P AVR is supported with a full suite of program and system development tools including: C Compilers, Macro Assemblers, Program Debugger/Simulators, In-Circuit Emulators, and Evaluation kits.
2.2
2.2.1
Pin Descriptions
VCC Digital supply voltage.
2.2.2
GND Ground.
2.2.3
Port A (PA7..PA0) Port A is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port A output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port A pins that are externally pulled low will source current if the pull-up resistors are activated. The Port A pins are tri-stated when a reset condition becomes active, even if the clock is not running.
4
8019IS-AVR-08/07
ATmega165P
2.2.4 Port B (PB7:PB0) Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port B output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port B pins that are externally pulled low will source current if the pull-up resistors are activated. The Port B pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port B has better driving capabilities than the other ports. Port B also serves the functions of various special features of the ATmega165P as listed on "Alternate Functions of Port B" on page 70. 2.2.5 Port C (PC7:PC0) Port C is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port C output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port C pins that are externally pulled low will source current if the pull-up resistors are activated. The Port C pins are tri-stated when a reset condition becomes active, even if the clock is not running. 2.2.6 Port D (PD7:PD0) Port D is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port D output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port D pins that are externally pulled low will source current if the pull-up resistors are activated. The Port D pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port D also serves the functions of various special features of the ATmega165P as listed on "Alternate Functions of Port D" on page 73. 2.2.7 Port E (PE7:PE0) Port E is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port E output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port E pins that are externally pulled low will source current if the pull-up resistors are activated. The Port E pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port E also serves the functions of various special features of the ATmega165P as listed on "Alternate Functions of Port E" on page 74. 2.2.8 Port F (PF7:PF0) Port F serves as the analog inputs to the A/D Converter. Port F also serves as an 8-bit bi-directional I/O port, if the A/D Converter is not used. Port pins can provide internal pull-up resistors (selected for each bit). The Port F output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port F pins that are externally pulled low will source current if the pull-up resistors are activated. The Port F pins are tri-stated when a reset condition becomes active, even if the clock is not running. If the JTAG interface is enabled, the pull-up resistors on pins PF7(TDI), PF5(TMS), and PF4(TCK) will be activated even if a reset occurs. Port F also serves the functions of the JTAG interface, see "Alternate Functions of Port F" on page 77 5
8019IS-AVR-08/07
ATmega165P
2.2.9 Port G (PG5:PG0) Port G is a 6-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port G output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port G pins that are externally pulled low will source current if the pull-up resistors are activated. The Port G pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port G also serves the functions of various special features of the ATmega165P as listed on page 79. 2.2.10 RESET Reset input. A low level on this pin for longer than the minimum pulse length will generate a reset, even if the clock is not running. The minimum pulse length is given in Table 26-4 on page 306. Shorter pulses are not guaranteed to generate a reset. 2.2.11 XTAL1 Input to the inverting Oscillator amplifier and input to the internal clock operating circuit. 2.2.12 XTAL2 Output from the inverting Oscillator amplifier. 2.2.13 AVCC AVCC is the supply voltage pin for Port F and the A/D Converter. It should be externally connected to VCC, even if the ADC is not used. If the ADC is used, it should be connected to VCC through a low-pass filter. 2.2.14 AREF This is the analog reference pin for the A/D Converter.
3. Resources
A comprehensive set of development tools, application notes and datasheets are available for download on http://www.atmel.com/avr.
6
8019IS-AVR-08/07
ATmega165P
4. Register Summary
Address
(0xFF) (0xFE) (0xFD) (0xFC) (0xFB) (0xFA) (0xF9) (0xF8) (0xF7) (0xF6) (0xF5) (0xF4) (0xF3) (0xF2) (0xF1) (0xF0) (0xEF) (0xEE) (0xED) (0xEC) (0xEB) (0xEA) (0xE9) (0xE8) (0xE7) (0xE6) (0xE5) (0xE4) (0xE3) (0xE2) (0xE1) (0xE0) (0xDF) (0xDE) (0xDD) (0xDC) (0xDB) (0xDA) (0xD9) (0xD8) (0xD7) (0xD6) (0xD5) (0xD4) (0xD3) (0xD2) (0xD1) (0xD0) (0xCF) (0xCE) (0xCD) (0xCC) (0xCB) (0xCA) (0xC9) (0xC8) (0xC7) (0xC6) (0xC5) (0xC4) (0xC3) (0xC2) (0xC1) (0xC0)
Name
Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved UDR0 UBRR0H UBRR0L Reserved UCSR0C UCSR0B UCSR0A
Bit 7
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
Bit 6
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
Bit 5
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
Bit 4
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
Bit 3
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
Bit 2
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
Bit 1
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
Bit 0
- - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
Page
USART0 I/O Data Register USART0 Baud Rate Register High USART0 Baud Rate Register Low - - RXCIE0 RXC0 - UMSEL0 TXCIE0 TXC0 - UPM01 UDRIE0 UDRE0 - UPM00 RXEN0 FE0 - USBS0 TXEN0 DOR0 - UCSZ01 UCSZ02 UPE0 - UCSZ00 RXB80 U2X0 - UCPOL0 TXB80 MPCM0
183 187 187 183 183 183
7
8019IS-AVR-08/07
ATmega165P
Address
(0xBF) (0xBE) (0xBD) (0xBC) (0xBB) (0xBA) (0xB9) (0xB8) (0xB7) (0xB6) (0xB5) (0xB4) (0xB3) (0xB2) (0xB1) (0xB0) (0xAF) (0xAE) (0xAD) (0xAC) (0xAB) (0xAA) (0xA9) (0xA8) (0xA7) (0xA6) (0xA5) (0xA4) (0xA3) (0xA2) (0xA1) (0xA0) (0x9F) (0x9E) (0x9D) (0x9C) (0x9B) (0x9A) (0x99) (0x98) (0x97) (0x96) (0x95) (0x94) (0x93) (0x92) (0x91) (0x90) (0x8F) (0x8E) (0x8D) (0x8C) (0x8B) (0x8A) (0x89) (0x88) (0x87) (0x86) (0x85) (0x84) (0x83) (0x82) (0x81) (0x80) (0x7F) (0x7E)
Name
Reserved Reserved Reserved Reserved Reserved USIDR USISR USICR Reserved ASSR Reserved Reserved OCR2A TCNT2 Reserved TCCR2A Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved OCR1BH OCR1BL OCR1AH OCR1AL ICR1H ICR1L TCNT1H TCNT1L Reserved TCCR1C TCCR1B TCCR1A DIDR1 DIDR0
Bit 7
- - - - - USISIF USISIE - - - -
Bit 6
- - - - - USIOIF USIOIE - - -
Bit 5
- - - - - USIPF USIWM1 - - - -
Bit 4
- - - - - USIDC USIWM0 - EXCLK - -
Bit 3
- - - - -
Bit 2
- - - - - USICNT2 USICS0 - TCN2UB - -
Bit 1
- - - - - USICNT1 USICLK - OCR2UB - -
Bit 0
- - - - -
Page
USI Data Register USICNT3 USICS1 - AS2 - - USICNT0 USITC - TCR2UB - -
200 200 201 149
Timer/Counter2 Output Compare Register A Timer/Counter2 (8-bit) - FOC2A - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - WGM20 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - COM2A1 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - COM2A0 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - WGM21 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - CS22 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - CS21 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - CS20 - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
148 148 146
Timer/Counter1 - Output Compare Register B High Byte Timer/Counter1 - Output Compare Register B Low Byte Timer/Counter1 - Output Compare Register A High Byte Timer/Counter1 - Output Compare Register A Low Byte Timer/Counter1 - Input Capture Register High Byte Timer/Counter1 - Input Capture Register Low Byte Timer/Counter1 - Counter Register High Byte Timer/Counter1 - Counter Register Low Byte - FOC1A ICNC1 COM1A1 - ADC7D - FOC1B ICES1 COM1A0 - ADC6D - - - COM1B1 - ADC5D - - WGM13 COM1B0 - ADC4D - - WGM12 - - ADC3D - - CS12 - - ADC2D - - CS11 WGM11 AIN1D ADC1D - - CS10 WGM10 AIN0D ADC0D
125 125 125 125 126 126 125 125 124 123 121 207 225
8
8019IS-AVR-08/07
ATmega165P
Address
(0x7D) (0x7C) (0x7B) (0x7A) (0x79) (0x78) (0x77) (0x76) (0x75) (0x74) (0x73) (0x72) (0x71) (0x70) (0x6F) (0x6E) (0x6D) (0x6C) (0x6B) (0x6A) (0x69) (0x68) (0x67) (0x66) (0x65) (0x64) (0x63) (0x62) (0x61) (0x60) 0x3F (0x5F) 0x3E (0x5E) 0x3D (0x5D) 0x3C (0x5C) 0x3B (0x5B) 0x3A (0x5A) 0x39 (0x59) 0x38 (0x58) 0x37 (0x57) 0x36 (0x56) 0x35 (0x55) 0x34 (0x54) 0x33 (0x53) 0x32 (0x52) 0x31 (0x51) 0x30 (0x50) 0x2F (0x4F) 0x2E (0x4E) 0x2D (0x4D) 0x2C (0x4C) 0x2B (0x4B) 0x2A (0x4A) 0x29 (0x49) 0x28 (0x48) 0x27 (0x47) 0x26 (0x46) 0x25 (0x45) 0x24 (0x44) 0x23 (0x43) 0x22 (0x42) 0x21 (0x41) 0x20 (0x40) 0x1F (0x3F) 0x1E (0x3E) 0x1D (0x3D) 0x1C (0x3C)
Name
Reserved ADMUX ADCSRB ADCSRA ADCH ADCL Reserved Reserved Reserved Reserved Reserved Reserved Reserved TIMSK2 TIMSK1 TIMSK0 Reserved PCMSK1 PCMSK0 Reserved EICRA Reserved Reserved OSCCAL Reserved PRR Reserved Reserved CLKPR WDTCR SREG SPH SPL Reserved Reserved Reserved Reserved Reserved SPMCSR Reserved MCUCR MCUSR SMCR Reserved OCDR ACSR Reserved SPDR SPSR SPCR GPIOR2 GPIOR1 Reserved Reserved OCR0A TCNT0 Reserved TCCR0A GTCCR EEARH EEARL EEDR EECR GPIOR0 EIMSK EIFR
Bit 7
- REFS1 - ADEN
Bit 6
- REFS0 ACME ADSC
Bit 5
- ADLAR - ADATE
Bit 4
- MUX4 - ADIF
Bit 3
- MUX3 - ADIE
Bit 2
- MUX2 ADTS2 ADPS2
Bit 1
- MUX1 ADTS1 ADPS1
Bit 0
- MUX0 ADTS0 ADPS0
Page
221 206, 225 223 224 224
ADC Data Register High byte ADC Data Register Low byte - - - - - - - - - - - PCINT15 PCINT7 - - - - - - - - CLKPCE - I - SP7 - - - - - - - - - - - PCINT14 PCINT6 - - - - - - - - - - T - SP6 - - - - - - - - ICIE1 - - PCINT13 PCINT5 - - - - - - - - - - H - SP5 - - - - - - - - - - - PCINT12 PCINT4 - - - - - - - - - WDCE S - SP4 - - - - - - - - - - - PCINT11 PCINT3 - - - - - PRTIM1 - - CLKPS3 WDE V - SP3 - - - - - - - - OCIE1B - - PCINT10 PCINT2 - - - - - PRSPI - - CLKPS2 WDP2 N SP10 SP2 - - - - - - - OCIE2A OCIE1A OCIE0A - PCINT9 PCINT1 - ISC01 - - - PRUSART0 - - CLKPS1 WDP1 Z SP9 SP1 - - - - - - - TOIE2 TOIE1 TOIE0 - PCINT8 PCINT0 - ISC00 - -
149 126 98 60 61 59
Oscillator Calibration Register - PRADC - - CLKPS0 WDP0 C SP8 SP0
35 42
35 51 10 13 13
SPMIE - JTD - - - IDRD/OCD ACD - SPIF SPIE
RWWSB - - - - - OCDR6 ACBG - WCOL SPE
- - - - - - OCDR5 ACO - - DORD
RWWSRE - PUD JTRF - - OCDR4 ACI - - MSTR
BLBSET - - WDRF SM2 - OCDR3 ACIE -
PGWRT - - BORF SM1 - OCDR2 ACIC - - CPHA
PGERS - IVSEL EXTRF SM0 - OCDR1 ACIS1 - - SPR1
SPMEN - IVCE PORF SE - OCDR0 ACIS0 -
268 57, 81, 253 253 42 232 206 160
SPI Data Register - CPOL SPI2X SPR0
159 158 26 26
General Purpose I/O Register 2 General Purpose I/O Register 1 - - - - - - - - - - - - - - - -
Timer/Counter0 Output Compare Register A Timer/Counter0 (8 Bit) - FOC0A TSM - - WGM00 - - - COM0A1 - - - COM0A0 - - - WGM01 - - - CS02 - - - CS01 PSR2 - - CS00 PSR10 EEAR8
97 97 95 130, 150 25 25 25
EEPROM Address Register Low Byte EEPROM Data Register - PCIE1 PCIF1 - PCIE0 PCIF0 - - - - - - EERIE - - EEMWE - - EEWE - - EERE INT0 INTF0 General Purpose I/O Register 0
25 26 59 60
9
8019IS-AVR-08/07
ATmega165P
Address
0x1B (0x3B) 0x1A (0x3A) 0x19 (0x39) 0x18 (0x38) 0x17 (0x37) 0x16 (0x36) 0x15 (0x35) 0x14 (0x34) 0x13 (0x33) 0x12 (0x32) 0x11 (0x31) 0x10 (0x30) 0x0F (0x2F) 0x0E (0x2E) 0x0D (0x2D) 0x0C (0x2C) 0x0B (0x2B) 0x0A (0x2A) 0x09 (0x29) 0x08 (0x28) 0x07 (0x27) 0x06 (0x26) 0x05 (0x25) 0x04 (0x24) 0x03 (0x23) 0x02 (0x22) 0x01 (0x21) 0x00 (0x20)
Name
Reserved Reserved Reserved Reserved TIFR2 TIFR1 TIFR0 PORTG DDRG PING PORTF DDRF PINF PORTE DDRE PINE PORTD DDRD PIND PORTC DDRC PINC PORTB DDRB PINB PORTA DDRA PINA
Bit 7
- - - - - - - - - - PORTF7 DDF7 PINF7 PORTE7 DDE7 PINE7 PORTD7 DDD7 PIND7 PORTC7 DDC7 PINC7 PORTB7 DDB7 PINB7 PORTA7 DDA7 PINA7
Bit 6
- - - - - - - - - - PORTF6 DDF6 PINF6 PORTE6 DDE6 PINE6 PORTD6 DDD6 PIND6 PORTC6 DDC6 PINC6 PORTB6 DDB6 PINB6 PORTA6 DDA6 PINA6
Bit 5
- - - - - ICF1 - PORTG5 DDG5 PING5 PORTF5 DDF5 PINF5 PORTE5 DDE5 PINE5 PORTD5 DDD5 PIND5 PORTC5 DDC5 PINC5 PORTB5 DDB5 PINB5 PORTA5 DDA5 PINA5
Bit 4
- - - - - - - PORTG4 DDG4 PING4 PORTF4 DDF4 PINF4 PORTE4 DDE4 PINE4 PORTD4 DDD4 PIND4 PORTC4 DDC4 PINC4 PORTB4 DDB4 PINB4 PORTA4 DDA4 PINA4
Bit 3
- - - - - - - PORTG3 DDG3 PING3 PORTF3 DDF3 PINF3 PORTE3 DDE3 PINE3 PORTD3 DDD3 PIND3 PORTC3 DDC3 PINC3 PORTB3 DDB3 PINB3 PORTA3 DDA3 PINA3
Bit 2
- - - - - OCF1B - PORTG2 DDG2 PING2 PORTF2 DDF2 PINF2 PORTE2 DDE2 PINE2 PORTD2 DDD2 PIND2 PORTC2 DDC2 PINC2 PORTB2 DDB2 PINB2 PORTA2 DDA2 PINA2
Bit 1
- - - - OCF2A OCF1A OCF0A PORTG1 DDG1 PING1 PORTF1 DDF1 PINF1 PORTE1 DDE1 PINE1 PORTD1 DDD1 PIND1 PORTC1 DDC1 PINC1 PORTB1 DDB1 PINB1 PORTA1 DDA1 PINA1
Bit 0
- - - - TOV2 TOV1 TOV0 PORTG0 DDG0 PING0 PORTF0 DDF0 PINF0 PORTE0 DDE0 PINE0 PORTD0 DDD0 PIND0 PORTC0 DDC0 PINC0 PORTB0 DDB0 PINB0 PORTA0 DDA0 PINA0
Page
149 127 98 83 83 83 83 83 83 82 82 83 82 82 82 82 82 82 81 81 81 81 81 81
Note:
1. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses should never be written. 2. I/O Registers within the address range 0x00 - 0x1F are directly bit-accessible using the SBI and CBI instructions. In these registers, the value of single bits can be checked by using the SBIS and SBIC instructions. 3. Some of the Status Flags are cleared by writing a logical one to them. Note that, unlike most other AVRs, the CBI and SBI instructions will only operate on the specified bit, and can therefore be used on registers containing such Status Flags. The CBI and SBI instructions work with registers 0x00 to 0x1F only. 4. When using the I/O specific commands IN and OUT, the I/O addresses 0x00 - 0x3F must be used. When addressing I/O Registers as data space using LD and ST instructions, 0x20 must be added to these addresses. The ATmega165P is a complex microcontroller with more peripheral units than can be supported within the 64 location reserved in Opcode for the IN and OUT instructions. For the Extended I/O space from 0x60 - 0xFF in SRAM, only the ST/STS/STD and LD/LDS/LDD instructions can be used.
10
8019IS-AVR-08/07
ATmega165P
5. Instruction Set Summary
Mnemonics
ADD ADC ADIW SUB SUBI SBC SBCI SBIW AND ANDI OR ORI EOR COM NEG SBR CBR INC DEC TST CLR SER MUL MULS MULSU FMUL FMULS FMULSU RJMP IJMP JMP RCALL ICALL CALL RET RETI CPSE CP CPC CPI SBRC SBRS SBIC SBIS BRBS BRBC BREQ BRNE BRCS BRCC BRSH BRLO BRMI BRPL BRGE BRLT BRHS BRHC BRTS BRTC BRVS Rd,Rr Rd,Rr Rd,Rr Rd,K Rr, b Rr, b P, b P, b s, k s, k k k k k k k k k k k k k k k k k k k
Operands
Rd, Rr Rd, Rr Rdl,K Rd, Rr Rd, K Rd, Rr Rd, K Rdl,K Rd, Rr Rd, K Rd, Rr Rd, K Rd, Rr Rd Rd Rd,K Rd,K Rd Rd Rd Rd Rd Rd, Rr Rd, Rr Rd, Rr Rd, Rr Rd, Rr Rd, Rr k Add two Registers
Description
Rd Rd + Rr
Operation
Flags
Z,C,N,V,H Z,C,N,V,H Z,C,N,V,S Z,C,N,V,H Z,C,N,V,H Z,C,N,V,H Z,C,N,V,H Z,C,N,V,S Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V Z,C,N,V Z,C,N,V,H Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V None Z,C Z,C Z,C Z,C Z,C Z,C None None None None None None None I None Z, N,V,C,H Z, N,V,C,H Z, N,V,C,H None None None None None None None None None None None None None None None None None None None None None
#Clocks
1 1 2 1 1 1 1 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 2 2 2 2 2 2 2 3 3 3 4 4 4 1/2/3 1 1 1 1/2/3 1/2/3 1/2/3 1/2/3 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2
ARITHMETIC AND LOGIC INSTRUCTIONS Add with Carry two Registers Add Immediate to Word Subtract two Registers Subtract Constant from Register Subtract with Carry two Registers Subtract with Carry Constant from Reg. Subtract Immediate from Word Logical AND Registers Logical AND Register and Constant Logical OR Registers Logical OR Register and Constant Exclusive OR Registers One's Complement Two's Complement Set Bit(s) in Register Clear Bit(s) in Register Increment Decrement Test for Zero or Minus Clear Register Set Register Multiply Unsigned Multiply Signed Multiply Signed with Unsigned Fractional Multiply Unsigned Fractional Multiply Signed Fractional Multiply Signed with Unsigned Relative Jump Indirect Jump to (Z) Direct Jump Relative Subroutine Call Indirect Call to (Z) Direct Subroutine Call Subroutine Return Interrupt Return Compare, Skip if Equal Compare Compare with Carry Compare Register with Immediate Skip if Bit in Register Cleared Skip if Bit in Register is Set Skip if Bit in I/O Register Cleared Skip if Bit in I/O Register is Set Branch if Status Flag Set Branch if Status Flag Cleared Branch if Equal Branch if Not Equal Branch if Carry Set Branch if Carry Cleared Branch if Same or Higher Branch if Lower Branch if Minus Branch if Plus Branch if Greater or Equal, Signed Branch if Less Than Zero, Signed Branch if Half Carry Flag Set Branch if Half Carry Flag Cleared Branch if T Flag Set Branch if T Flag Cleared Branch if Overflow Flag is Set Rd Rd + Rr + C Rdh:Rdl Rdh:Rdl + K Rd Rd - Rr Rd Rd - K Rd Rd - Rr - C Rd Rd - K - C Rdh:Rdl Rdh:Rdl - K Rd Rd * Rr Rd Rd * K Rd Rd v Rr Rd Rd v K Rd Rd Rr Rd 0xFF - Rd Rd 0x00 - Rd Rd Rd v K Rd Rd * (0xFF - K) Rd Rd + 1 Rd Rd - 1 Rd Rd * Rd Rd Rd Rd Rd 0xFF R1:R0 Rd x Rr R1:R0 Rd x Rr R1:R0 Rd x Rr
1 R1:R0 (Rd x Rr) << 1 R1:R0 (Rd x Rr) << 1
PC PC + k + 1 PC Z PC k PC PC + k + 1 PC Z PC k PC STACK PC STACK if (Rd = Rr) PC PC + 2 or 3 Rd - Rr Rd - Rr - C Rd - K if (Rr(b)=0) PC PC + 2 or 3 if (Rr(b)=1) PC PC + 2 or 3 if (P(b)=0) PC PC + 2 or 3 if (P(b)=1) PC PC + 2 or 3 if (SREG(s) = 1) then PCPC+k + 1 if (SREG(s) = 0) then PCPC+k + 1 if (Z = 1) then PC PC + k + 1 if (Z = 0) then PC PC + k + 1 if (C = 1) then PC PC + k + 1 if (C = 0) then PC PC + k + 1 if (C = 0) then PC PC + k + 1 if (C = 1) then PC PC + k + 1 if (N = 1) then PC PC + k + 1 if (N = 0) then PC PC + k + 1 if (N V= 0) then PC PC + k + 1 if (N V= 1) then PC PC + k + 1 if (H = 1) then PC PC + k + 1 if (H = 0) then PC PC + k + 1 if (T = 1) then PC PC + k + 1 if (T = 0) then PC PC + k + 1 if (V = 1) then PC PC + k + 1
R1:R0 (Rd x Rr) <<
BRANCH INSTRUCTIONS
11
8019IS-AVR-08/07
ATmega165P
Mnemonics
BRVC BRIE BRID SBI CBI LSL LSR ROL ROR ASR SWAP BSET BCLR BST BLD SEC CLC SEN CLN SEZ CLZ SEI CLI SES CLS SEV CLV SET CLT SEH CLH DATA TRANSFER INSTRUCTIONS MOV MOVW LDI LD LD LD LD LD LD LDD LD LD LD LDD LDS ST ST ST ST ST ST STD ST ST ST STD STS LPM LPM LPM SPM IN OUT Rd, P P, Rr Rd, Z Rd, Z+ Rd, Rr Rd, Rr Rd, K Rd, X Rd, X+ Rd, - X Rd, Y Rd, Y+ Rd, - Y Rd,Y+q Rd, Z Rd, Z+ Rd, -Z Rd, Z+q Rd, k X, Rr X+, Rr - X, Rr Y, Rr Y+, Rr - Y, Rr Y+q,Rr Z, Rr Z+, Rr -Z, Rr Z+q,Rr k, Rr Move Between Registers Copy Register Word Load Immediate Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect with Displacement Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect with Displacement Load Direct from SRAM Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect with Displacement Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect with Displacement Store Direct to SRAM Load Program Memory Load Program Memory Load Program Memory and Post-Inc Store Program Memory In Port Out Port Rd Rr Rd+1:Rd Rr+1:Rr Rd K Rd (X) Rd (X), X X + 1 X X - 1, Rd (X) Rd (Y) Rd (Y), Y Y + 1 Y Y - 1, Rd (Y) Rd (Y + q) Rd (Z) Rd (Z), Z Z+1 Z Z - 1, Rd (Z) Rd (Z + q) Rd (k) (X) Rr (X) Rr, X X + 1 X X - 1, (X) Rr (Y) Rr (Y) Rr, Y Y + 1 Y Y - 1, (Y) Rr (Y + q) Rr (Z) Rr (Z) Rr, Z Z + 1 Z Z - 1, (Z) Rr (Z + q) Rr (k) Rr R0 (Z) Rd (Z) Rd (Z), Z Z+1 (Z) R1:R0 Rd P P Rr None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None 1 1 1 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 3 3 3 1 1 k k k P,b P,b Rd Rd Rd Rd Rd Rd s s Rr, b Rd, b
Operands
Description
Branch if Overflow Flag is Cleared Branch if Interrupt Enabled Branch if Interrupt Disabled Set Bit in I/O Register Clear Bit in I/O Register Logical Shift Left Logical Shift Right Rotate Left Through Carry Rotate Right Through Carry Arithmetic Shift Right Swap Nibbles Flag Set Flag Clear Bit Store from Register to T Bit load from T to Register Set Carry Clear Carry Set Negative Flag Clear Negative Flag Set Zero Flag Clear Zero Flag Global Interrupt Enable Global Interrupt Disable Set Signed Test Flag Clear Signed Test Flag Set Twos Complement Overflow. Clear Twos Complement Overflow Set T in SREG Clear T in SREG Set Half Carry Flag in SREG Clear Half Carry Flag in SREG
Operation
if (V = 0) then PC PC + k + 1 if ( I = 1) then PC PC + k + 1 if ( I = 0) then PC PC + k + 1 I/O(P,b) 1 I/O(P,b) 0 Rd(n+1) Rd(n), Rd(0) 0 Rd(n) Rd(n+1), Rd(7) 0 Rd(0)C,Rd(n+1) Rd(n),CRd(7) Rd(7)C,Rd(n) Rd(n+1),CRd(0) Rd(n) Rd(n+1), n=0..6 Rd(3..0)Rd(7..4),Rd(7..4)Rd(3..0) SREG(s) 1 SREG(s) 0 T Rr(b) Rd(b) T C1 C0 N1 N0 Z1 Z0 I1 I0 S1 S0 V1 V0 T1 T0 H1 H0
Flags
None None None None None Z,C,N,V Z,C,N,V Z,C,N,V Z,C,N,V Z,C,N,V None SREG(s) SREG(s) T None C C N N Z Z I I S S V V T T H H
#Clocks
1/2 1/2 1/2 2 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
BIT AND BIT-TEST INSTRUCTIONS
12
8019IS-AVR-08/07
ATmega165P
Mnemonics
PUSH POP NOP SLEEP WDR BREAK
Operands
Rr Rd Push Register on Stack
Description
STACK Rr Rd STACK Pop Register from Stack No Operation Sleep Watchdog Reset Break
Operation
Flags
None None None
#Clocks
2 2 1 1 1 N/A
MCU CONTROL INSTRUCTIONS (see specific descr. for Sleep function) (see specific descr. for WDR/timer) For On-chip Debug Only None None None
13
8019IS-AVR-08/07
ATmega165P
6. Ordering Information
Speed (MHz)(3) 8 16 Notes: Power Supply 1.8 - 5.5V 2.7 - 5.5V Ordering Code(2) ATmega165PV-8AU ATmega165PV-8MU ATMEGA165P-16AU ATmega165P-16MU Package(1) 64A 64M1 64A 64M1 Operation Range Industrial (-40C to 85C) Industrial (-40C to 85C)
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information and minimum quantities. 2. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also Halide free and fully Green. 3. For Speed vs. VCC, see Figure 26-1 on page 303 and Figure 26-2 on page 304.
Package Type 64A 64M1 64-Lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP) 64-pad, 9 x 9 x 1.0 mm body, lead pitch 0.50 mm, Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)
14
8019IS-AVR-08/07
ATmega165P
7. Packaging Information
7.1 64A
PIN 1 B
PIN 1 IDENTIFIER
e
E1
E
D1 D C
0~7 A1 L
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL A A1 A2 D D1 E MIN - 0.05 0.95 15.75 13.90 15.75 13.90 0.30 0.09 0.45 NOM - - 1.00 16.00 14.00 16.00 14.00 - - - 0.80 TYP MAX 1.20 0.15 1.05 16.25 14.10 16.25 14.10 0.45 0.20 0.75 Note 2 Note 2 NOTE
A2
A
Notes: 1.This package conforms to JEDEC reference MS-026, Variation AEB. 2. Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is 0.25 mm per side. Dimensions D1 and E1 are maximum plastic body size dimensions including mold mismatch. 3. Lead coplanarity is 0.10 mm maximum.
E1 B C L e
10/5/2001 2325 Orchard Parkway San Jose, CA 95131 TITLE 64A, 64-lead, 14 x 14 mm Body Size, 1.0 mm Body Thickness, 0.8 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP) DRAWING NO. 64A REV. B
R
15
8019IS-AVR-08/07
ATmega165P
7.2 64M1
D
Marked Pin# 1 ID
E
C
TOP VIEW
SEATING PLANE
A1 A
K L D2
Pin #1 Corner
0.08 C
SIDE VIEW
1 2 3
Option A
Pin #1 Triangle
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL
Option B
Pin #1 Chamfer (C 0.30)
E2
MIN 0.80 - 0.18 8.90 5.20 8.90 5.20
NOM 0.90 0.02 0.25 9.00 5.40 9.00 5.40 0.50 BSC
MAX 1.00 0.05 0.30 9.10 5.60 9.10 5.60
NOTE
A A1 b D
K b e
Option C
D2
Pin #1 Notch (0.20 R)
E E2 e L
BOTTOM VIEW
0.35 1.25
0.40 1.40
0.45 1.55
Note: 1. JEDEC Standard MO-220, (SAW Singulation) Fig. 1, VMMD. 2. Dimension and tolerance conform to ASMEY14.5M-1994.
K
5/25/06 2325 Orchard Parkway San Jose, CA 95131 TITLE 64M1, 64-pad, 9 x 9 x 1.0 mm Body, Lead Pitch 0.50 mm, 5.40 mm Exposed Pad, Micro Lead Frame Package (MLF) DRAWING NO. 64M1 REV. G
R
16
8019IS-AVR-08/07
ATmega165P
8. Errata
8.1 ATmega165P Rev. G
No known errata.
8.2
ATmega165P Rev. A to F
Not sampled.
17
8019IS-AVR-08/07
ATmega165P
9. Datasheet Revision History
Please note that the referring page numbers in this section are referring to this document. The referring revision in this section are referring to the document revision.
9.1
Rev. I 08/07
1. 2. 3. 4. 5. 6.
Updated "Features" on page 1. Updated bit description in "SREG - AVR Status Register" on page 11. Updated "Starting a Conversion" on page 210. Updated Table 21-6 on page 225. Updated "System and Reset Characteristics" on page 306. Updated representation of bit fields, i.e. from WGM13:0 to WGM1[3:0].
9.2
Rev. H 11/06
1. 2. 3.
Updated "Low-frequency Crystal Oscillator" on page 31. Updated Table 26-6 on page 307. Updated note in Table 26-6 on page 307.
9.3
Rev. G 09/06
1. 2. 3. 4. 5. 6.
Updated "Calibrated Internal RC Oscillator" on page 29. Updated "System Control and Reset" on page 44. Updated Table 7-9 on page 32 and Table 7-10 on page 32. Added note for Table 25-15 on page 286 Updated "Parallel Programming Characteristics" on page 282. Updated "Electrical Characteristics" on page 301.
9.4
Rev. F 08/06
1. 2.
Updated Table 12-12 on page 78. Updated "DC Characteristics" on page 301.
9.5
Rev. E 08/06
1. 2. 3. 4.
Updated "Low-frequency Crystal Oscillator" on page 31. Updated "Device Identification Register" on page 234. Updated "Signature Bytes" on page 273. Added Table 25-6 on page 273.
18
8019IS-AVR-08/07
ATmega165P
9.6 Rev. D 07/06
1. 2. 3. 4. 5. 6.
7. 8.
Updated "Register Description" on page 81. Updated "Fast PWM Mode" on page 90. Updated "Fast PWM Mode" on page 113. Updated Features in "USI - Universal Serial Interface" on page 192. Added "Clock speed considerations." on page 199. Updated Table 13-2 on page 95, Table 13-4 on page 96, Table 14-2 on page 121,Table 14-3 on page 122, Table 14-4 on page 123, Table 16-2 on page 146 and Table 16-4 on page 147. Updated "UCSRnC - USART Control and Status Register n C" on page 185. Updated "Register Summary" on page 347.
9.7
Rev. C 06/06
1. 2. 3. 4.
Updated typos. Updated "Calibrated Internal RC Oscillator" on page 29. Updated "OSCCAL - Oscillator Calibration Register" on page 35. Added Table 26-2 on page 305.
9.8
Rev. B 04/06
1. 1.
Updated "Calibrated Internal RC Oscillator" on page 29. Updated "Sleep Modes" on page 37.
9.9
Rev. A 03/06
1.
Initial revision.
19
8019IS-AVR-08/07
Headquarters
Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
International
Atmel Asia Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-enYvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Product Contact
Web Site www.atmel.com Technical Support avr@atmel.com Sales Contact www.atmel.com/contacts
Literature Requests www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2007 Atmel Corporation. All rights reserved. Atmel(R), logo and combinations thereof AVR (R), and others are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
8019IS-AVR-08/07


▲Up To Search▲   

 
Price & Availability of ATMEGA165P-16AU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X