Part Number Hot Search : 
MCR8DSN MCR8DSN GC140BR ZY110 7E035 BZT52C18 18581237 0GT12
Product Description
Full Text Search
 

To Download ANP21F4S40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ANP
SPECIFICATIONS
Electrical Ratings Electrical Life Contact Resistance Dielectric Strength Actuator Travel Insulation Resistance Operating Temperature Storage Temperature 3A @ 120 VAC, 28VDC; 1A @ 250VAC 50,000 cycles typical < 20 m max initial @ 2-4VDC, 100mA 1500Vrms min .85mm +/- .2mm > 100M min -40C to 85C -40C to 85C
MATERIALS RoHS COMPLIANT
Actuator Housing Cover Bushing Contacts Terminals 6/6 Nylon, Glass Filled DAP - Diallyl Phthalate Stainless Steel Brass, Nickel Plated Brass, Silver Plated Brass, Silver Plated
- E222871
ORDERING INFORMATION
Series: ANP 2 1 F4 ANP Number of Poles: 1 = SPDT 2 = DPDT Switch Function: 1 = ON - (ON) 2 = ON - ON (Latching) Bushing: F4 / N4 = 1/4-40NS / Non-Threaded, Keyway, 6.35mm F9 / N9 = 1/4-40NS / Non-Threaded, Flat, 6.35mm **No bushing is selected if a panel mount frame is selected below Terminals: B = Solder Lug C = PC Pin D = Quick Connect H = Horizontal Mount, Right Angle PC Pin; HS = Snap-in V = Vertical Mount, Right Angle PC Pin S20 = PC Pin with Support Bracket; V20 = Snap-in Support Bracket S25 = PC Pin with Support Bracket; V25 = Snap-in Support Bracket S40 = PC Pin with Support Bracket; V40 = Snap-in Support Bracket Contacts: Q = Silver Plated R = Gold Plated G = Gold over Silver Plated Epoxy Seal: E = Epoxy Seal Actuator Cap / Frame: Blank = None C73 F75 = Snap-in Panel Mount w/ Frame C74 F76 = Snap-in Panel Mount w/ Frame L75 = Snap-in Panel Mount w/ Frame and LED C75 C76 L76 = Snap-in Panel Mount w/ Frame and LED C77
C
Q
E
C742
Actuator Cap / Frame Colors: ** See Cap Options for color availability
www.citswitch.com
page 171 phone - 763.535.2339 fax - 763.535.2194
ANP
SWITCH FUNCTION
Toggle Position
Function
1 SPDT 2
Terminals
ON ON
1-3
(ON) ON
1-2
Toggle Position
Function
1 DPDT 2
Terminals
ON ON
1-3 4-6
(ON) ON
1-2 4-5
BUSHING OPTIONS
PANEL MOUNTING
F4 (Threaded) N4 (Non-Threaded)
F9 (Threaded) N9 (Non-Threaded)
1/4"- 40 Bushings
TERMINAL OPTIONS
B (Single Pole)
B (Double Pole)
C (Single Pole)
C (Double Pole)
D (Single Pole)
D (Double Pole)
www.citswitch.com
page 172 phone - 763.535.2339 fax - 763.535.2194
ANP
TERMINAL OPTIONS
H (HS - Snap-in) = Horizontal Mount, Right Angle PC Pins (Single Pole)
H (HS - Snap-in) = Horizontal Mount, Right Angle PC Pins (Double Pole)
V = Vertical Mount, Right Angle PC Pins (Single Pole)
V = Vertical Mount, Right Angle PC Pins (Double Pole)
www.citswitch.com
page 173 phone - 763.535.2339 fax - 763.535.2194
ANP
TERMINAL OPTIONS
Terminal Option S20-V20 S25-V25
"A" Dimension 11.68 16.00
S20/S25 (V20/V25 - Snap-in Bracket) = PC Pins with Support Bracket (Single Pole)
Terminal Option S20-V20 S25-V25
"A" Dimension 11.68 16.00
S20/S25 (V20/V25 - Snap-in Bracket) = PC Pins with Support Bracket (Double Pole)
Terminal Option
"A" Dimension
S40-V40
16.00
S40 (V40 - Snap-in Bracket) = PC Pins with Support Bracket (Single Pole)
www.citswitch.com
page 174 phone - 763.535.2339 fax - 763.535.2194
ANP
TERMINAL OPTIONS
Terminal Option S40-V40
"A" Dimension 16.00
S40 (V40 - Snap-in Bracket) = PC Pins with Support Bracket (Double Pole)
CONTACT OPTIONS
Designator Contact Material
Q R G Silver Plating Gold over Nickel Plating Gold over Silver Plating
Terminal Material
Silver Plating Gold over Nickel Plating Gold over Silver Plating
Electrical Ratings
3A @ 120 VAC, 28VDC; 1A @ 250VAC .4 VA max @ 20VAC or VDC max .4 VA max @ 20VAC or VDC max or 3A @ 120 VAC, 28VDC; 1A @ 250VAC
CAP OPTIONS
C73_
1 = White, 2 = Black, 3 = Red Contact Factory for other available colors
C74_
1 = White, 2 = Black, 3 = Red Contact Factory for other available colors
C75_
1 = White, 2 = Black, 3 = Red Contact Factory for other available colors
C76_
1 = White, 2 = Black, 3 = Red Contact Factory for other available colors
C77_
1 = White, 2 = Black, 3 = Red Contact Factory for other available colors
www.citswitch.com
page 175 phone - 763.535.2339 fax - 763.535.2194
ANP
FRAME OPTIONS F75_ _
(Insert Cap & Frame Colors Here) Increase the length dimension to 15.75/15.88 for 1.5/3.2 thick panels
Cap Color / Frame Color: 1 = White, 2 = Black, 3 = Red
**Contact factory for other available colors Increase the length dimension to 15.75/15.88 for 1.5/3.2 thick panels
F76_ _
(Insert Cap & Frame Colors Here)
Cap Color / Frame Color: 1 = White, 2 = Black, 3 = Red
**Contact factory for other available colors Increase the length dimension to 15.75/15.88 for 1.5/3.2 thick panels
L75_ _
(Insert Cap, Frame & LED Colors Here)
Cap Color / Frame Color: 1 = White, 2 = Black, 3 = Red
**Contact factory for other available colors Increase the length dimension to 15.75/15.88 for 1.5/3.2 thick panels
L76_ _
(Insert Cap, Frame & LED Colors Here)
Cap Color / Frame Color: 1 = White, 2 = Black, 3 = Red LED Color R = Red, Y = Yellow, G = Green
**Contact factory for other available colors
www.citswitch.com
page 176 phone - 763.535.2339 fax - 763.535.2194
ANP
HARDWARE **Two hex nuts, one lock washer, & one locking ring supplied standard with threaded bushings
Hex Nut
Lock Washer
Locking Ring
Dress Nut
Knurled Nut
Knurled Nut
**For use with F4 bushings
Hex Nut
Lock Washer
Locking Ring
Dress Nut
Knurled Nut
Knurled Nut
**For use with F9 bushings
Cap Shroud A
Cap Shourd B
Cap Shroud C
www.citswitch.com
page 177 phone - 763.535.2339 fax - 763.535.2194


▲Up To Search▲   

 
Price & Availability of ANP21F4S40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X