Part Number Hot Search : 
202050S 003901 AD5556 080020 P3002CA MX5306 EFM301 ATS03
Product Description
Full Text Search
 

To Download AN12948A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part No. Package Code No.
AN12948A
HQFP048-P-0707
Publication date: April 2007
SDF00042AEB
1
AN12948A Contents
Overview Features Package Type Applications .......................................................................................................................... ............................................................................................................................ ...................................................................................................................... ............................................................................................................................ ............................................................................. 3 3 3 3 3 4 5 7 7
................................................................................................................................ .................................................................................................................. ....................................................................................................
Block Diagram (Application Circuit Example) Pin Descriptions Absolute Maximum Ratings
Operating Supply Voltage Range .............................................................................................
SDF00042AEB
2
AN12948A
AN12948A
Audio Power IC for Note PC
Overview
AN12948A is the stereo BTL amplifier which contained the AGC circuit for clip prevention of a speaker output and headphone amplifier within charge pump. This IC performs a mode change by pararel control system. (Standby function ON/OFF change etc.)
Features
In order to realize high efficiency of output power, it adopts CMOS power amplifier circuit . Max. Power: 1.4 W (VCCSP = 5 V, RL = 8 , THD = 10%) 2.2 W (VCCSP = 5 V, RL = 4 , THD = 10%) The resistance and the capacitor of a detector circuit which were being used for the conventional AGC. The filter circuit for the frequency response decision can be composed of the input circuit. Built-in direct drive headphone amplifier within charge pump. STBY function (countermeasure pop noise) The standby terminal of the speaker amplifier and the headphone amplifier is prepared by each of two terminals. When either of two terminals becomes "High", it is standby OFF. AGC ON/OFF function AGC ON Level select function AGC attack time select function AGC recovery time select function Cellular phone measures RF noise prevention Built-in over current protection
Applications
For the notebook personal computer
Package
48-pin plastic quad flat package with heat slug (QFP type)
Type
Silicon monolithic BI-CMOS IC
SDF00042AEB
3
AN12948A
Block Diagram (Application Circuit Example)
SP_INL VCC 3.3 V HP_STBY2 HP_STBY1 Test3 SP_STBY2 SP_STBY1 VREFSP 1 F 10 k VCC 1 F
+
10 k 820 pF
1 F 26 25 GND_SPL
36
35
34
33
32
31
30
29
28
27
Test4
37 REG HP STBY SP STBY ON/OFF ON/OFF Charge Pump
+ 0 dB
Test2
+
N.C.
24 Protector 0 dB +14 dB 23 22 21 +14 dB 20 19 AGC DET 18 17 +14 dB 0 dB 16 15 +14 dB 14 13
VCC_CP 38 + 1 F 39 1 F GND_CP 40 41 1 F
+
_
SP_OUTL RL = 4 to 8
AGCL
VCC_SP VCC_SPL
+
5.0 V
42 43 44 45 46 + _
HP_INL 1 F
10 k
VSS
1 F VCC_SPR 1 F SP_OUTR RL = 4 to 8
+
20 k HP_OUTL 68
+6 dB AGC Control ON/OFF ON Level Attack time Recovery time AGCR
HP_OUTR 68 20 k 10 k
47 _ 48 +6 dB +
0 dB + _
Protector
GND_SPR
HP_INR 1 F
1 VCC_HP
+
2
3
4 AGC_Attack
5
6 AGC_ON/OFF
7
8
9
10 AGC_Recovery1
11 AGC_Recovery2
12
Test1
1 F
AGC_Lv1
AGC_Lv2
10 k 1 F
10 k
SP_INR
Note) This circuit and these circuit constants show an example and do not guarantee the design as a mass-production set.
SDF00042AEB
N.C.
820 pF
4
AN12948A
Pin Descriptions
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 Pin name VCC_HP AGC_Lv1 AGC_Lv2 AGC_Attack Test1 AGC_ON/OFF GND SP_INR PREOUT_R AGC_Recovery1 AGC_Recovery2 N.C. GND_SPR SP_OUTR+ SP_OUTR+ SP_OUTR- SP_OUTR- VCC_SPR VCC_SPL SP_OUTL- SP_OUTL- SP_OUTL+ SP_OUTL+ GND_SPL N.C. Test2 VREFSP PREOUT_L SP_INL GND Test3 VCC Type Power Supply Input Input Input Input Ground Input Output Input Input Ground Output Output Output Output Power supply Power supply Output Output Output Output Ground Input Output Input Ground Power Supply Power Supply for HP amp. AGC-on-level selection AGC-on-level selection AGC-attack-time selection Terminal for testing (please connect to Ground) AGC ON/OFF selection Ground The feedback terminal of SP input amp. R-channel The output terminal of SP input amp. R-channel AGC-recovery-time selection AGC-recovery-time selection N.C. Ground for SP R-channel amp system SP amp. R-channel output (+) SP amp. R-channel output (+) SP amp. R-channel output (-) SP amp. R-channel output (-) Power Supply for SP R-channel amp system Power Supply for SP L-channel amp system SP amp. L-channel output (-) SP amp. L-channel output (-) SP amp. L-channel output (+) SP amp. L-channel output (+) Ground for SP L-channel amp system N.C. Terminal for testing (please connect to Ground) Terminal of reference voltage for SP amp. The output terminal of SP input amp. L-channel The feedback terminal of SP input amp. L-channel Ground Terminal for testing (please connect to Ground) Power Supply VCC Description
SDF00042AEB
5
AN12948A
Pin Descriptions (continued)
Pin No. 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 Pin name SP_STBY1 SP_STBY2 HP_STBY1 HP_STBY2 Test4 VCC_CP C1 GND_CP C2 VSS_CP VSS HP_INL HP_OUTL GND HP_OUTR HP_INR Type Input Input Input Input Power Supply Output Ground Output Output Power supply Input Output Ground Output Input SP Standby On/Off control SP Standby On/Off control HP Standby On/Off control HP Standby On/Off control Terminal for testing (please connect to Ground) Power Supply for Charge pump Capacitor Connect Terminal1 for Charge pump Ground for Charge pump Capacitor Connect Terminal2 for Charge pump Charge pump output Negative Power Supply supplied from Charge pump The feedback terminal of HP amp. L-channel HP amp. L-channel output Ground HP amp. R-channel output The feedback terminal of HP amp. R-channel Description
SDF00042AEB
6
AN12948A
Absolute Maximum Ratings
A No. Parameter Symbol VCC VCC_HP VCC_CP VCC_SPL VCC_SPR 2 3 4 5 Supply current Power dissipation Operating ambient temperature Storage temperature ICC PD Topr Tstg Rating 5.75 V 5.75 355 -30 to +75 -55 to +150 A mW C C *2 *3 *1 Unit Note
1
Supply voltage
Note) *1: The values under the condition not exceeding the above absolute maximum ratings and the power dissipation. *2 : The power dissipation shown is the value at Ta = 75C for the independent (unmounted) IC package with a heat sink. *3 : Except for the power dissipation, operating ambient temperature, and storage temperature, all ratings are for Ta = 25C.
Operating Supply Voltage Range
Parameter Symbol VCC VCC_HP VCC_CP VCC_SPL VCC_SPR Range 3.0 to 5.5 V 4.5 to 5.5 * Unit Note
Supply voltage range
Note) *: The values under the condition not exceeding the above absolute maximum ratings and the power dissipation.
SDF00042AEB
7
Request for your special attention and precautions in using the technical information and semiconductors described in this book
(1) If any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) The technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. Therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) The products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: - Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. - Any applications other than the standard applications intended. (4) The products and product specifications described in this book are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). Especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) Comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (ESD, EOS, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. When using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) This book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.


▲Up To Search▲   

 
Price & Availability of AN12948A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X