Part Number Hot Search : 
LC508 NTE7136 74AC11SJ K4B2G16 TQ144 BDP954 APT5010L 2SK34
Product Description
Full Text Search
 

To Download 85003-0256 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0850030256 Active
din_41612 2.54mm (.100") Pitch DIN 41612 Header, Style C, Vertical, Through Hole, 0.6m (24") Selective Gold (Au), 32 Circuits, Lead free
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series
Agency Certification
CSA UL LR19980 E29179
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Component Type Overview Product Name Style Backplane Connectors 85003 Backplane PCB Header din_41612 IEC 603-2/DIN 41612 C
Physical
Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) First Mate / Last Break Flammability Guide to Mating Part Keying to Mating Part Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style 32 96 400 No 94V-0 No Yes 16 Open Pin Field 3 Vertical 0.157 In 4.00 mm No Yes 0.062 In 1.60 mm Tray 0.100 In 2.54 mm 0.100 In 2.54 mm Yes No -55C to +125C Through Hole
Search Parts in this Series 85003Series Mates With 85042 DIN 41612 Receptacle. 85052 DIN 41612 Header
Electrical
Current - Maximum per Contact Data Rate Voltage - Maximum 2.5A 622.0 Mbps 250V AC (RMS)
Material Info
Reference - Drawing Numbers
Sales Drawing SD-85003-0256
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 85003-0256

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X