Part Number Hot Search : 
BUZ21SMD BD115 M00000 BAV16W06 LS100 00M5T AP9563GM 0722B
Product Description
Full Text Search
 

To Download 71661-2060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0716612060 Active
ebbi_50d 1.27mm (.050") Pitch EBBITM 50D Plug, Right Angle, 60 Circuits, 2.79mm (.110") PC Tail Length
Documents: 3D Model Drawing (PDF)
Product Specification PS-71660 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Overview Product Name PCB Headers 71661 Board-to-Board, Wire-to-Board ebbi_50d EBBITM
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB No 60 60 Black 2,000 No 94V-0 No No None Yes Brass Gold Tin High Temperature Thermoplastic 4 Right Angle 0.110 In 2.79 mm Yes Yes 0.062 In 1.60 mm Tray 0.050 In 1.27 mm 0.050 In 1.27 mm 30 0.76 50 1.30 Yes Yes
Search Parts in this Series 71661Series Mates With EBBITM 50D Receptacle 71660 , 87552
Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
Fully No No -40C to +105C Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 30V
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-70873-084* PS-71660 SDA-71661-2***
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 71661-2060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X