Part Number Hot Search : 
1205D NSC5136A 0110P RM21B HSP45256 27A70 16800 E003081
Product Description
Full Text Search
 

To Download 39-53-2075 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0039532075 Active
1.25mm (.049") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF, 7 Circuits, Lead-free
Agency Certification
UL E29179
General
Product Family Series Overview Product Name FFC/FPC Connectors 5597 ffc_fpc_throughhole N/A
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Color - Resin Contact Position Durability (mating cycles max) Entry Angle Flammability Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire/Cable Type 7 Natural N/A 30 Vertical 94V-0 0.295 In 7.50 mm Phosphor Bronze Tin-Bismuth Tin-Bismuth Polyester 1 Vertical 0.138 In 3.50 mm No None Tray 0.049 In 1.25 mm 40 1 40 1 No No No -20C to +80C Through Hole FFC/FPC
Search Parts in this Series 5597Series
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 200V
Material Info
Old Part Number 5597-07CPB7F
Reference - Drawing Numbers
Packaging Specification SPK-5597-001
Product Specification
Sales Drawing
PS-5597-004, RPS-5597-005, RPS-5597-006, RPS-5597-013, RPS-5597-014, RPS-5597-015, RPS-5597-016, RPS-5597-017 SD-5597-007
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 39-53-2075

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X