Part Number Hot Search : 
2K100 001118 0N30T STRFNFCA DSH126C 2SK226 BC160 UCC3580
Product Description
Full Text Search
 

To Download 2SC3981 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC3981
DESCRIPTION *Collector-Base Breakdown Voltage: V(BR)CBO= 900V(Min.) *Wide Area of Safe Operation *High Speed Switching
*
APPLICATIONS *Designed for high speed switching applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25)
SYMBOL PARAMETER VALUE
UNIT
VCBO
Collector-Base Voltage
VCES
Collector-Emitter Voltage
VCEO
Collector-Emitter Voltage
VEBO IC
Emitter-Base Voltage
w w
scs .i w
900 V 900 V 800 V 7 V 5 A 10 A 3 A
.cn mi e
Collector Current-Continuous
ICM
Collector Current-Peak
IB
B
Base Current-Continuous Collector Power Dissipation @Ta=25
3 W
PC Collector Power Dissipation @TC=25 Tj Junction Temperature 80
150

Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC3981
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 10mA; IB= 0
800
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 3A; IB= 0.6A
B
1.5
V
VBE(sat) ICBO IEBO
Base-Emitter Saturation Voltage
IC= 3A; IB= 0.6A
B
1.5
V A A
Collector Cutoff Current
VCB= 900V; IE= 0 VEB= 7V; IC= 0
50
Emitter Cutoff Current
50
hFE-1
DC Current Gain
IC= 0.1A; VCE= 5V
hFE-2
DC Current Gain
fT
Current-Gain--Bandwidth Product
Switching Times
ton ts tf
Turn-on Time
Storage Time
ww w
scs .i
IC= 3A; VCE= 5V
IC= 0.5A; VCE= 5V; f= 1MHz
.cn mi e
8 6
15
MHz
0.7
s s s
IC= 3A; IB1= 0.6A; IB2= -1.2A; VCC= 250V
2.5
Fall Time
0.3
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of 2SC3981

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X