Part Number Hot Search : 
CFD1933 71308 205402B C4306 R022F KI1563DH MX25L160 UPD63
Product Description
Full Text Search
 

To Download 2SA1986 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SA1986
DESCRIPTION With TO-3P(I) package Complement to type 2SC5358 APPLICATIONS Power amplifier applications Recommend for 80W high fidelity audio frequency amplifier output stage
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3P(I)) and symbol DESCRIPTION
Absolute maximum ratings(Tc=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25ae Open emitter Open base Open collector CONDITIONS VALUE -230 -230 -5 -15 -1.5 150 150 -55~150 ae ae UNIT V V V A A W
JMnic
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SA1986
SYMBOL
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-50mA; IB=0
-230
V
VCEsat VBE
Collector-emitter saturation voltage
IC=-8 A;IB=-0.8A IC=-7A ; VCE=-5V
-3.0
V
Base-emitter voltage
-1.5
V
ICBO
Collector cut-off current
VCB=-230V; IE=0
-5
|I
A
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-5
|I
A
hFE-1
DC current gain
IC=-1A ; VCE=-5V
55
160
hFE-2
DC current gain
IC=-7A ; VCE=-5V
35
fT COB
Transition frequency
IC=-1A ; VCE=-5V IE=0; VCB=-10V;f=1MHz
30
MHz
Output capacitance
360
pF
hFE-1 classifications R 55-110 O 80-160
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1986
Fig.2 Outline dimensions
3
JMnic
Silicon PNP Power Transistors
2SA1986
4


▲Up To Search▲   

 
Price & Availability of 2SA1986

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X