Part Number Hot Search : 
LTC5562 1N825 MAX7490 UPC1253 CX4VSM3 3904U BP5728 Z1SMA43
Product Description
Full Text Search
 

To Download 2SA1141 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
DESCRIPTION With TO-3PFa package Complement to type 2SC2681 High transition frequency APPLICATIONS Audio frequency power amplifier High frequency power amplifier
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
2SA1141
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak TC=25ae PC Collector power dissipation Ta=25ae Tj Tstg Junction temperature Storage temperature 2 150 -55~150 ae ae CONDITIONS Open emitter Open base Open collector VALUE -115 -115 -5 -10 -15 100 W UNIT V V V A A
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SA1141
SYMBOL
MAX
UNIT
VCEsat
Collector-emitter saturation voltage
IC=-4.5A ;IB=-0.45A
-0.7
-1.5
V
VBE ICBO
Base-emitter on voltage
IC=-4.5A ; VCE=-2V VCB=-80V; IE=0
-1.2
-2.0
V
Collector cut-off current
-50
|I
A
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-50
|I
A
hFE -1
DC current gain
IC=-1A ; VCE=-2V
60
200
hFE -2
DC current gain
IC=-4.5A ; VCE=-2V
40
COB
Output capacitance
IE=0 ; VCB=-10V;f=1MHz
390
pF
fT
Transition frequency
IC=-1A ; VCE=-2V
90
MHz
hFE-1 classifications R 60-120 Q 100-200
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1141
Fig.2 Outline dimensions (unindicated tolerance:A
0.30mm)
3


▲Up To Search▲   

 
Price & Availability of 2SA1141

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X