Part Number Hot Search : 
PESD5 VJ1206 MC9S12 78L07 SCN68652 TSH70CD KRA320 M9960
Product Description
Full Text Search
 

To Download 1N414810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148
SWITCHING DIODES
VOLTAGE
100 Volts
POWER
500 mWatts
FEATURES
* Fast switching Speed. * Electrically ldentical to Standerd JEDEC * High Conductance * Axial lead Package ldeally Suited for Automatic lnsertion. * In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
* Terminals: Solderable per MIL-STD-750, Method 2026 * Polarity: See Diagram Below * Approx. Weight: 0.13 grams * Mounting Position: Any * Ordering information: Suffix : " -35 " to order DO-35 Package * Packing information B - 2K per Bulk box T/R - 10K per 13" plastic Reel T/B - 5K per horiz. tape & Ammo box
3.9 3.3
* Case: Molded Glass DO-35
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25C unless otherwise noted)
PARAMETER Peak Reverse Voltage Maximum Average Forward Current at TA=25OC And f >50Hz Surge Forward Current at t < 1s and TJ= =25 OC Power Dissipation at TA= 25
O
SYMBOL VRM IF(AV) IFSM PTOT VF IR CJ trr RJA TJ,TS
1N4148 100 150 500 500 1.0 25 5 50 4 4 300 -65 to +150
UNITS V mA mA mW V nA A A pF ns
O
C
Maximum Forward Voltage at IF =10mA Maximum Leakage Current at VR=20V at VR=75V at VR=20V ,TJ= 150OC Maximum Capacitance at V F =VR=0 Maximum Reverse Recovery Time From IF =-IR =10mA to IRR=-1mA ,VR=6V RL=100 Typical Thermal Resistance Junction Temperature and Storage Temperature Range
C/W
O
C
NOTE: 1. CJ at VR=0, f=1MHZ 2. From IF=10mA to IR=1mA, VR=6Volts, RL=100
REV.0.2-APR.7.2010
PAGE . 1
1N4148
RATING AND CHARACTERISTIC CURVES
A
10
2
I
v=tp / T T=1/fp IFRM T t
IFRM
1
tp
10
V=0
V=0.1 V=0.2 10
0
V=0.3
10 -5 10
-1
10
-4
10
-3
10
-2
10
-1
10
0
10
1
S
tp
Fig.1 ADMISSIBLE REPETITIVE PEAK FORWARD CURRENT VERSUS PULSE DURATION
10
4
10
3
T J =25 C f=1KHz
O
FORWARD RESISTANCE, W
10
3
FORWARD CURRENT, mA
10
2
10
1
10
2
10
0
10
1
10
-1
10 -2 10
0
10
-2
10
-1
10
0
10
1
10
2
0
1 FORWARD VOLTAGE, VOLTS
2
FORWARD CURRENT, mA
Fig.2-DYNAMIC FORWARD RESISTANCE VERSUS FORWARD CURRENT
Fig.3 FORWARD CHARACTERISTICS
POWER DISSIPATION, mW
1.1
500
T J =25 O C f=1KHz
300
CAPACITANCE, pF
100 200
1.0
0.9
0.8
100
0.7
0
0
2
4
6
8
1.0
AMBIENT TEMPERATURE
REVERSE VOLTAGE, VOLTS
Fig.4 DERATING CURVE
Fig.5 TYPICAL JUNCTION CAPACITANCE
REV.0.2-APR.7.2010
PAGE . 2


▲Up To Search▲   

 
Price & Availability of 1N414810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X