Part Number Hot Search : 
3PFT1 T83C51 JANTX2N 2SC2063 SC1406G 89183 MA4E2040 2SA10
Product Description
Full Text Search
 

To Download 0876582006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0876582006 Active
extreme_powerplus_ssi 6.35mm (.250") Pitch, EXTreme PowerPlusTM Header, All Power, Through Hole, Right Angle, 2 Circuits, with Beveled Metal Pin, Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-87631-006 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 87658 Board-to-Board extreme_powerplus_ssi EXTreme PowerPlusTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Overview Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating No 2 2 All Power Black 100 No No No None Yes Copper Alloy Gold Tin High Temperature Thermoplastic 1 Right Angle 0.135 In 3.43 mm Yes Yes 0.062 In 1.57 mm Tray 0.250 In 6.35 mm 0.100 In, 0.150 In 2.54 mm, 3.81 mm 30 0.76 101.6 2.54 Yes Yes Closed Ends No Yes -20C to +105C
Search Parts in this Series 87658Series Mates With 87691 EXTreme PowerPlusTM all Power Receptacle
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 50A 250V DC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 SMC & Wave Capable (TH only) 3 260
Material Info Reference - Drawing Numbers
Application Specification Product Specification Sales Drawing AS-87631-018 PS-87631-006 SD-87658-013
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0876582006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X