Part Number Hot Search : 
ACT64 527277BP G5016 51089 TINY46 ZMM5228B F4585 HCF4040
Product Description
Full Text Search
 

To Download 0751170118 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0751170118 Active
vhdm 2.00mm (.079") Pitch VHDM(R) Board-to-Board Stacker Receptacle, Vertical, 8-Row, 80 Circuits, 0.76m (30") Gold (Au)
Documents: Drawing (PDF) Packaging Specification (PDF)
Product Specification PS-74031-999 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only Backplane Connectors 75117 Daughtercard Tooling Manual Stack Height 18mm (.708"), Lead Free PCB Receptacle vhdm VHDM(R) N/A EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance?
Series
General
Product Family Series Application Application Tooling Documents Comments Component Type Overview Product Name Style
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 80 80 Black 200 No No None Copper-Nickel-Silicon, High Performance Alloy (HPA) Gold Tin-Lead High Temperature Thermoplastic N/A Open Pin Field 8 Vertical None 0.070 In 1.80 mm Tube 0.079 In 2.00 mm 30 0.75 30 0.75 No Yes -55C to +105C Through Hole - Compliant Pin
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 75117Series Mates With 74060 VHDM(R) Board-to-Board Backplane Header Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # VHDM(R) Single 0622021450 Wafer Removal Tool, 8 Row
Electrical
Current - Maximum per Contact Data Rate 1A 3.125 Gbps
Real Signals (per 25mm) Voltage - Maximum
100 120V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Product Specification PS-74031-999 Sales Drawing SD-75117-001 VHDM and Very High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0751170118

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X