Part Number Hot Search : 
8002D 78R00 91600 TDB0155 RD35221K CD537XB DSM1D6 91600
Product Description
Full Text Search
 

To Download 0736443004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0736443004 Active
hdm 2.00mm (.079") Pitch HDM(R) Board-to-Board Backplane Header, Vertical, SMC, PressFit, Guide Post Location B, Polarizing Key Position C, 144 Circuits
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series LR19980 E29179 image - Reference only EU RoHS Not RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed China RoHS
Agency Certification
CSA UL
General
Product Family Series Application Comments Component Type Overview Product Name Style Backplane Connectors 73644 Backplane Standard Press-Fit, Tin/Lead (SnPb) PCB Header hdm HDM(R) N/A
Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB 144 144 Black, Natural 250 No 94V-0 Yes Yes Phosphor Bronze, Stainless Steel Gold Tin High Temperature Thermoplastic 24 Open Pin Field 6 Vertical 0.138 In 3.50 mm No Yes 0.098 In 2.50 mm Tube 0.079 In 2.00 mm 0.079 In 2.00 mm 30 0.75 15 0.375 No
Search Parts in this Series 73644Series Mates With 73632 HDM PLUS(R) Board-to-Board Daughtercard Receptacle. 73780 HDM(R) Board-to-Board Daughtercard Receptacle Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Flat Rock Tooling for 0622013700 Pneumatic Press HDM(R) Backplane 0621001400 Insertion Signal Contact Tool HDM(R) Backplane 0622005703 Insertion Head for 144 Positions Extraction Tool 0621001000
Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
No Yes -55C to +105C Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact Data Rate Real Signals (per 25mm) Shielded Voltage - Maximum 1A 1.0 Gbps 75 No 250V AC
Material Info Reference - Drawing Numbers
Packaging Specification PK-70873-0818 Sales Drawing SDA-73644-**** HDM and High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0736443004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X