Part Number Hot Search : 
SM5841HS PSD83 SK320 TA200216 CRY91 TA8331AN 2N4016 03025001
Product Description
Full Text Search
 

To Download 0674921921 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0674921921 Active
serial_ata_127_host_receptacles 1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 3.55mm (.140"), 0.76m (30") Gold (Au) Plating, without Cap, Embossed Tape on Reel Packaging, 22 Circuits, Lead Free
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF) image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance?
Series
General
Product Family Series Application Overview Product Name PCB Receptacles 67492 Board-to-Board serial_ata_127_host_receptacles Serial ATA
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style 22 22 Black 500 No Yes Yes None 3.55 mm Copper Alloy Gold Tin High Temperature Thermoplastic 1 Right Angle Yes Yes 0.045 In 1.20 mm Embossed Tape on Reel 0.050 In 1.27 mm 0.050 In 1.27 mm 30 0.76 50 1.27 Yes Yes No -35C to +85C Surface Mount
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 67492Series Mates With 87703 , 87672 Serial ATA Plugs
Electrical
Current - Maximum per Contact Voltage - Maximum 1.5A 15V DC
Material Info Reference - Drawing Numbers
Packaging Specification Sales Drawing PK-67492-006 SD-67492-010
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0674921921

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X