Part Number Hot Search : 
HCF45 D5152 334DR 00101 C1651 5A001 BYP25A2 SIR460
Product Description
Full Text Search
 

To Download 0513460800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0513460800 Active
3.30mm (.130") Pitch Wire-to-Wire Plug Housing, Positive Lock, Dual Row, 8 Circuits
Documents: Drawing (PDF) Product Specification PS-51347-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Product Name Crimp Housings 51346 N/A image - Reference only
Series
Physical
Circuits (maximum) Color - Resin Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 8 Natural Male No Yes Nylon 2 Bag No 0.130 In 3.30 mm Yes No -25C to +85C
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Electrical
Current - Maximum per Contact 4A Search Parts in this Series 51346Series SPK-51346-001 PS-51347-001, RPS-51347-004, RPS-51347-005, RPS-51347-006, RPS-51347-007 SD-51346-001 Mates With 51347-0800 Use With 51348 , 56265
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0513460800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X