Part Number Hot Search : 
BCR14110 T7026 FB13N50A G4PH50 A3202 NTE98 20M250 A1103KUA
Product Description
Full Text Search
 

To Download 0510900200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0510900200 Active
2.00mm (.079") Pitch Mi IITM System Wire-to-Board Crimp Housing, Single Row, 2 Circuits
Documents: 3D Model Drawing (PDF) Product Specification PS-51090-003 (PDF) Product Specification PS-51090-004 (PDF) Product Specification PS-51090-007 (PDF)
Product Specification PS-51090-009 (PDF) Product Specification PS-51090-016 (PDF) Product Specification PS-53358-001 (PDF) Product Specification PS-55533-003 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL LR19980 E29179
General
Product Family Series Product Name Crimp Housings 51090 Mi IITM
Physical
Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating 2 Natural 94V-0 Female No Polyester 1 Bag No 0.079 In 2.00 mm No -40C to +105C
Search Parts in this Series 51090Series Mates With 55460 , 53324 , 53325
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification SPK-51090-001 PS-51090-003, PS-51090-004, PS-51090-007, PS-51090-009, PS-51090-016, PS-53358-001, PS-55533-003, RPS-51089-006, RPS-51090-001, RPS-51090-002, RPS-51090-005, RPS-51090-008, RPS-51090-010, RPS-51090-012, RPS-51090-013, RPS-51090-014, RPS-51090-015, RPS-51090-017, RPS-51090-018, RPS-51090-019, RPS-51090-021, RPS-51090-022, RPS-52484-002, RPS-52969-004, RPS-52969-005, RPS-52969-006, RPS-53324-001, RPS-53358-001, RPS-54111-005 SD-51090-**00
Use With 50212 Crimp Terminals
Sales Drawing
This document was generated on 04/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0510900200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X