Part Number Hot Search : 
R010020 TIP122F N5227 LY62L BTA31 BT827 TMP8259 BT8048D
Product Description
Full Text Search
 

To Download 0471510061 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0471510061 Active
high_definition_multimedia_interface_hdmi 0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, Gold (Au) Flash, Front Solder Tab Length 1.80mm (.071"), Shell Nickel (Ni) Plated, without Back Cover, Natural Housing, Tape and Reel Package, 19 Circuits,Lead Free Series Product Specification PS-47152-001 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Documents: 3D Model Drawing (PDF)
General
Product Family Series Application Component Type Overview Product Name Type I/O Connectors 47151 Wire-to-Board Receptacle high_definition_multimedia_interface_hdmi HDMI N/A
Physical
Boot Color Circuits (Loaded) Color - Resin Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire Size AWG N/A 19 Natural Male Yes Yes Copper Alloy Gold Tin-Bismuth 2 Right Angle No Yes Embossed Tape on Reel Without Flange 0.020 In 0.50 mm 0.020 In 0.50 mm 2 0.05 40 1 Yes Yes 1 -20C to +85C Surface Mount No N/A
Search Parts in this Series 47151Series Mates With 88768 HDMI cable assembly, 88764 HDMI Adapter, 88767 HDMI Adapter
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum .5A Yes 40V DC
Material Info Reference - Drawing Numbers
Packaging Specification PK-47151-001 Product Specification PS-47152-001 Sales Drawing SD-47151-001 * High Definition Multimedia Interface and HDMI are trademarks of HDMI Licensing, LLC.
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0471510061

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X